Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD70N03R-1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTD70N03R-1
Description  Power MOSFET 72 A, 25 V, N-Channel DPAK
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD70N03R-1 Datasheet(HTML) 1 Page - ON Semiconductor

  NTD70N03R-1 Datasheet HTML 1Page - ON Semiconductor NTD70N03R-1 Datasheet HTML 2Page - ON Semiconductor NTD70N03R-1 Datasheet HTML 3Page - ON Semiconductor NTD70N03R-1 Datasheet HTML 4Page - ON Semiconductor NTD70N03R-1 Datasheet HTML 5Page - ON Semiconductor NTD70N03R-1 Datasheet HTML 6Page - ON Semiconductor NTD70N03R-1 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2008
March, 2008 - Rev. 10
1
Publication Order Number:
NTD70N03R/D
NTD70N03R
Power MOSFET
72 A, 25 V, N-Channel DPAK
Features
Planar HD3e Process for Fast Switching Performance
Low RDS(on) to Minimize Conduction Loss
Low CISS to Minimize Driver Loss
Low Gate Charge
Pb-Free Packages are Available
MAXIMUM RATINGS (TJ = 25°C Unless otherwise specified)
Parameter
Symbol
Value
Unit
Drain-to-Source Voltage
VDSS
25
Vdc
Gate-to-Source Voltage - Continuous
VGS
±20
Vdc
Thermal Resistance - Junction-to-Case
Total Power Dissipation @ TC = 25°C
Drain Current
- Continuous @ TC = 25°C, Chip
- Continuous @ TC = 25°C, Limited by Package
- Continuous @ TA = 25°C, Limited by Wires
- Single Pulse (tp = 10 ms)
RqJC
PD
ID
ID
ID
IDM
2.4
62.5
72.0
62.8
32
140
°C/W
W
A
A
A
A
Thermal Resistance - Junction-to-Ambient
(Note1)
Total Power Dissipation @ TA = 25°C
Drain Current - Continuous @ TA = 25°C
RqJA
PD
ID
80
1.87
12.0
°C/W
W
A
Thermal Resistance - Junction-to-Ambient
(Note2)
Total Power Dissipation @ TA = 25°C
Drain Current - Continuous @ TA = 25°C
RqJA
PD
ID
110
1.36
10.0
°C/W
W
A
Operating and Storage Temperature Range
TJ, Tstg
-55 to
175
°C
Single Pulse Drain-to-Source Avalanche
Energy - Starting TJ = 25°C
(VDD = 30 Vdc, VGS = 10 Vdc, IL = 12 Apk,
L = 1 mH, RG = 25 W)
EAS
71.7
mJ
Maximum Lead Temperature for Soldering
Purposes, 1/8
″ from Case for 10 s
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. When surface mounted to an FR4 board using 0.5 sq. in. pad size.
2. When surface mounted to an FR4 board using minimum recommended
pad size.
http://onsemi.com
D
S
G
N-Channel
1
Gate
3
Source
2
Drain
4
Drain
DPAK
CASE 369AA
STYLE 2
MARKING DIAGRAMS
70N03
= Device Code
Y
= Year
WW
= Work Week
G
= Pb-Free Package
1 2
3
4
1
Gate
3
Source
2
Drain
4
Drain
DPAK
CASE 369D
STYLE 2
1
2
3
4
25 V
5.6 m
W
RDS(on) TYP
72 A
ID MAX
V(BR)DSS
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION


Similar Part No. - NTD70N03R-1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD70N03R-1 ONSEMI-NTD70N03R-1 Datasheet
91Kb / 7P
   Power MOSFET 72 A, 25 V, N-Channel DPAK
March, 2008 - Rev. 10
NTD70N03R-1G ONSEMI-NTD70N03R-1G Datasheet
91Kb / 7P
   Power MOSFET 72 A, 25 V, N-Channel DPAK
March, 2008 - Rev. 10
logo
VBsemi Electronics Co.,...
NTD70N03R-1G VBSEMI-NTD70N03R-1G Datasheet
995Kb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTD70N03R-1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD70N03R ONSEMI-NTD70N03R Datasheet
91Kb / 7P
   Power MOSFET 72 A, 25 V, N-Channel DPAK
March, 2008 - Rev. 10
NTD65N03R ONSEMI-NTD65N03R Datasheet
74Kb / 8P
   Power MOSFET 25 V, 65 A, Single N-Channel, DPAK
July, 2006 ??Rev. 3
NTD4856N ONSEMI-NTD4856N Datasheet
104Kb / 8P
   Power MOSFET 25 V, 89 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4857N ONSEMI-NTD4857N Datasheet
94Kb / 8P
   Power MOSFET 25 V, 78 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4858N ONSEMI-NTD4858N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 73 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4863N ONSEMI-NTD4863N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 49 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4863NAT4G ONSEMI-NTD4863NAT4G Datasheet
292Kb / 8P
   Power MOSFET 25 V, 49 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 2
NTD4854N ONSEMI-NTD4854N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 128 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
NTD4865N ONSEMI-NTD4865N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 44 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
NTD4855N ONSEMI-NTD4855N Datasheet
99Kb / 8P
   Power MOSFET 25 V, 98 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com