Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD60N02R.35 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTD60N02R.35
Description  Power MOSFET 62 A, 25 V, N?묬hannel, DPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD60N02R.35 Datasheet(HTML) 2 Page - ON Semiconductor

  NTD60N02R.35 Datasheet HTML 1Page - ON Semiconductor NTD60N02R.35 Datasheet HTML 2Page - ON Semiconductor NTD60N02R.35 Datasheet HTML 3Page - ON Semiconductor NTD60N02R.35 Datasheet HTML 4Page - ON Semiconductor NTD60N02R.35 Datasheet HTML 5Page - ON Semiconductor NTD60N02R.35 Datasheet HTML 6Page - ON Semiconductor NTD60N02R.35 Datasheet HTML 7Page - ON Semiconductor NTD60N02R.35 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NTD60N02R
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage (Note 3)
(VGS = 0 Vdc, ID = 250 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
25
27.5
25.5
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 20 Vdc, VGS = 0 Vdc)
(VDS = 20 Vdc, VGS = 0 Vdc, TJ = 150°C)
IDSS
1.5
10
mAdc
Gate−Body Leakage Current (VGS = ±20 Vdc, VDS = 0 Vdc)
IGSS
±100
nAdc
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage (Note 3)
(VDS = VGS, ID = 250 mAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
1.0
1.5
4.1
2.0
Vdc
mV/
°C
Static Drain−to−Source On−Resistance (Note 3)
(VGS = 4.5 Vdc, ID = 15 Adc)
(VGS = 10 Vdc, ID = 20 Adc)
(VGS = 10 Vdc, ID = 31 Adc)
RDS(on)
11.2
8.4
8.2
12.5
10.5
m
W
Forward Transconductance (VDS = 10 Vdc, ID = 15 Adc) (Note 3)
gFS
27
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 20 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
1000
1330
pF
Output Capacitance
Coss
480
640
Transfer Capacitance
Crss
180
225
SWITCHING CHARACTERISTICS (Note 4)
Turn−On Delay Time
(VGS = 10 Vdc, VDD = 10 Vdc,
ID = 31 Adc, RG = 3.0 W)
td(on)
7.0
ns
Rise Time
tr
33
Turn−Off Delay Time
td(off)
19
Fall Time
tf
9.0
Gate Charge
(VGS = 4.5 Vdc, ID = 31 Adc,
VDS = 10 Vdc) (Note 3)
QT
9.5
14
nC
QGS
2.2
QGD
5.0
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage
(IS = 20 Adc, VGS = 0 Vdc) (Note 3)
(IS = 31 Adc, VGS = 0 Vdc)
(IS = 15 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
0.88
1.15
0.80
1.2
Vdc
Reverse Recovery Time
(IS = 31 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/ms) (Note 3)
trr
29.1
ns
ta
13.6
tb
15.5
Reverse Recovery Stored Charge
Qrr
0.02
mC
3. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2%.
4. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTD60N02R.35

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD60N02R ONSEMI-NTD60N02R Datasheet
81Kb / 8P
   Power MOSFET 62 A, 24 V, N-Channel, DPAK
December, 2004 ??Rev. 10
NTD60N02R-001 ONSEMI-NTD60N02R-001 Datasheet
81Kb / 8P
   Power MOSFET 62 A, 24 V, N-Channel, DPAK
December, 2004 ??Rev. 10
logo
VBsemi Electronics Co.,...
NTD60N02R-001 VBSEMI-NTD60N02R-001 Datasheet
1,017Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
ON Semiconductor
NTD60N02R-032 ONSEMI-NTD60N02R-032 Datasheet
81Kb / 8P
   Power MOSFET 62 A, 24 V, N-Channel, DPAK
December, 2004 ??Rev. 10
logo
VBsemi Electronics Co.,...
NTD60N02R-032 VBSEMI-NTD60N02R-032 Datasheet
1,017Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTD60N02R.35

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD78N03R ONSEMI-NTD78N03R Datasheet
215Kb / 8P
   Power MOSFET 25 V, 85 A, Single N?묬hannel, DPAK
August, 2006 ??Rev. 4
NTD78N03-35G ONSEMI-NTD78N03-35G Datasheet
76Kb / 7P
   Power MOSFET 25 V, 78 A, Single N?묬hannel, DPAK
September, 2006 ??Rev. 6
NTD78N03-1G ONSEMI-NTD78N03-1G Datasheet
87Kb / 7P
   Power MOSFET 25 V, 78 A, Single N?묬hannel, DPAK
September, 2006 ??Rev. 6
NTD78N03 ONSEMI-NTD78N03 Datasheet
83Kb / 8P
   Power MOSFET 25 V, 78 A, Single N?묬hannel, DPAK
February, 2005 ??Rev. 0
NTD60N02R ONSEMI-NTD60N02R Datasheet
81Kb / 8P
   Power MOSFET 62 A, 24 V, N-Channel, DPAK
December, 2004 ??Rev. 10
NTD4860N-35G ONSEMI-NTD4860N-35G Datasheet
124Kb / 8P
   25 V, 65 A, Single N?묬hannel, DPAK/IPAK
August, 2014 ??Rev. 2
NTD4302 ONSEMI-NTD4302_10 Datasheet
118Kb / 7P
   Power MOSFET 68 A, 30 V, N?묬hannel DPAK
October, 2010 ??Rev. 8
NTD4302T4G ONSEMI-NTD4302T4G Datasheet
118Kb / 7P
   Power MOSFET 68 A, 30 V, N?묬hannel DPAK
October, 2010 ??Rev. 8
NTD5802NT4G ONSEMI-NTD5802NT4G Datasheet
130Kb / 7P
   Power MOSFET 40 V, Single N?묬hannel, 101 A DPAK
August, 2011 ??Rev. 6
NTD5804N ONSEMI-NTD5804N Datasheet
132Kb / 6P
   Power MOSFET 40 V, 69 A, Single N?묬hannel, DPAK
March, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com