Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD2406.1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTD2406.1G
Description  Power MOSFET 60 Volt, 24 Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD2406.1G Datasheet(HTML) 5 Page - ON Semiconductor

  NTD2406.1G Datasheet HTML 1Page - ON Semiconductor NTD2406.1G Datasheet HTML 2Page - ON Semiconductor NTD2406.1G Datasheet HTML 3Page - ON Semiconductor NTD2406.1G Datasheet HTML 4Page - ON Semiconductor NTD2406.1G Datasheet HTML 5Page - ON Semiconductor NTD2406.1G Datasheet HTML 6Page - ON Semiconductor NTD2406.1G Datasheet HTML 7Page - ON Semiconductor NTD2406.1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NTD24N06
http://onsemi.com
5
24
0
0.6
DRAIN−TO−SOURCE DIODE CHARACTERISTICS
VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
Figure 8. Gate−To−Source and Drain−To−Source
Voltage versus Total Charge
Figure 9. Resistive Switching Time
Variation versus Gate Resistance
RG, GATE RESISTANCE (OHMS)
110
100
1000
1
VGS = 0 V
TJ = 25°C
Figure 10. Diode Forward Voltage versus Current
0
10
6
2
0
QG, TOTAL GATE CHARGE (nC)
12
8
4
12
100
48
28
0.68
0.76
1
4
8
12
ID = 24 A
TJ = 25°C
VGS
Q2
Q1
QT
tr
td(off)
td(on)
tf
10
VDS = 30 V
ID = 24 A
VGS = 10 V
0.84
0.92
16
16
20
20
24
SAFE OPERATING AREA
The Forward Biased Safe Operating Area curves define
the maximum simultaneous drain−to−source voltage and
drain current that a transistor can handle safely when it is
forward biased. Curves are based upon maximum peak
junction temperature and a case temperature (TC) of 25°C.
Peak repetitive pulsed power limits are determined by using
the thermal response data in conjunction with the procedures
discussed in AN569, “Transient Thermal Resistance −
General Data and Its Use.”
Switching between the off−state and the on−state may
traverse any load line provided neither rated peak current
(IDM) nor rated voltage (VDSS) is exceeded and the
transition time (tr,tf) do not exceed 10 ms. In addition the total
power averaged over a complete switching cycle must not
exceed (TJ(MAX) − TC)/(RqJC).
A Power MOSFET designated E−FET can be safely used
in switching circuits with unclamped inductive loads. For
reliable operation, the stored energy from circuit inductance
dissipated in the transistor while in avalanche must be less
than the rated limit and adjusted for operating conditions
differing from those specified. Although industry practice is
to rate in terms of energy, avalanche energy capability is not
a constant. The energy rating decreases non−linearly with an
increase of peak current in avalanche and peak junction
temperature.
Although many E−FETs can withstand the stress of
drain−to−source avalanche at currents up to rated pulsed
current (IDM), the energy rating is specified at rated
continuous current (ID), in accordance with industry custom.
The energy rating must be derated for temperature as shown
in the accompanying graph (Figure 12). Maximum energy at
currents below rated continuous ID can safely be assumed to
equal the values indicated.


Similar Part No. - NTD2406.1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD2406-1 ONSEMI-NTD2406-1 Datasheet
125Kb / 8P
   Power MOSFET 60 V, 24 A, N-Channel DPAK
January, 2005 ??Rev. 3
NTD2406-1G ONSEMI-NTD2406-1G Datasheet
126Kb / 8P
   Power MOSFET
September, 2014 ??Rev. 5
NTD24061 ONSEMI-NTD24061 Datasheet
75Kb / 8P
   Power MOSFET 60 Volt, 24 Amp N?묬hannel DPAK
August, 2005 ??Rev. 4
NTD24061G ONSEMI-NTD24061G Datasheet
75Kb / 8P
   Power MOSFET 60 Volt, 24 Amp N?묬hannel DPAK
August, 2005 ??Rev. 4
More results

Similar Description - NTD2406.1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD24N06G ONSEMI-NTD24N06G Datasheet
75Kb / 8P
   Power MOSFET 60 Volt, 24 Amp N?묬hannel DPAK
August, 2005 ??Rev. 4
NTB5605T4G ONSEMI-NTB5605T4G Datasheet
94Kb / 7P
   Power MOSFET -60 Volt, -18.5 Amp
January, 2008 - Rev. 3
NTB5605P ONSEMI-NTB5605P_05 Datasheet
70Kb / 7P
   Power MOSFET -60 Volt, -18.5 Amp
August, 2005 ??Rev. 2
logo
DIOTEC Electronics Corp...
TVS6024PFC DEC-TVS6024PFC Datasheet
58Kb / 1P
   60 AMP 24 VOLT PRESS FIT TVS DIODES
TPFD-6024-1A DEC-TPFD-6024-1A Datasheet
31Kb / 1P
   60 AMP 24 VOLT PRESS FIT TVS DIODES
logo
List of Unclassifed Man...
FCPS-2404 ETC1-FCPS-2404 Datasheet
329Kb / 3P
   24 Volt, 4 Amp NAC Power Expander
FCPS-24F ETC1-FCPS-24F Datasheet
573Kb / 3P
   24 Volt, 6 Amp Remote Power Supply
logo
Central Semiconductor C...
CP635-2N3791 CENTRAL-CP635-2N3791 Datasheet
397Kb / 4P
   PNP - Power Transistor Die 10 Amp, 60 Volt
R0 28-July 2016
logo
List of Unclassifed Man...
FCPS-24S6 ETC2-FCPS-24S6 Datasheet
395Kb / 3P
   6-Amp and 8-Amp 24-Volt Remote Power Supplies
logo
ON Semiconductor
NTD25P03L ONSEMI-NTD25P03L_06 Datasheet
160Kb / 9P
   Power MOSFET -25 Amp, -30 Volt
March, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com