Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NS5A4684SMNTAG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NS5A4684SMNTAG
Description  Ultra-Low Resistance Dual SPDT Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NS5A4684SMNTAG Datasheet(HTML) 7 Page - ON Semiconductor

  NS5A4684SMNTAG Datasheet HTML 1Page - ON Semiconductor NS5A4684SMNTAG Datasheet HTML 2Page - ON Semiconductor NS5A4684SMNTAG Datasheet HTML 3Page - ON Semiconductor NS5A4684SMNTAG Datasheet HTML 4Page - ON Semiconductor NS5A4684SMNTAG Datasheet HTML 5Page - ON Semiconductor NS5A4684SMNTAG Datasheet HTML 6Page - ON Semiconductor NS5A4684SMNTAG Datasheet HTML 7Page - ON Semiconductor NS5A4684SMNTAG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NS5A4684S
http://onsemi.com
7
0
10
1000
10000
100000
FREQUENCY (Hz)
Figure 7. Cross Talk vs. Frequency
@ VCC = 4.3 V
FREQUENCY (MHz)
0
−10
−70
0.1
100
10
1
0.01
−20
−30
−40
−50
−60
−80
Figure 8. Bandwidth vs. Frequency
FREQUENCY (MHz)
0.01
100
1
0.1
0
−3
−6
−9
−12
−15
−18
10
Figure 9. Total Harmonic Distortion
100
0.02
0.04
0.06
0.08
0.1
0.12
−90
−100
ORDERING INFORMATION
Device
Package
Shipping
NS5A4684SMNTAG
WQFN10
(Pb−Free)
3000 / Tape & Reel
NS5A4684SMNTBG
WQFN10
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NS5A4684SMNTAG

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
NS5-MQ00B-V2 OMRON-NS5-MQ00B-V2 Datasheet
638Kb / 5P
   Operator Interfaces/HMIs NS
NS5-MQ01B-V2 OMRON-NS5-MQ01B-V2 Datasheet
638Kb / 5P
   Operator Interfaces/HMIs NS
NS5-SQ00B-V2 OMRON-NS5-SQ00B-V2 Datasheet
638Kb / 5P
   Operator Interfaces/HMIs NS
NS5-SQ01B-V2 OMRON-NS5-SQ01B-V2 Datasheet
638Kb / 5P
   Operator Interfaces/HMIs NS
NS5-TQ00B-V2 OMRON-NS5-TQ00B-V2 Datasheet
638Kb / 5P
   Operator Interfaces/HMIs NS
More results

Similar Description - NS5A4684SMNTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4684 ONSEMI-NLAS4684 Datasheet
134Kb / 14P
   Ultra-Low Resistance Dual SPDT Analog Switch
January, 2007 ??Rev. 15
NLAS4685 ONSEMI-NLAS4685 Datasheet
93Kb / 10P
   Ultra-Low Resistance Dual SPDT Analog Switch
August, 2005 ??Rev. 2
NLAS4684 ONSEMI-NLAS4684_08 Datasheet
179Kb / 14P
   Ultra-Low Resistance Dual SPDT Analog Switch
September, 2008 ??Rev. 20
logo
SG Micro Corp
SGM5223 SGMICRO-SGM5223_15 Datasheet
326Kb / 11P
   Ultra Low ON-Resistance Dual SPDT Analog Switch
SGM2268 SGMICRO-SGM2268_15 Datasheet
342Kb / 11P
   Ultra Low ON-Resistance Dual, SPDT Analog Switch
logo
Union Semiconductor, In...
UM2268 UNIONSEMI-UM2268_16 Datasheet
506Kb / 11P
   Ultra Low ON-Resistance, Dual, SPDT Analog Switch
logo
SG Micro Corp
SGM2267 SGMICRO-SGM2267 Datasheet
362Kb / 12P
   Ultra Low ON-Resistance, Dual, SPDT Analog Switch
logo
AiT Semiconductor Inc.
A4714 AITSEMI-A4714 Datasheet
572Kb / 9P
   DUAL SPDT ANALOG SWITCH ULTRA LOW ON-RESISTANCE LOW VOLTAGE
REV1.1
A4716 AITSEMI-A4716 Datasheet
590Kb / 10P
   DUAL SPDT ANALOG SWITCH ULTRA LOW ON-RESISTANCE, LOW VOLTAGE
REV1.0
logo
SG Micro Corp
SGM3005 SGMICRO-SGM3005 Datasheet
547Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Dual, SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com