Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC78M12ACTG Datasheet(PDF) 11 Page - ON Semiconductor

Part # MC78M12ACTG
Description  500 mA Positive Voltage Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78M12ACTG Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MC78M12ACTG Datasheet HTML 7Page - ON Semiconductor MC78M12ACTG Datasheet HTML 8Page - ON Semiconductor MC78M12ACTG Datasheet HTML 9Page - ON Semiconductor MC78M12ACTG Datasheet HTML 10Page - ON Semiconductor MC78M12ACTG Datasheet HTML 11Page - ON Semiconductor MC78M12ACTG Datasheet HTML 12Page - ON Semiconductor MC78M12ACTG Datasheet HTML 13Page - ON Semiconductor MC78M12ACTG Datasheet HTML 14Page - ON Semiconductor MC78M12ACTG Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MC78M00, MC78M00A, NCV78M00 Series
http://onsemi.com
11
ORDERING INFORMATION (continued)
Device
Shipping
Marking
Package
Temperature Range
Output
Voltage
Device
Shipping
Marking
Package
Temperature Range
Output
Voltage
MC78M08CDTRKG
8.0 V
TJ = 0 to +125C
DPAK−3
(Pb−Free)
78M08
2500 Units / Tape & Reel
MC78M08ACDTG
8.0 V
TJ = 0 to +125C
DPAK−3
(Pb−Free)
8M08D
75 Units / Rail
MC78M08ACDTRKG
8.0 V
TJ = 0 to +125C
DPAK−3
(Pb−Free)
8M08D
2500 Units / Tape & Reel
MC78M08CTG
8.0 V
TJ = 0 to +125C
TO−220
(Pb−Free)
78M08CT
50 Units / Rail
MC78M08ACTG
8.0 V
TJ = 0 to +125C
TO−220
(Pb−Free)
78M08ACT
50 Units / Rail
MC78M08ABDTG
8.0 V
TJ = −40 to +125C
DPAK−3
(Pb−Free)
8M08A
75 Units / Rail
MC78M08ABDTRKG
8.0 V
TJ = −40 to +125C
DPAK−3
(Pb−Free)
8M08A
2500 Units / Tape & Reel
MC78M08ABTG
8.0 V
TJ = −40 to +125C
TO−220
(Pb−Free)
78M08ABT
50 Units / Rail
MC78M08BDTG
8.0 V
TJ = −40 to +125C
DPAK−3
(Pb−Free)
8M08B
75 Units / Rail
MC78M08BDTRKG
8.0 V
TJ = −40 to +125C
DPAK−3
(Pb−Free)
8M08B
2500 Units / Tape & Reel
NCV78M08BDTRKG*
8.0 V
TJ = −40 to +125C
DPAK−3
(Pb−Free)
8M08B
2500 Units / Tape & Reel
MC78M08BTG
8.0 V
TJ = −40 to +125C
TO−220
(Pb−Free)
78M08BT
50 Units / Rail
MC78M09CDTG
9.0 V
TJ = 0 to +125C
DPAK−3
(Pb−Free)
78M09
75 Units / Rail
MC78M09CDTRKG
9.0 V
TJ = 0 to +125C
DPAK−3
(Pb−Free)
78M09
2500 Units / Tape & Reel
MC78M09CTG
9.0 V
TJ = 0 to +125C
TO−220
(Pb−Free)
78M09CT
50 Units / Rail
MC78M09BDTG
9.0 V
TJ = −40 to +125C
DPAK−3
(Pb−Free)
8M09B
75 Units / Rail
MC78M09BDTRKG
9.0 V
TJ = −40 to +125C
DPAK−3
(Pb−Free)
8M09B
2500 Units / Tape & Reel
MC78M12CDTG
12 V
TJ = 0 to +125C
DPAK−3
(Pb−Free)
78M12
75 Units / Rail
MC78M12CDTT5G
12 V
TJ = 0 to +125C
DPAK−3
(Pb−Free)
78M12
2500 Units / Tape & Reel
MC78M12CDTRKG
12 V
TJ = 0 to +125C
DPAK−3
(Pb−Free)
78M12
2500 Units / Tape & Reel
MC78M12ACDTG
12 V
TJ = 0 to +125C
DPAK−3
(Pb−Free)
8M12D
75 Units / Rail
MC78M12ACDTRKG
12 V
TJ = 0 to +125C
DPAK−3
(Pb−Free)
8M12D
2500 Units / Tape & Reel
MC78M12CTG
12 V
TJ = 0 to +125C
TO−220
(Pb−Free)
78M12CT
50 Units / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NCV devices: Tlow = −40C, Thigh = +125C. Guaranteed by design. NCV Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q100 Qualified and PPAP Capable.


Similar Part No. - MC78M12ACTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78M12ACTG ONSEMI-MC78M12ACTG Datasheet
153Kb / 16P
   500 mA Positive Voltage Regulators
November, 2005 ??Rev. 16
MC78M12ACTG ONSEMI-MC78M12ACTG Datasheet
137Kb / 15P
   500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
More results

Similar Description - MC78M12ACTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78M09BDTRK ONSEMI-MC78M09BDTRK_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M00 ONSEMI-MC78M00_06 Datasheet
154Kb / 16P
   500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
MC78M00 ONSEMI-MC78M00_16 Datasheet
137Kb / 15P
   500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
NCV78M05BDTRKG ONSEMI-NCV78M05BDTRKG Datasheet
209Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M00 ONSEMI-MC78M00 Datasheet
153Kb / 16P
   500 mA Positive Voltage Regulators
November, 2005 ??Rev. 16
MC78M00 ONSEMI-MC78M00_V01 Datasheet
309Kb / 14P
   500 mA Positive Voltage Regulators
November, 2021 - Rev. 29
MC78M09BDTG ONSEMI-MC78M09BDTG_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
logo
Texas Instruments
LM341 TI1-LM341_17 Datasheet
1Mb / 22P
[Old version datasheet]   3-Terminal 500-mA Positive Voltage Regulators
logo
ON Semiconductor
MC79M08BDTG ONSEMI-MC79M08BDTG Datasheet
141Kb / 9P
   500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
MC79M00 ONSEMI-MC79M00 Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com