Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM735024 Datasheet(PDF) 3 Page - Tyco Electronics

Part # RM735024
Description  Power Relay RM 2/3/7
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RM735024 Datasheet(HTML) 3 Page - Tyco Electronics

  RM735024 Datasheet HTML 1Page - Tyco Electronics RM735024 Datasheet HTML 2Page - Tyco Electronics RM735024 Datasheet HTML 3Page - Tyco Electronics RM735024 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
10-2012, Rev. 1012
www.te.com
© 2012 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
Industrial Relays
Power Relay RM 2/3/7 (Continued)
Dimensions
Plain cover, plug-in version
PCB version
Cover with mounting brackets, 6.3mm quick connect (4.8mm available)
Cover with DIN-snap-on attachement (6.3mm quick connect only)
horizontal
vertical
S0298-BC
S0298-BE
S0298-BB
S0298-BA
S0298-BD
Product code structure
Typical product code
RM
7
0
2
730
Type
RM Power Relay RM 2/3/7
Contact arrangement
2
2 form C contacts (2 CO contacts), 16A
7
3 form C contacts (3 CO contacts), 16A
3
3 form C contacts (3 CO contacts), 10A
Version
0
AgCdO, without test button
3
AgCdO, with test button
2
AgNi 90/10, without test button
7
AgNi 90/10, with test button
Enclosure
2
Plain cover, 4.8mm quick connect terminals
3
Cover with mounting brackets, 4.8mm quick connect terminals
5
Cover with mounting brackets, 6.3mm quick connect terminals
7
PCB version
8
Cover with DIN-snap-on attachment, horizontal, 6.3mm quick connect terminals
9
Cover with DIN-snap-on attachment, vertical, 6.3mm quick connect terminals
Coil
Coil code: please refer to coil versions table


Similar Part No. - RM735024

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RM735024 MACOM-RM735024 Datasheet
253Kb / 4P
   Power Relay
RM735024 MACOM-RM735024 Datasheet
487Kb / 4P
   Power Relay RM 2/3/7
More results

Similar Description - RM735024

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393146-3 MACOM-2-1393146-3 Datasheet
487Kb / 4P
   Power Relay RM 2/3/7
2-1393146-5 MACOM-2-1393146-5 Datasheet
487Kb / 4P
   Power Relay RM 2/3/7
2-1393147-0 MACOM-2-1393147-0 Datasheet
487Kb / 4P
   Power Relay RM 2/3/7
2-1393146-8 MACOM-2-1393146-8 Datasheet
487Kb / 4P
   Power Relay RM 2/3/7
2-1393149-8 MACOM-2-1393149-8 Datasheet
487Kb / 4P
   Power Relay RM 2/3/7
2-1393844-0 MACOM-2-1393844-0 Datasheet
487Kb / 4P
   Power Relay RM 2/3/7
1-1393844-7 MACOM-1-1393844-7 Datasheet
487Kb / 4P
   Power Relay RM 2/3/7
2-1393147-2 MACOM-2-1393147-2 Datasheet
487Kb / 4P
   Power Relay RM 2/3/7
2-1393148-5 MACOM-2-1393148-5 Datasheet
487Kb / 4P
   Power Relay RM 2/3/7
2-1393149-2 MACOM-2-1393149-2 Datasheet
487Kb / 4P
   Power Relay RM 2/3/7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com