Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK102P Datasheet(PDF) 1 Page - Samsung semiconductor

Part # RK102P
Description  Passive components sales offices
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RK102P Datasheet(HTML) 1 Page - Samsung semiconductor

  RK102P Datasheet HTML 1Page - Samsung semiconductor RK102P Datasheet HTML 2Page - Samsung semiconductor RK102P Datasheet HTML 3Page - Samsung semiconductor RK102P Datasheet HTML 4Page - Samsung semiconductor RK102P Datasheet HTML 5Page - Samsung semiconductor RK102P Datasheet HTML 6Page - Samsung semiconductor RK102P Datasheet HTML 7Page - Samsung semiconductor RK102P Datasheet HTML 8Page - Samsung semiconductor RK102P Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
June 2013
All information indicated in this catalog is as of June 2013
* The specifications and designs contained herein may be subject to change without notice.
Head office
206, Cheomdansaneop Road,
Yeongtong-gu, Suwon-city,
Gyeonggi province, Korea,
443-743
Europe
Te l:+82-31-210 -6328
E-mail:james.pyun@samsung.com
America
Te l:+82-31-210 -6803
E-mail:wesley.roh@samsung.com
Asia
Te l:+82-31-210 -6791
E-mail:peter_kim@samsung.com
Domestic
Te l:+82-31-210 -5074
E-mail:boungho.lee@samsung.com
Manufacturing sites
Suwon Plant (Korea)
206, Cheomdansaneop Road,
Yeongtong-gu, Suwon-city,
Gyeonggi province, Korea,
443-743
Te l:+82-31-210-5074
E-mail:boungho.lee@samsung.com
Busan Plant (Korea)
1623-2, Songjeong-dong,
Gangseo-gu, Busan, Korea,
618-270
Te l:+82-51-970-7671
E-mail:kyc.kweon@samsung.com
Tianjin Plant (China)
27, Heiniucheng-Road, Hexi District,
Tianjin, 300210 China
Te l:+86-22-2397-9000(310)
E-mail:moohantop.Park@samsung.com
High Tech (China)
Xiqing Dist. Micro-Electronics
Industrial Park, Jingang Highway,
Tianjin, China 300485
Tel:+ 022-23979000-313
E-mail: enhao.song@samsung.com
Binhai Plant(China)
80, XiaQing Road, West area of
BinHai development zone,
TianJin, 300458, China
Te l:+86-22-6686-3333(1300)
E-mail:sk1000.kim@samsung.com
Philippines Plant (Philippines)
Block No.5, Calamba Premiere
International Park, Batino, Calamba,
Laguna, Manila, Philippines 4027
Te l:+63-49-545-0422
E-mail:donna@samsung.com
Asia sales offices
Shenzhen Office
46 F, New World Center,
Yitian Road, Futian District,
Shenzhen, 518026 China
Te l:86-755-8608-5571
E-mail:jackson.xian@samsung.com
Shanghai Office
Rm. 1211, Shanghai International
Trade Center, No. 2201 Yan an(W) Rd.,
Shanghai, 200335 China
Te l:86-21-6270-4168(274)
E-mail:dennis.cha@samsung.com
HongKong Office
8/F.,Central Plaza, 18 Harbour Road,
Wanchai, Hongkong, China
Te l:852-28626344
E-mail:vivianchan@samsung.com
Qingdao Office
Rm 1201. Growne Plaza Qingdao 76,
Xiang Gang Zhong Rd, Qingdao,
266071 China
Te l:86-532-85779102
E-mail:zhengguo.cui@samsung.com
Taiwan Office
9F-1, Np. 399 Ruey Kuang Rd., Neihu
District, Taipei City, Taiwan, 114
Te l:886-2-2656-8356
E-mail:kevin0130.wang@samsung.com
Singapore Office
3 Church Street Samsung Hub,
#23-02 Singapore 049483
Te l:65-6833-3228
E-mail:winson.yeong@samsung.com
Bangkok Office
23rd Floor, Lake Rajada Office Complex
193/89 Rachadapisek Road,
Khet Klongtoey, Bangkok 10110, Thailand
Te l:66-2-661-8004~5
E-mail:yangshin.yi@samsung.com
America sales office
Irvine Office
3333 Michelson Drive,
Suite 500, Irvine, CA 92612, USA
Tel: 1-949-797-8016
E-mail: andrew.skelly@samsung.com
Europe sales offices
Frankfurt Office
Samsung Haus, Am Kronberger Hang 6,
D-65824 Schwalbach/Ts. Germany
Te l:49-6196-66-7255
E-mail:frank.goebel@samsung.com
Hungary Office
H-2310, Leshegy utca 2-4,
Szigetszentmiklos, Pest megye, Hungary
Te l:36-24-551-148
E-mail:jun21c.lee@samsung.com
Domestic Distributors
Korchip Corporation
817-38, Anyang 2-dong, Manan-gu,
Anyang-city, Gyeonggi province,
Korea, 430-812
Te l:+82-31-361-8100
E-mail:itasap@korchip.com
SAMT
Daekyung Bldg., 983-10, Daechi-dong,
Gangnam-gu, Seoul, Korea
Te l:+82-2-3458-9000
E-mail:info@isamt.com
CHUNGMAC
301 Gwonseon Medivill, 544-14
Gokbanjeong-dong, Gwonseon-gu,
Suwon-si, Gyeonggi-do Korea
Te l:+82-31-234-2367~8
E-mail:webmaster@chungmac.co.kr
YOUNGDUK
Gasan-Dong 632, Seobusaetgil,
Geumcheon-Gu, Seoul, Korea
Te l:+82-2-2107-7860
E-mail:siyang1109@gmail.com
Passive components sales offices


Similar Part No. - RK102P

ManufacturerPart #DatasheetDescription
logo
GREATECS
RK10 GREATECS-RK10 Datasheet
426Kb / 1P
   31.5 x 17 mm SP illuminated Rocker Switches
logo
Vishay Barry
RK1005BA-1000FN-91 BARRY-RK1005BA-1000FN-91 Datasheet
102Kb / 1P
   BeO or Alumina
Rev.A 06/02/14
RK1005BA-1000FN-93 BARRY-RK1005BA-1000FN-93 Datasheet
102Kb / 1P
   BeO or Alumina
Rev.A 06/02/14
RK1005BA-1000FN-96 BARRY-RK1005BA-1000FN-96 Datasheet
102Kb / 1P
   BeO or Alumina
Rev.A 06/02/14
RK1005BA-1000FN-98 BARRY-RK1005BA-1000FN-98 Datasheet
102Kb / 1P
   BeO or Alumina
Rev.A 06/02/14
More results

Similar Description - RK102P

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
MRV-FD-DWDMMUX MRV-MRV-FD-DWDMMUX Datasheet
71Kb / 3P
   Passive DWDM Components
logo
AVX Corporation
ML03211R8PAT2A AVX-ML03211R8PAT2A Datasheet
127Kb / 1P
   Organic Passive Components Low ESR Microwave Capacitors
logo
API Technologies Corp
PA18-1580-010SA APITECH-PA18-1580-010SA Datasheet
683Kb / 1P
   SALES DRAWING
PA13-1580-005SA APITECH-PA13-1580-005SA Datasheet
72Kb / 1P
   SALES DRAWING
logo
List of Unclassifed Man...
PT-2020P ETC-PT-2020P Datasheet
91Kb / 1P
   Sales Outline Drawing
logo
Mallory performance clu...
SC110D MALLORY-SC110D Datasheet
77Kb / 1P
   Sales Outline Drawing
SC648D MALLORY-SC648D Datasheet
54Kb / 1P
   Sales Outline Drawing
PSR1511N08S3K MALLORY-PSR1511N08S3K Datasheet
110Kb / 1P
   Sales Outline Drawing
logo
Mallory Sonalert Produc...
MSS5CMCMP MSPI-MSS5CMCMP Datasheet
72Kb / 1P
   Sales Outline Drawing
PL-27N26WQ MSPI-PL-27N26WQ Datasheet
99Kb / 1P
   Sales Outline Drawing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com