Electronic Components Datasheet Search |
|
RN104P Datasheet(PDF) 6 Page - Samsung semiconductor |
|
RN104P Datasheet(HTML) 6 Page - Samsung semiconductor |
6 / 20 page Precision 10 11 - Left 2 digits represent significant figures. - Last 1 digit represents exponential number of 10. - Example: 103 Left 2 digits: 10 Last 1 digit: 3 103 = 10 ×103Ω = 10000 Ω=10kΩ •1005 type: No marking. •1005, 1608 type: No marking. •3 digits indication (E-24 series) - Left 3 digits represent significant figures. - Last 1 digit represents exponential number of 10. - Example: 1002 Left 3 digits: 100 Last 1 digit: 2 1002 = 100 ×102Ω = 10000 Ω=10kΩ •4 digits indication (E-96 , E-192 series) 1 10 03 3 1 10 00 02 2 100 80 60 40 20 0 Ambient Temperature( ℃) Operation area <1005, 1608, 2012, 3216, 3225, 5025, 6432> -55 -30 0 30 60 90 120 150 70 155 •The part number system shall be in the following format 1002 RC: Chip Resistor Code Designation R C 1005 D Dimension & Size Code Tolerance 1005: 1.0 ×0.5(㎜) - 0402(inch) 1608: 1.6 ×0.8(㎜) - 0603(inch) 2012: 2.0 ×1.2(㎜) - 0805(inch) 3216: 3.2 ×1.6(㎜) - 1206(inch) 3225: 3.2 ×2.5(㎜) - 1210(inch) 5025: 5.0 ×2.5(㎜) - 2010(inch) 6432: 6.4 ×3.2(㎜) - 2512(inch) D : ±0.5% 3 or 4 digits coding system (IEC coding system) 3digits (E-24 series) 4digits (E-96 , E-192 series) CS Resistance Value Packaging Code GS: Bulk Packaging CS: Tape Packaging 7" ES: Tape Packaging 10" AS: Tape Packaging 13" •Low tolerance (±0.5%). •Both flow and reflow soldering are applicable. •Suitable size and packaging for surface mount assembly. •Very low inductance. • Lead-free terminal. •PbO(lead oxide) is included in the glass of our product which is prescribed on RoHS appendix as an exemption. •Circuit for high precision resistance and reliability. •For signal control part. •For tunning circuit. Feature Application Structure and Dimensions Parts Numbering System Specification The rated power is the maximum continuous loading power at 70 ℃ ambient temperature. For ambient temperature above 70 ℃, the loading power follows the below power derating curve. Power Derating Curve Marking W l1 H L I2 <Top View> <Side View> 1 10 00 02 2 0.50±0.05 0.80±0.10 1.25±0.15 1.60±0.15 2.55±0.20 2.50±0.20 3.20±0.20 0.35±0.05 0.45±0.10 0.50±0.10 0.55±0.10 0.55±0.10 0.55±0.10 0.55±0.10 0.20±0.10 0.30±0.20 0.40±0.20 0.45±0.20 0.45±0.20 0.60±0.20 0.60±0.20 0.25±0.10 0.35±0.10 0.35±0.20 0.40±0.20 0.40±0.20 0.60±0.20 0.60±0.20 RC1005 RC1608 RC2012 RC3216 RC3225 RC5025 RC6432 Type 0402 0603 0805 1206 1210 2010 2512 Inch 1.00±0.05 1.60±0.10 2.00±0.15 3.20±0.15 3.20±0.20 5.00±0.20 6.30±0.20 LW H I1 I2 Average Weight 0.6 ㎎ 2.1 ㎎ 4.9 ㎎ 9.5 ㎎ 16 ㎎ 26 ㎎ 41 ㎎ (UNIT: mm) 1 Ω~10 -55 ℃~+155℃ 70 ℃ RC1005 RC1608 RC2012 RC3216 RC3225 RC5025 RC6432 Type 1/16 1/10 1/8 1/4 1/3 2/3 1 Power Rating (W) 50(V) 150(V) 200(V) Working Voltage (MAX) 100(V) 300(V) 400(V) Overload Voltage (MAX) TCR (ppm/ ℃) Resistance Range ( Ω) Rated Ambient Temperature Rated Working Temperature •Rated voltage (V) = Rated voltage should be lower than (MAX) working voltage. √Rated power(W)×Nominal resistance value (Ω) 100 101 102 104 105 106 107 109 110 111 113 114 115 117 118 120 121 123 124 126 127 129 130 132 133 135 137 138 140 142 143 145 147 149 150 152 154 156 158 160 162 164 165 167 169 172 174 176 100 102 105 107 110 113 115 118 121 124 127 130 133 137 140 143 147 150 154 158 162 165 169 174 15 16 10 11 12 13 E192 E96 E24 E192 E96 E24 178 180 182 184 187 189 191 193 196 198 200 203 205 208 210 213 215 218 221 223 226 229 232 234 178 182 187 191 196 200 205 210 215 221 226 232 18 20 22 237 240 243 246 249 252 255 258 261 264 267 271 274 277 280 284 287 291 294 298 301 305 309 312 237 243 249 255 261 267 274 280 287 294 301 309 24 27 30 E192 E96 E24 E192 E96 E24 316 320 324 328 332 336 340 344 348 352 357 361 365 370 374 379 383 388 392 397 402 407 412 417 316 324 332 340 348 357 365 374 383 392 402 412 33 36 39 422 427 432 437 442 448 453 459 464 470 475 481 487 493 499 505 511 517 523 530 536 542 549 556 422 432 442 453 464 475 487 499 511 523 536 549 43 47 51 E192 E96 E24 E192 E96 E24 562 569 576 583 590 597 604 612 619 626 634 642 649 657 665 673 681 690 698 706 715 723 732 741 562 576 590 604 619 634 649 665 681 698 715 732 56 62 68 750 759 768 777 787 796 806 816 825 835 845 856 866 876 887 898 909 920 931 942 953 965 976 988 750 768 787 806 825 845 866 887 909 931 953 976 75 82 91 E192 E96 E24 E192 E96 E24 Significant Figure of Resistance Value The specifications and designs contained herein may be subject to change without notice. Please contact our sales representatives or product engineers before order. 1~9.9 Ω:±300 10 Ω~1 :±100 1.1 ~10 :±300 Operation Notes Example of land Pattern Design Recommended Soldering Conditions General Structure General Precision Jumper Low ohms (RUT Series) Ultra Low ohms (RU Series) Ultra Low Ohms (RUK Series) Ultra Low Ohms (RJ Series) Arrays (CONVEX Type) Arrays (CONCAVE Type) Arrays (FLAT Type) Anti-Sulfur Resistors Attenuator Characteristics Performance Packaging Standard Resistance Value |
Similar Part No. - RN104P |
|
Similar Description - RN104P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |