Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A0393146 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # A0393146
Description  BIX Cross-Connect System
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A0393146 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  A0393146 Datasheet HTML 1Page - List of Unclassifed Manufacturers A0393146 Datasheet HTML 2Page - List of Unclassifed Manufacturers A0393146 Datasheet HTML 3Page - List of Unclassifed Manufacturers A0393146 Datasheet HTML 4Page - List of Unclassifed Manufacturers A0393146 Datasheet HTML 5Page - List of Unclassifed Manufacturers A0393146 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
COMMERCIAL
NETWORKING
COPPER
15.15
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
BIX Cross-Connect System
BIX Distribution Frames, Universal BIX-PAC
and Trunk Access Blocks
BIX Distribution Frame
BIX Distribution Frames provide a compact mounting unit for large cross-connect installations. The
QFBIX24E BIX Frame can accommodate up to 16 QMBIX12E 300-pair mounts, eight on the vertical side
and eight on the horizontal side. The QFBIX24E BIX Frame has a capacity of 4800-pair. The QFBIX24A
BIX Frame can accommodate up to 16 QMBIX10A 250-pair mounts, eight on the vertical side and eight
on the horizontal side. The QFBIX24A BIX Frame has a capacity of 4000-pair.
The BIX Frame End Kit consists of eight cable trays and eight distribution rings plus appropriate mounting
hardware. One kit is required to support cross-connect wires on the sides of the shelves in a single-
frame installation or on the end frames of a multi-frame installation.
The Distribution Rings are plastic rings used to manage cross-connect wires.
Universal BIX-PAC
The Universal BIX-PAC provides a fast, factory-wired, pre-tested and easy-to-install method of terminating
wiring for the voice environment. A typical application for this product is in the main distribution terminal
system or the riser terminal system, where it can provide connectivity and cross-connection for up to
250 pairs. The units come equipped with up to 10 QCBIX1A Connectors and 10 fifty-pin type telco
connectors for the termination of connectorized cables. Also available is a BIX-PAC Enclosure, which
is a fire-retardant polystyrene structural foam box that can house one BIX-PAC. The enclosure has a
snap-on cover and removable panels for cable entry on top, bottom and sides.
BIX Trunk Access Block
BIX Trunk Access Blocks provide a fast, factory-wired, pre-tested and easy-to-install method for
demarcation or testing points on customer premises. Typical applications are in the building entrance
system or the main distribution terminal system, where the demarcation point between the network
provider and the customer equipment usually can be found.
A0340837 BIX Frame
A0321776 Universal BIX-PAC Version 10-10
Belden Part Number
Description
BIX Cross-Connect System
BIX Distribution Frame
BIX Distribution Frame, 4800-pair (4 Shelves for 16 Mounts, 300-pair)
A0340837
BIX Distribution Frame, 4000-pair (4 Shelves for 16 Mounts, 250-pair)
A0275511
BIX Distribution Frame Accessories
BIX Distribution Frame Accessories, End Kit (4 Shelves)
A0275512*
BIX Distribution Frame Accessories, Distribution Ring
P0596540*
Universal BIX-PAC
Universal BIX-PAC, 10-8, 8 RJ21X Female to 8 QCBIX1A Connectors
A0321775
Universal BIX-PAC, 10-10, 10 RJ21X Female to 10 QCBIX1A Connectors
A0321776
BIX PAC Enclosure
BIX PAC Enclosure, Gray
A0318897
BIX Trunk Access Block
BIX Trunk Access Block, 1 RJ21X Female to 1 QCBIX1A Connector
A0327325
BIX Trunk Access Block, 2 RJ21X Female to 2 QCBIX1A Connector
A0327326
*Eight Distribution Rings come as part of the BIX Distribution Frame End Kit. Additional Distribution Rings can be ordered separately.
Use (1) end kit per row of frames.
These products are in the process of being assessed for RoHS compliance. Please check our Web Site for the most current RoHS status.
A0318897 BIX PAC Enclosure
A0327326 BIX Trunk Access Block


Similar Part No. - A0393146

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A03 DBLECTRO-A03 Datasheet
268Kb / 1P
   IDC SOCKET (DUAL BEAM)
logo
XP Power Limited
A03 XPPOWER-A03 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Vishay Barry
A0300-100-10X BARRY-A0300-100-10X Datasheet
131Kb / 1P
   BeO FLANGED ATTENUATOR
Revision Date 11/19/08
A0300-20-3X BARRY-A0300-20-3X Datasheet
133Kb / 1P
   BeO
Rev.A 03/04/10
A0300-40-1X BARRY-A0300-40-1X Datasheet
185Kb / 1P
   BeO 3 dB FLANGED ATTENUATOR
Revision Date 07/16/08
More results

Similar Description - A0393146

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
OCC96 MRV-OCC96 Datasheet
293Kb / 3P
   Optical Cross Connect
EMPMC-36FC8G MRV-EMPMC-36FC8G Datasheet
677Kb / 3P
   Media Cross Connect Blades
EMPMC-36RJ-C MRV-EMPMC-36RJ-C Datasheet
677Kb / 3P
   Media Cross Connect Blades
EMPMC-36SFP MRV-EMPMC-36SFP Datasheet
677Kb / 3P
   Media Cross Connect Blades
OCC-A-320-N MRV-OCC-A-320-N Datasheet
77Kb / 3P
   OCC - Optical Cross Connect
EMPMC-9XFP MRV-EMPMC-9XFP Datasheet
677Kb / 3P
   Media Cross Connect Blades
EMPMC-36SAS MRV-EMPMC-36SAS Datasheet
677Kb / 3P
   Media Cross Connect Blades
EMPMC-36SFP3RMR MRV-EMPMC-36SFP3RMR Datasheet
677Kb / 3P
   Media Cross Connect Blades
EMPMC-3610GMR MRV-EMPMC-3610GMR Datasheet
677Kb / 3P
   Media Cross Connect Blades
EMPMC-36IC MRV-EMPMC-36IC Datasheet
677Kb / 3P
   Media Cross Connect Blades
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com