Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R141574000 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # R141574000
Description  Worlwide standardised coaxial connectors
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R141574000 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button R141574000 Datasheet HTML 7Page - List of Unclassifed Manufacturers R141574000 Datasheet HTML 8Page - List of Unclassifed Manufacturers R141574000 Datasheet HTML 9Page - List of Unclassifed Manufacturers R141574000 Datasheet HTML 10Page - List of Unclassifed Manufacturers R141574000 Datasheet HTML 11Page - List of Unclassifed Manufacturers R141574000 Datasheet HTML 12Page - List of Unclassifed Manufacturers R141574000 Datasheet HTML 13Page - List of Unclassifed Manufacturers R141574000 Datasheet HTML 14Page - List of Unclassifed Manufacturers R141574000 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
www.radiall.com
10-11
CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
R141 XXX 161
R142 XXX 161
Impedance
50Ω
75Ω
Operating frequency
DC to 1.5 GHz
Typical V.S.W.R. (1.5 GHz)
straight models
2.6
5
6
right angle models
5
&
6
1.21
1.14
1.05
1.17
Testing voltage (VRMS)
1500
Operating voltage (VRMS)
500
Insulation resistance (MΩ)
5000
Contact resistance (mΩ)
10
mECHANICAL CHARACTERISTICS
Durability
100 matings
ENVIRONmENTAL CHARACTERISTICS
Temperature range
-40°C + 85°C
mATERIALS AND PLATING
Materials
Platings
Male and female bodies
Brass
Nickel
Coupling nut
Die cast zinc
Outer contact
Brass
Insulators
Polypropylene
Male and female center contacts
Brass
Gold
ELECTRICAL CHARACTERISTICS
R141A XXX XXX
R142A XXX XXX
Impedance
50Ω
75Ω
Frequency range
DC - 1 GHz
Typical V.S.W.R. (straight models)
1.3 at 1 GHz
Temperature range
-40°C / +85°C
Durability
100 mating cycles
mATERIALS AND PLATING
Materials
Platings
Connector body
Brass/Die cast zinc
Nickel
Insulators
PTFE/Polypropylene
Female center contacts
Phosphor bronze
Gold 0.1µm typical (Center contact)
PACKAGING/mOQ
Packaging/MOQ
100 pieces bulk/MOQ 1000 pieces
Unit packaging/MOQ 100 pieces
COmmERCIAL VERSION R141 XXX 161 and R142 XXX 161
ECO VERSION R141A XXX XXX and R142A XXX XXX
All dimensions are given in mm.
Standard packaging = 100 pieces.


Similar Part No. - R141574000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R141.324.000 ETC1-R141.324.000 Datasheet
29Kb / 2P
   STRAIGHT BULKHEAD JACK PANEL SEAL
R141004000 ETC2-R141004000 Datasheet
8Mb / 35P
   Worlwide standardised coaxial connectors
R141075161W ETC2-R141075161W Datasheet
29Kb / 2P
   STRAIGHT PLUG CRIMP TYPE
R141082000 ETC2-R141082000 Datasheet
40Kb / 1P
   INTRODUCTION
R141277000 ETC2-R141277000 Datasheet
40Kb / 1P
   The BNC connector, the most popular coaxial connector series in the world, features a two--pin bayonet coupling system for quick and reliable engagement and disengagement.
More results

Similar Description - R141574000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R141004000 ETC2-R141004000 Datasheet
8Mb / 35P
   Worlwide standardised coaxial connectors
R141717000 ETC2-R141717000 Datasheet
8Mb / 35P
   Worlwide standardised coaxial connectors
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
   COAXIAL CONNECTORS
logo
Murata Manufacturing Co...
MM8130-2600RB8 MURATA-MM8130-2600RB8 Datasheet
37Kb / 1P
   Coaxial Connectors
logo
ITT Industries
QT-BNC ITT-QT-BNC Datasheet
62Kb / 1P
   RF Coaxial Connectors
logo
DDK Ltd.
PSD-SJ-FCCAV1-SO DDK-PSD-SJ-FCCAV1-SO Datasheet
617Kb / 3P
   Small Coaxial Connectors
logo
List of Unclassifed Man...
122412 ETC2-122412 Datasheet
1Mb / 24P
   TNC COAXIAL CONNECTORS
logo
ITT Industries
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
logo
DDK Ltd.
PSD DDK-PSD Datasheet
616Kb / 3P
   Small Coaxial Connectors?
logo
Murata Manufacturing Co...
MURES48710-1 MURATA-MURES48710-1 Datasheet
106Kb / 3P
   Microwave Coaxial Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com