Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R223424000 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # R223424000
Description  SMTJACK RECEPTACLE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R223424000 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  R223424000 Datasheet HTML 1Page - List of Unclassifed Manufacturers R223424000 Datasheet HTML 2Page - List of Unclassifed Manufacturers R223424000 Datasheet HTML 3Page - List of Unclassifed Manufacturers R223424000 Datasheet HTML 4Page - List of Unclassifed Manufacturers R223424000 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TECHNICAL DATA SHEET
3 / 5
SMTJACK RECEPTACLE
R223.424.000
-
Series : MMBX
Issue : 0736 B
In the effort to improve our products, we reserve the right to make changes judged to be
necessary.
1.
Deposit solder paste ‘SnAg4Cu0.5’ on mounting zone by screen printing application. We recommend a low residue
flux.
We advise a thickness of 150 micromm ( 5.850 microinch ). Verify that the edges of the zone are clean.
2.
Placement of the receptacle on the mounting zone with an automatic machine of ‘pick and place’ type.
A video camera is recommended for positioning of the component.
Adhesive agents must not be used on the receptacle.
3.
This process of soldering has been tested with convection oven.
Below please find, the typical profile to use.
4.
The cleaning of printed circuit boards is not obliged.
5.
Verification of solder joints and position of the component by visual inspection.
TEMPERATURE PROFILE
Parameter
Value
Unit
Temperature rising Area
1 - 4
°C/sec
Max Peak Temperature
260
°C
Max dwell time @260°C
10
sec
Min dwell time @235°C
20
sec
Max dwell time @235°C
60
sec
Temperature drop in cooling Area
-1 to - 4
°C/sec
Max dwell time above 100°C
420
sec


Similar Part No. - R223424000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R223 ETC2-R223 Datasheet
7Mb / 23P
   BOARD TO BOARD SOLUTIONS
logo
ZETTLER Electronics
R2231223 ZETTLER-R2231223 Datasheet
212Kb / 4P
   Miniature plug-in power relays
R2231225 ZETTLER-R2231225 Datasheet
212Kb / 4P
   Miniature plug-in power relays
R2231227 ZETTLER-R2231227 Datasheet
212Kb / 4P
   Miniature plug-in power relays
R2231229 ZETTLER-R2231229 Datasheet
212Kb / 4P
   Miniature plug-in power relays
More results

Similar Description - R223424000

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
00-8283-1613-00-000 AVX-00-8283-1613-00-000 Datasheet
1Mb / 6P
   RECEPTACLE
60-8283-0513-99-808 AVX-60-8283-0513-99-808 Datasheet
1Mb / 6P
   RECEPTACLE
logo
Winchester Electronics ...
SDKN-79-93 WINCHESTER-SDKN-79-93 Datasheet
159Kb / 1P
   RECEPTACLE
logo
Glenair, Inc.
240-837-WP14-12P GLENAIR-240-837-WP14-12P Datasheet
345Kb / 2P
   Filter Receptacle Wall Mount Receptacle
logo
Winchester Electronics ...
SDKC-79-196 WINCHESTER-SDKC-79-196 Datasheet
2Mb / 1P
   BNC RECEPTACLE
KC-79-168 WINCHESTER-KC-79-168 Datasheet
120Kb / 1P
   BNC RECEPTACLE
logo
Adam Technologies, Inc.
NEMA-5-2-A ADAM-TECH-NEMA-5-2-A Datasheet
67Kb / 1P
   NEMA RECEPTACLE
logo
Qualtek Electronics Cor...
715W-15-01 QUALTEK-715W-15-01 Datasheet
412Kb / 1P
   AC RECEPTACLE
715W-15-02 QUALTEK-715W-15-02 Datasheet
413Kb / 1P
   AC RECEPTACLE
logo
CUI INC
UJ31-CH-G1-SMT-TR CUI-UJ31-CH-G1-SMT-TR Datasheet
1Mb / 5P
   USB RECEPTACLE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com