Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GXAM04 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GXAM04
Description  MICROTEMP Thermal Cutoffs INTRODUCTION
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GXAM04 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GXAM04 Datasheet HTML 1Page - List of Unclassifed Manufacturers GXAM04 Datasheet HTML 2Page - List of Unclassifed Manufacturers GXAM04 Datasheet HTML 3Page - List of Unclassifed Manufacturers GXAM04 Datasheet HTML 4Page - List of Unclassifed Manufacturers GXAM04 Datasheet HTML 5Page - List of Unclassifed Manufacturers GXAM04 Datasheet HTML 6Page - List of Unclassifed Manufacturers GXAM04 Datasheet HTML 7Page - List of Unclassifed Manufacturers GXAM04 Datasheet HTML 8Page - List of Unclassifed Manufacturers GXAM04 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
138
MICROTEMP
® TCO Operating Temperature Summary
Maximum Overshoot Temperature
Tm °C
Tm °C
Tm °C
Tm °C
Tm °C
Tm °C
Tm °C
G4 Series
G5 Series
G6 Series G7 Series G8 Series
R9 Series R7 Series
072
47
100
175
100
175
100
077
52
125
200
125
125
200
125
125
084
59
125
200
125
125
200
125
125
093
68
140
215
140
215
140
140
098
73
140
215
140
140
215
140
140
104
79
150
225
150
225
150
110
85
150
225
140
225
150
140
117
92
160
235
160
140
235
160
140
121
96
160
235
160
150
235
160
150
128
103
160
235
160
150
235
160
150
144
119
175
250
175
175
250
175
175
152
127
175
250
175
175
175
175
167
142
210
285
200
285
210
200
184
159
210
350
210
200
350
210
200
192
167
210
350
210
350
210
200
216
191
375
375
375
229
200
375
375
375
375
375
240
200
375
375
375
375
375
Max.
Holding
Open
Temp
Temp
Th
Tf °C
°C
TM –Maximum overshoot
temperature: temperature
up to which TCO will not
change status
TF –Functioning open
temperature
tolerance: +0, -5°C
TH –Holding temperature:
Maximum continuous
exposure temperature
C.T.I. – Comparative tracking
index (all primary thermal
cutoffs): 250VAC
NOTE: G4, G5, G6,G7 and G8
series TCOs with TF ≥ 184°C
comply with UL conductive
heat aging (CHAT)
requirements.
`
Dimensions – Inches (millimeters)
G4, G5, G6 & G8 Series
G7 Series
Standard
AOverall Length ± .12 (±3.0)
2.51 (63.8)
N/A
Leads
BEpoxy Lead Length (Reference)
0.55 (14.0)
N/A
CCase Lead Length ± .06 (± 1.5)
1.38 (34.9)
N/A
AOverall Length ± .12 (±3.0)
3.26 (82.8)
3.26 (82.8)
Long Leads
B Epoxy Lead Length (Reference)
1.30 (33.0)
1.50 (38.1)
CCase Lead Length ± .06 (± 1.5)
1.38 (34.9)
1.38 (34.9)
DCase Lead Diameter
.040 (1.0)
.023 (.57)
Lead Material
D Case Lead Material
Tin-Plated Copper
Tin-Plated Copper
and Diameter
E
Epoxy Lead Diameter
.040 (1.0)
.023 (.57)
EEpoxy Lead Material
Silver-Plated Copper
Silver-Plated Copper
Case
F
Case Length (Reference)
.58 (14.7)
.38 (9.6)
Dimensions
G Case Diameter (Reference)
.158 (4.0)
.118 (3.0)
MICROTEMP
® TCO
Standard Dimensions
Figure 3
Electrical Rating Summary
Maximum Overshoot Temperature
G4 Series
G5 Series
G6 Series
G7 Series
G8 Series
R9 Series
R7 Series
Resistive
Inductive
Resistive
Resistive
Resistive
Inductive
Resistive
Resistive
Resistive
UL/CSA
10A/250VAC 8A/250VAC
16A/250VAC
16A/250VAC
5A/250VAC 4.5A/250VAC
25A/250VAC
15A/120VAC 14A/120VAC 25A/120VAC
5A/24VDC 4.5A/120VAC
21A/240VAC
IEC
10A/250VAC 8A/250VAC
16A/250VAC 16A/250VAC
5A/250VAC
4.5A/250VAC
25A/250VAC
15A/120VAC 14A/120VAC
4.5A/120VAC
METI
10A/250VAC
15A/250VAC 15A/250VAC
5A/250VAC
——
15A/250VAC
7A/250VAC
5A/24VDC
7A/24VDC
Agency
Figure 4


Similar Part No. - GXAM04

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
GXAMW IVO-GXAMW Datasheet
686Kb / 4P
   Absolute encoders - modular bus covers
GXAMW.0202PA2 IVO-GXAMW.0202PA2 Datasheet
686Kb / 4P
   Absolute encoders - modular bus covers
GXAMW.0203P32 IVO-GXAMW.0203P32 Datasheet
686Kb / 4P
   Absolute encoders - modular bus covers
GXAMW.0203PA2 IVO-GXAMW.0203PA2 Datasheet
686Kb / 4P
   Absolute encoders - modular bus covers
GXAMW.0203V32 IVO-GXAMW.0203V32 Datasheet
686Kb / 4P
   Absolute encoders - modular bus covers
More results

Similar Description - GXAM04

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G4A01144C ETC2-G4A01144C Datasheet
515Kb / 22P
   MICROTEMP Thermal Cutoffs INTRODUCTION
logo
Panasonic Semiconductor
EYP-2BN126 PANASONIC-EYP-2BN126 Datasheet
178Kb / 8P
   Thermal Cutoffs (TCO)
EYP-2MT098B PANASONIC-EYP-2MT098B Datasheet
220Kb / 6P
   Thermal Cutoffs (TCO)/ Thermal-Links
EYP2BN082 PANASONIC-EYP2BN082 Datasheet
369Kb / 8P
   Thermal Cutoffs (TCO)
logo
Thermtrol Corporation
DF240S THERMTROL-DF240S Datasheet
136Kb / 2P
   DF SERIES 15 AMP THERMAL CUTOFFS
logo
Panasonic Semiconductor
EYP2BN082 PANASONIC-EYP2BN082_10 Datasheet
168Kb / 7P
   Thermal Cutoffs (TCO)/ Thermal-links Small and Insulation Type High Reliability
logo
List of Unclassifed Man...
R141082000 ETC2-R141082000 Datasheet
40Kb / 1P
   INTRODUCTION
logo
Samsung semiconductor
KA567 SAMSUNG-KA567 Datasheet
179Kb / 6P
   INTRODUCTION
KA8309B SAMSUNG-KA8309B Datasheet
319Kb / 15P
   INTRODUCTION
KA22261 SAMSUNG-KA22261 Datasheet
83Kb / 5P
   INTRODUCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com