Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2M0040120D Datasheet(PDF) 7 Page - Cree, Inc

Part # C2M0040120D
Description  N-Channel Enhancement Mode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C2M0040120D Datasheet(HTML) 7 Page - Cree, Inc

Back Button C2M0040120D Datasheet HTML 2Page - Cree, Inc C2M0040120D Datasheet HTML 3Page - Cree, Inc C2M0040120D Datasheet HTML 4Page - Cree, Inc C2M0040120D Datasheet HTML 5Page - Cree, Inc C2M0040120D Datasheet HTML 6Page - Cree, Inc C2M0040120D Datasheet HTML 7Page - Cree, Inc C2M0040120D Datasheet HTML 8Page - Cree, Inc C2M0040120D Datasheet HTML 9Page - Cree, Inc C2M0040120D Datasheet HTML 10Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
C2M0040120D Rev -
Typical Performance
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
5
10
15
20
25
30
External Gate Resistor RG(ext) (Ohms)
EOff
EOn
ETotal
Conditions:
TJ = 25 °C
VDD = 800 V
IDS = 40 A
VGS = -5/+20 V
FWD = C4D20120A
L = 80 μH
0.0
0.5
1.0
1.5
2.0
2.5
-50
-25
0
25
50
75
100
125
150
Junction Temperature, TJ (°C)
Conditions:
IDS = 40 A
VDD = 800 V
RG(ext) = 2.5 Ω
VGS = -5/+20 V
FWD = C4D20120A
L = 80 µH
EOff
EOn
ETotal
0
10
20
30
40
50
60
70
80
90
100
0
4
8
12
16
20
External Gate Resistor, RG(ext) (Ohms)
Conditions:
TJ = 25 °C
VDD = 800 V
RL = 20 Ω
VGS = -5/+20 V
td (off)
td (on)
tf
tr
Figure 25. Clamped Inductive Switching Energy vs. R
G(ext)
Figure 26. Clamped Inductive Switching Energy vs.
Junction Temperature
Figure 27. Resistive Switching Times vs. External Gate
Resistor (V
DD = 800V, ID = 40A)
Figure 28. Resistive Switching Time Description


Similar Part No. - C2M0040120D

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
C2M0040120D WOLFSPEED-C2M0040120D Datasheet
972Kb / 11P
   Silicon Carbide Power MOSFET C2M TM MOSFET Technology N-Channel Enhancement Mode
Rev. 3, 04-2021
logo
Cree, Inc
C2M0040120D CREE-C2M0040120D_15 Datasheet
961Kb / 10P
   N-Channel Enhancement Mode
More results

Similar Description - C2M0040120D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
   N P-Channel Enhancement Mode Enhancement Mode
logo
IXYS Corporation
IXTQ110N10P IXYS-IXTQ110N10P Datasheet
578Kb / 5P
   N-Channel Enhancement Mode
logo
Advanced Power Electron...
AP2604Y A-POWER-AP2604Y Datasheet
78Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
AP9980H A-POWER-AP9980H Datasheet
79Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
   N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Electron...
AP15N03P A-POWER-AP15N03P Datasheet
84Kb / 6P
   N-CHANNEL ENHANCEMENT MODE
logo
STMicroelectronics
STL4N10F7 STMICROELECTRONICS-STL4N10F7 Datasheet
897Kb / 14P
   N-channel enhancement mode
March 2014 Rev 4
STL20DN10F7 STMICROELECTRONICS-STL20DN10F7 Datasheet
900Kb / 14P
   N-channel enhancement mode
April 2014 Rev 3
logo
TY Semiconductor Co., L...
BSH105 TYSEMI-BSH105 Datasheet
40Kb / 2P
   N-channel enhancement mode
logo
Unisonic Technologies
UTD408 UTC-UTD408 Datasheet
201Kb / 5P
   N-CHANNEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com