Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPW3-1700S025 Datasheet(PDF) 3 Page - Cree, Inc

Part # CPW3-1700S025
Description  Silicon Carbide Schottky Diode Chip
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CPW3-1700S025 Datasheet(HTML) 3 Page - Cree, Inc

  CPW3-1700S025 Datasheet HTML 1Page - Cree, Inc CPW3-1700S025 Datasheet HTML 2Page - Cree, Inc CPW3-1700S025 Datasheet HTML 3Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Thisproducthasnotbeendesignedortestedforusein,andisnotintendedforusein,applicationsimplantedintothehumanbody
norinapplicationsinwhichfailureoftheproductcouldleadtodeath,personalinjuryorpropertydamage,includingbutnotlimited
toequipmentusedintheoperationofnuclearfacilities,life-supportmachines,cardiacdefibrillatorsorsimilaremergencymedical
equipment,aircraftnavigationorcommunicationorcontrolsystems,airtrafficcontrolsystems,orweaponssystems.
Copyright©2010Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Creeandthe
CreelogoareregisteredtrademarksandZ-RecisatrademarkofCree,Inc.
3
CPW3-1700S025 Rev. -
Cree,Inc.
4600SiliconDrive
Durham,NC27703
USATel:+1.919.313.5300
Fax:+1.919.313.5451
www.cree.com/power
Chip Dimensions
Part Number
Anode
Cathode
Package
Marking
CPW3-1700S025B
Al
Ni/Ag
SawnonFoil
Wafer#onFoil
Thedie-on-tapemethodofdeliveringtheseSiCdiemaybeconsideredameansoftemporarystorageonly.Due
toanincreaseinadhesionovertimediestoredforanextendedperiodmayaffixtoostronglytothetape.These
dieshouldbestoredinatemperature-controllednitrogendryboxsoonafterreceipt.Creewillfurtherrecommend
thatalldieberemovedfromtapetoawafflepack,toasimilarstoragemedium,orusedinproductionwithin2
–3weeksofdeliverytoassure100%releaseofalldiewithoutissues.
Symbol
Dimension
mm
inch
A
5.70
0.224
B
3.94
0.155
C
4.4
0.173
D
2.6
0.102
5.70
4.4
2.6
3.94
A
B
C
D
Mechanical Parameters
Parameter
Typ.
Unit
DieSize
5.70X3.94
mm
AnodePadSize
5.1 X 3.3
mm
AnodePadOpening
4.4X2.6
mm
Thickness
387±10%
μm
AnodeMetalization(Al)
4
μm
CathodeMetalization(Ni/Ag)
1.8
μm


Similar Part No. - CPW3-1700S025

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CPW3-1700S025B CREE-CPW3-1700S025B Datasheet
536Kb / 3P
   閻녑뙑簾낁굷?밧읃雅뚧엨嶸↑뒸?
CPW3-1700S025_CN CREE-CPW3-1700S025_CN Datasheet
536Kb / 3P
   閻녑뙑簾낁굷?밧읃雅뚧엨嶸↑뒸?
More results

Similar Description - CPW3-1700S025

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CPWR-0600-S001B CREE-CPWR-0600-S001B Datasheet
262Kb / 3P
   Silicon Carbide Schottky Diode Chip
CPW2-1200-S050B CREE-CPW2-1200-S050B Datasheet
244Kb / 3P
   Silicon Carbide Schottky Diode Chip
CPW4-1200-S010B CREE-CPW4-1200-S010B Datasheet
394Kb / 4P
   Silicon Carbide Schottky Diode Chip
CPWR-0600S001 CREE-CPWR-0600S001 Datasheet
262Kb / 3P
   Silicon Carbide Schottky Diode Chip
CPW5-1700-Z005A CREE-CPW5-1700-Z005A Datasheet
283Kb / 4P
   Silicon Carbide Schottky Diode Chip
CPW3-0600S004 CREE-CPW3-0600S004 Datasheet
221Kb / 3P
   Silicon Carbide Schottky Diode Chip
CPW3-0600S002 CREE-CPW3-0600S002 Datasheet
206Kb / 3P
   Silicon Carbide Schottky Diode Chip
CPW4-1200S020B CREE-CPW4-1200S020B Datasheet
165Kb / 3P
   Silicon Carbide Schottky Diode Chip
CPW4-1200S010B CREE-CPW4-1200S010B Datasheet
265Kb / 3P
   Silicon Carbide Schottky Diode Chip
CPW4-1200S002B CREE-CPW4-1200S002B Datasheet
193Kb / 3P
   Silicon Carbide Schottky Diode Chip
CPW2-0650-S008B CREE-CPW2-0650-S008B Datasheet
233Kb / 3P
   Silicon Carbide Schottky Diode Chip
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com