Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6641AEK-3.3TR Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6641AEK-3.3TR
Description  500mA Alkaline DC/DC Boost Regulator in SOT-23
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6641AEK-3.3TR Datasheet(HTML) 4 Page - Sipex Corporation

  SP6641AEK-3.3TR Datasheet HTML 1Page - Sipex Corporation SP6641AEK-3.3TR Datasheet HTML 2Page - Sipex Corporation SP6641AEK-3.3TR Datasheet HTML 3Page - Sipex Corporation SP6641AEK-3.3TR Datasheet HTML 4Page - Sipex Corporation SP6641AEK-3.3TR Datasheet HTML 5Page - Sipex Corporation SP6641AEK-3.3TR Datasheet HTML 6Page - Sipex Corporation SP6641AEK-3.3TR Datasheet HTML 7Page - Sipex Corporation SP6641AEK-3.3TR Datasheet HTML 8Page - Sipex Corporation SP6641AEK-3.3TR Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Rev. 5/26/05,
*Patent Pending
SP6641A/6641B 500mA Alkaline DC/DC Boost Regulator in SOT-23
© Copyright 2002 Sipex Corporation
PERFORMANCE CHARACTERISTICS
Refer to the circuit in Figure 1, T
AMB = +25°C
60
65
70
75
80
85
90
95
100
0.1
1.0
10.0
100.0
1000.0
Iload (mA)
VIN = 3.0V
VIN = 2.6V
VIN = 2.0V
VIN = 1.3V
VIN = 1.0V
60
65
70
75
80
85
90
95
100
0.1
1.0
10.0
100.0
1000.0
Iload (mA)
VIN = 3.0V
VIN = 2.6V
VIN = 2.0V
VIN = 1.3V
VIN = 1.0V
3.200
3.220
3.240
3.260
3.280
3.300
3.320
3.340
3.360
3.380
3.400
Iload (mA)
0
50
100
150
200
250
VIN = 3.0V
VIN = 2.6V
VIN = 2.0V
VIN = 1.3V
VIN = 1.0V
3.220
3.240
3.260
3.280
3.300
3.320
3.340
3.360
3.380
3.400
0
200
400
600
800
3.200
Iload (mA)
VIN = 3.0V
VIN = 2.6V
VIN = 2.0V
VIN = 1.3V
VIN = 1.0V
Figure 3. SP6641AEK - 3.3 Efficiency vs Load Current
Figure 4. SP6641BEK - 3.3 Efficiency vs Load Current
Figure 5. SP6641AEK - 3.3 Line/Load Rejection vs Load
Current
Figure 6. SP6641BEK - 3.3 Line/Load Rejection vs Load
Current
Figure 7. SP6641AEK-5.0 Efficiency Vs Load Current
Figure 8. SP6641BEK-5.0 Efficiency Vs Load Current
Iload (mA)
60
65
70
75
80
85
90
95
100
0.1
1.0
10.0
100.0
1000.0
Vi=4.2V
Vi=3.6V
Vi=3.3V
Vi=2.0V
Vi=1.3V
Iload (mA)
60
65
70
75
80
85
90
95
100
0.1
1.0
10.0
100.0
1000.0
Vi=4.2V
Vi=3.6V
Vi=3.3V
Vi=2.0V
Vi=1.3V


Similar Part No. - SP6641AEK-3.3TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6641AEK-3.3 SIPEX-SP6641AEK-3.3 Datasheet
118Kb / 5P
   Low Noise Evaluation Board
SP6641AEK-3.3/TR SIPEX-SP6641AEK-3.3/TR Datasheet
120Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641AEK-3.3/TR SIPEX-SP6641AEK-3.3/TR Datasheet
133Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Exar Corporation
SP6641AEK-3.3/TR EXAR-SP6641AEK-3.3/TR Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641AEK-3.3/TR EXAR-SP6641AEK-3.3/TR Datasheet
137Kb / 14P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
More results

Similar Description - SP6641AEK-3.3TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6641A SIPEX-SP6641A Datasheet
120Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641A SIPEX-SP6641A Datasheet
120Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641A SIPEX-SP6641A_05 Datasheet
133Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Exar Corporation
SP6641BEK-L-5-0-TR EXAR-SP6641BEK-L-5-0-TR Datasheet
137Kb / 14P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Sipex Corporation
SP6641BEK-L-5-0 SIPEX-SP6641BEK-L-5-0 Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Exar Corporation
SP6641A EXAR-SP6641A Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Global Mixed-mode Techn...
G5104 GMT-G5104 Datasheet
336Kb / 7P
   300mA Alkaline Boost DC/DC Converters in SOT-23-5
logo
Texas Instruments
TPS61040 TI-TPS61040 Datasheet
299Kb / 18P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI1-TPS61040-Q1_16 Datasheet
1,013Kb / 27P
[Old version datasheet]   Low-Power DC-DC Boost Converter in SOT-23 Package
TPS61040-Q1 TI-TPS61040-Q1_15 Datasheet
797Kb / 24P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com