Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-811DTA Datasheet(PDF) 7 Page - Rohm

Part # SML-811DTA
Description  Reverse-mount available type
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-811DTA Datasheet(HTML) 7 Page - Rohm

Back Button SML-811DTA Datasheet HTML 3Page - Rohm SML-811DTA Datasheet HTML 4Page - Rohm SML-811DTA Datasheet HTML 5Page - Rohm SML-811DTA Datasheet HTML 6Page - Rohm SML-811DTA Datasheet HTML 7Page - Rohm SML-811DTA Datasheet HTML 8Page - Rohm SML-811DTA Datasheet HTML 9Page - Rohm SML-811DTA Datasheet HTML 10Page - Rohm SML-811DTA Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-81 series
lChromaticity Diagram
[Chromaticity Coordimates] (Ta=25ºC, IF=5mA)
Measurement tolerance : 0.02
lTaping
[T86 / 1(white)]
A
H
F
K
CIE x
x
y
x
y
x
y
x
y
0.280 0.248 0.283 0.305 0.287 0.295 0.304 0.330
0.296 0.276 0.304 0.330 0.307 0.315 0.330 0.360
0.283 0.305 0.307 0.315 0.311 0.294 0.330 0.318
0.264 0.267 0.287 0.295 0.296 0.276 0.311 0.294
A
F
H
K
1.5
4
2
11.4
1.2
φ1.5 +0.1
0
±1
(Unit:mm)
(
):Reference
±0.1
±0.05
Cathode Index
Pull
direction
Packing
quantity
3000pcs/reel
±0.1
+0.1
-0.03
(note) Tolerance is within 0.2mm unless otherwise specified
7/10
2013.10 - Rev.E


Similar Part No. - SML-811DTA

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-811DTA ROHM-SML-811DTA Datasheet
590Kb / 11P
   Reverse-mount available type
SML-811DTA ROHM-SML-811DTA Datasheet
1Mb / 12P
   Reverse-mount available type
SML-811DTA ROHM-SML-811DTA Datasheet
993Kb / 13P
   SML-811x/812x/813x Series
2022.2 - Rev.015
More results

Similar Description - SML-811DTA

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-811WTT86 ROHM-SML-811WTT86 Datasheet
590Kb / 11P
   Reverse-mount available type
SML-812MTT86 ROHM-SML-812MTT86 Datasheet
1Mb / 12P
   Reverse-mount available type
SML-811VT ROHM-SML-811VT Datasheet
389Kb / 11P
   Reverse-mount available type
SML-81 ROHM-SML-81 Datasheet
2Mb / 4P
   Reverse-mount type
logo
STANLEY ELECTRIC CO.,LT...
VCEW1154RDS-TR STANLEY-VCEW1154RDS-TR Datasheet
681Kb / 25P
   Reverse mount type
logo
Rohm
SML-810TBT86 ROHM-SML-810TBT86 Datasheet
1Mb / 4P
   Reverse-mount type phototransistors
SML-811UTT86 ROHM-SML-811UTT86 Datasheet
590Kb / 11P
   ?줣everse-mount available type
logo
STANLEY ELECTRIC CO.,LT...
PS1191RB STANLEY-PS1191RB Datasheet
183Kb / 10P
   Surface Mount Phototransistor/Reverse Mount Type
AN1111R STANLEY-AN1111R Datasheet
186Kb / 10P
   Surface Mount IRED/Reverse Mount Type
DNK1111R STANLEY-DNK1111R Datasheet
255Kb / 14P
   Surface Mount IRED/Reverse Mount Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com