Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-211WT Datasheet(PDF) 4 Page - Rohm

Part # SML-211WT
Description  Nomal type and Low current type line-up.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-211WT Datasheet(HTML) 4 Page - Rohm

  SML-211WT Datasheet HTML 1Page - Rohm SML-211WT Datasheet HTML 2Page - Rohm SML-211WT Datasheet HTML 3Page - Rohm SML-211WT Datasheet HTML 4Page - Rohm SML-211WT Datasheet HTML 5Page - Rohm SML-211WT Datasheet HTML 6Page - Rohm SML-211WT Datasheet HTML 7Page - Rohm SML-211WT Datasheet HTML 8Page - Rohm SML-211WT Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-21 series
lSpectrum Data
 
* Please take this data as a reference data for the samples are measured randomly.
* The data is relativized for each color. It is NOT to show the spectrum peaks are equal.
lViewing Angle
SML-21 series
0.0
0.2
0.4
0.6
0.8
1.0
380
480
580
680
780
WAVELENGTH [nm]
SCANNING ANGLE (deg)
RELATIVE INTENSITY
SCANNING ANGLE (deg)
RELATIVE INTENSITY
IF=20mA
SML-212VT
SML-211UT
SML-212DT
SML-212WT
Scanning
Direction
Scanning
Direction
4/8
2013.08 - Rev.C


Similar Part No. - SML-211WT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-211WT ROHM-SML-211WT Datasheet
136Kb / 3P
   SML-21 Series
SML-211WT ROHM-SML-211WT Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-211WT ROHM-SML-211WT Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-211WT ROHM-SML-211WT Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-211WT ROHM-SML-211WT Datasheet
116Kb / 3P
   0805<2.0 1.25 t=0.8mm> Low Current Type(IF 10mA)
More results

Similar Description - SML-211WT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-210DTT86 ROHM-SML-210DTT86 Datasheet
450Kb / 9P
   Nomal type and Low current type line-up.
SML-210PTT86 ROHM-SML-210PTT86 Datasheet
450Kb / 9P
   Nomal type and Low current type line-up.
SML-212DTT86 ROHM-SML-212DTT86 Datasheet
450Kb / 9P
   Nomal type and Low current type line-up.
SML-P11MT ROHM-SML-P11MT Datasheet
127Kb / 3P
   Low Current Type
logo
NIHON DEMPA KOGYO
NZ1612SHB NDK-NZ1612SHB Datasheet
934Kb / 2P
   Low current consumption Type
NZ2520SJ NDK-NZ2520SJ Datasheet
740Kb / 1P
   Low current consumption Type
NZ3225SJ NDK-NZ3225SJ_18 Datasheet
827Kb / 1P
   Low current consumption Type
NZ2520SHB NDK-NZ2520SHB_18 Datasheet
833Kb / 2P
   Low current consumption Type
NZ2016SHB NDK-NZ2016SHB_18 Datasheet
851Kb / 2P
   Low current consumption Type
NZ2016SJ NDK-NZ2016SJ_18 Datasheet
857Kb / 1P
   Low current consumption Type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com