Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF15A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SMF15A
Description  Surface Mount ESD Protection Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMF15A Datasheet(HTML) 2 Page - Vishay Siliconix

  SMF15A Datasheet HTML 1Page - Vishay Siliconix SMF15A Datasheet HTML 2Page - Vishay Siliconix SMF15A Datasheet HTML 3Page - Vishay Siliconix SMF15A Datasheet HTML 4Page - Vishay Siliconix SMF15A Datasheet HTML 5Page - Vishay Siliconix SMF15A Datasheet HTML 6Page - Vishay Siliconix SMF15A Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SMF5V0A to SMF51A
www.vishay.com
Vishay Semiconductors
Rev. 2.6, 30-Nov-11
2
Document Number: 85811
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SMF26A
SMF
CE
15 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
SMF28A
CG
SMF30A
CK
SMF33A
CM
SMF36A
CP
SMF40A
CR
SMF43A
CT
SMF45A
CV
SMF48A
CX
SMF51A
CZ
PACKAGE DATA
DEVICE NAME
PACKAGE
NAME
TYPE CODE
WEIGHT
MOLDING
COMPOUND
FLAMMABILITY
RATING
MOISTURE SENSITIVITY
LEVEL
SOLDERING CONDITIONS
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Peak pulse current
tp = 10/1000 μs waveform acc. IEC 61000-4-5
IPPM
see “Electrical
Characteristics”
A
Peak pulse power
tp = 8/20 μs waveform acc. IEC 61000-4-5
PPP
1000
W
tp = 10/1000 μs waveform acc. IEC 61000-4-5
200
W
Peak forward surge current
8.3 ms single half sine-wave
IFSM
20
A
ESD immunity
Contact discharge acc. IEC 61000-4-2; 10 pulses
VESD
± 30
kV
Air discharge acc. IEC 61000-4-2; 10 pulses
± 30
kV
Thermal resistance
Mounted on epoxy glass PCB with 3 mm x 3 mm,
Cu pads (
40 μm thick)
RthJA
180
K/W
Forward clamping voltage
IF = 12 A
VF
3.5
V
Operating temperature
Junction temperature
TJ
- 55 to + 150
°C
Storage temperature
TSTG
- 55 to + 150
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
REVERSE
BREAKDOWN
VOLTAGE
at IT, tp  5 ms
TEST
CURRENT
REVERSE
STAND-OFF
VOLTAGE
REVERSE
CURRENT
at VRWM
MAXIMUM
PEAK PULSE
CURRENT
tp = 10/1000 μs
REVERSE
CLAMPING
VOLTAGE
at IPPM
CAPACITANCE
at VR = 0 V,
f = 1 MHz
PROTECTION
PATHS
VBR MIN.
(V)
IT
(mA)
VRWM
(V)
IR
(μA)
IPPM
(A)
VC
(V)
CD TYP.
(pF)
Nchannel
SMF5V0A
6.40
10
5
400
21.7
9.2
1030
1
SMF6V0A
6.67
10
6
400
19.4
10.3
1010
1
SMF6V5A
7.22
10
6.5
250
17.9
11.2
850
1
SMF7V0A
7.78
10
7
100
16.7
12
750
1
SMF7V5A
8.33
1
7.5
50
15.5
12.9
730
1
SMF8V0A
8.89
1
8
25
14.7
13.6
670
1
SMF8V5A
9.44
1
8.5
10
13.9
14.4
660
1
SMF9V0A
10
1
9
5
13.5
15.4
620
1
SMF10A
11.1
1
10
2.5
11.8
17
570
1
SMF11A
12.2
1
11
2.5
11
18.2
460
1
SMF12A
13.3
1
12
2.5
10.1
19.9
440
1
SMF13A
14.4
1
13
1
9.3
21.5
420
1
SMF14A
15.6
1
14
1
8.6
23.2
370
1
SMF15A
16.7
1
15
1
8.2
24.4
350
1
SMF16A
17.8
1
16
1
7.7
26
340
1
SMF17A
18.9
1
17
1
7.2
27.6
310
1
SMF18A
20
1
18
1
5.8
29.2
305
1


Similar Part No. - SMF15A

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SMF15A DGNJDZ-SMF15A Datasheet
384Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
SMF15A VISHAY-SMF15A Datasheet
92Kb / 6P
   Surface Mount ESD Protection Diodes
Rev. 2.5, 22-Sep-10
logo
RFE international
SMF15A RFE-SMF15A Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor
11-07-2022
logo
Anova Technologies CO.,...
SMF15A ANOVA-SMF15A Datasheet
351Kb / 3P
   Surface Mount Transient Voltage Suppressors
logo
Vishay Siliconix
SMF15A VISHAY-SMF15A Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
More results

Similar Description - SMF15A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMF100A LUGUANG-SMF100A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF110A LUGUANG-SMF110A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF170A LUGUANG-SMF170A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF130A LUGUANG-SMF130A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Galaxy Semi-Conductor H...
SMF5V0A BILIN-SMF5V0A Datasheet
119Kb / 3P
   SURFACE MOUNT ESD PROTECTION DIODES
logo
Vishay Siliconix
SMF5V0A-M VISHAY-SMF5V0A-M_12 Datasheet
111Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 30-Nov-11
logo
Shenzhen Luguang Electr...
SMF85A LUGUANG-SMF85A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF5V0A LUGUANG-SMF5V0A Datasheet
168Kb / 3P
   Surface Mount ESD Protection Diodes
SMF90A LUGUANG-SMF90A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Vishay Siliconix
SMF22A-GS08 VISHAY-SMF22A-GS08 Datasheet
137Kb / 8P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 17-Oct-13
SMF36A-GS08 VISHAY-SMF36A-GS08 Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com