Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMB8J40CA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SMB8J40CA
Description  High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMB8J40CA Datasheet(HTML) 2 Page - Vishay Siliconix

  SMB8J40CA Datasheet HTML 1Page - Vishay Siliconix SMB8J40CA Datasheet HTML 2Page - Vishay Siliconix SMB8J40CA Datasheet HTML 3Page - Vishay Siliconix SMB8J40CA Datasheet HTML 4Page - Vishay Siliconix SMB8J40CA Datasheet HTML 5Page - Vishay Siliconix SMB8J40CA Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SMB10(8)J5.0(C)A thru SMB10(8)J40(C)A
www.vishay.com
Vishay General Semiconductor
Revision: 12-Nov-12
2
Document Number: 88422
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
UNI-DIRECTIONAL
Notes
(1) Pulse test: tp  50 ms
(2) Surge current waveform per fig. 3 and derate per fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE C62.35
(4) VF = 3.5 V at IF = 50 A (uni-directional only)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE
TYPE
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT (1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (μA)
MAXIMUM
PEAK
PULSE SURGE
CURRENT
IPPM (2)
(A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
MIN.
MAX.
SMB10J5.0A
1AE
6.40
7.07
10
5.0
1000
108.7
9.2
SMB10J6.0A
1AG
6.67
7.37
10
6.0
1000
97.1
10.3
SMB10J6.5A
1AK
7.22
7.98
10
6.5
500
89.3
11.2
SMB10J7.0A
1AM
7.78
8.60
10
7.0
200
83.3
12.0
SMB10J7.5A
1AP
8.33
9.21
1.0
7.5
100
77.5
12.9
SMB10J8.0A
1AR
8.89
9.83
1.0
8.0
50
73.5
13.6
SMB10J8.5A
1AT
9.44
10.4
1.0
8.5
20
69.4
14.4
SMB10J9.0A
1AV
10.0
11.1
1.0
9.0
10
64.9
15.4
SMB10J10A
1AX
11.1
12.3
1.0
10
5.0
58.8
17.0
SMB10J11A
1AZ
12.2
13.5
1.0
11
5.0
54.9
18.2
SMB10J12A
1BE
13.3
14.7
1.0
12
5.0
50.3
19.9
SMB10J13A
1BG
14.4
15.9
1.0
13
1.0
46.5
21.5
SMB10J14A
1BK
15.6
17.2
1.0
14
1.0
43.1
23.2
SMB10J15A
1BM
16.7
18.5
1.0
15
1.0
41.0
24.4
SMB10J16A
1BP
17.8
19.7
1.0
16
1.0
38.5
26.0
SMB10J17A
1BR
18.9
20.9
1.0
17
1.0
36.2
27.6
SMB10J18A
1BT
20.0
22.1
1.0
18
1.0
34.2
29.2
SMB10J20A
1BV
22.2
24.5
1.0
20
1.0
30.9
32.4
SMB10J22A
1BX
24.4
26.9
1.0
22
1.0
28.2
35.5
SMB10J24A
1BZ
26.7
29.5
1.0
24
1.0
25.7
38.9
SMB10J26A
1CE
28.9
31.9
1.0
26
1.0
23.8
42.1
SMB10J28A
1CG
31.1
34.4
1.0
28
1.0
22.0
45.4
SMB10J30A
1CK
33.3
36.8
1.0
30
1.0
20.7
48.4
SMB10J33A
1CM
36.7
40.6
1.0
33
1.0
18.8
53.3
SMB10J36A
1CP
40.0
44.2
1.0
36
1.0
17.2
58.1
SMB10J40A
1CR
44.4
49.1
1.0
40
1.0
15.5
64.5


Similar Part No. - SMB8J40CA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMB8J40CA VISHAY-SMB8J40CA Datasheet
118Kb / 6P
   High Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMB8J40CA VISHAY-SMB8J40CA Datasheet
117Kb / 6P
   High Power Density Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMB8J40CA VISHAY-SMB8J40CA Datasheet
118Kb / 6P
   High Power Density Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
More results

Similar Description - SMB8J40CA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMA5J30CA VISHAY-SMA5J30CA Datasheet
87Kb / 5P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
SMB10J30A-E3 VISHAY-SMB10J30A-E3 Datasheet
97Kb / 6P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 12-Nov-12
SMA5J36CA VISHAY-SMA5J36CA Datasheet
87Kb / 5P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 24-Oct-12
logo
Shenzhen Taychipst Elec...
SMA5J5.0A TAYCHIPST-SMA5J5.0A Datasheet
18Mb / 3P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
logo
Vishay Siliconix
SMA5J40CA VISHAY-SMA5J40CA Datasheet
114Kb / 6P
   High Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMA5J5.0A VISHAY-SMA5J5.0A_12 Datasheet
91Kb / 5P
   High Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMB108J40CA VISHAY-SMB108J40CA Datasheet
117Kb / 6P
   High Power Density Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMB108J5.0CA VISHAY-SMB108J5.0CA Datasheet
118Kb / 6P
   High Power Density Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMB10J40A VISHAY-SMB10J40A Datasheet
118Kb / 6P
   High Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
MSP3V3 VISHAY-MSP3V3_10 Datasheet
84Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 23-Apr-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com