Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-012U8T Datasheet(PDF) 9 Page - Rohm

Part # SML-012U8T
Description  Reflector type (3.0횞2.0mm, t1.3mm)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-012U8T Datasheet(HTML) 9 Page - Rohm

Back Button SML-012U8T Datasheet HTML 2Page - Rohm SML-012U8T Datasheet HTML 3Page - Rohm SML-012U8T Datasheet HTML 4Page - Rohm SML-012U8T Datasheet HTML 5Page - Rohm SML-012U8T Datasheet HTML 6Page - Rohm SML-012U8T Datasheet HTML 7Page - Rohm SML-012U8T Datasheet HTML 8Page - Rohm SML-012U8T Datasheet HTML 9Page - Rohm SML-012U8T Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-01 series
6.STORAGE
At reflow soldering, the reliability of this product is often influenced by moisture
absorption so we apply the packaging with moisture proof for better condition is use, please also note that
6-1) Not to be opened before using.
6-2) To be kept in our moisture proof packaging with some desiccant (SILICA GEL) after opening it.
To be baked in case the SILICA GEL indicator changed its color from either blue to clear or green to pink.
6-3) Please use within 168 hours after the package was opened. (Condition at 30ºC, max.70%Rh.)
In case it is not used within 168 hours, please put it back into our packaging.
6-4) BAKING
Please bake under reel condition at 60ºC, 12~24 hours (max.20%Rh) after un-sealing.
While baking is done, the reel and emboss tape may be easily deformed.
Please be careful not to give any stress.
7.LIFE TIME
This product will cause reduction of luminous intensity depending on the using conditions and environmental.
Please inquire our sales contact if long life time is required on your application.
9/9
2013.08 - Rev.C


Similar Part No. - SML-012U8T

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-012U8T ROHM-SML-012U8T Datasheet
148Kb / 3P
   SML-01 Series Reflector improved the concentration of viewing angle
SML-012U8T ROHM-SML-012U8T Datasheet
104Kb / 2P
   Chip LEDs with Reflector Standard Type
SML-012U8T ROHM-SML-012U8T Datasheet
2Mb / 5P
   Reflector type (3.0 x 2.0mm, t=1.3mm
SML-012U8T ROHM-SML-012U8T Datasheet
1Mb / 5P
   Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML-012U8T ROHM-SML-012U8T Datasheet
1Mb / 5P
   Reflector improved the concentration of viewing angle and luminous intensity to the front direction
More results

Similar Description - SML-012U8T

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-012P8TT86 ROHM-SML-012P8TT86 Datasheet
441Kb / 11P
   Reflector type (3.0횞2.0mm, t=1.3mm)
logo
OKI electronic componet...
OPU817 OKI-OPU817 Datasheet
52Kb / 6P
   Reflector-Type Photo Interrupter
logo
Lucky Light Electronic
GB-F3128 LUCKY-LIGHT-GB-F3128 Datasheet
55Kb / 1P
   SMD LED REFLECTOR TYPE)
logo
Rohm
SML-013UTT86 ROHM-SML-013UTT86 Datasheet
1Mb / 11P
   Reflector type (3.0x2.0mm, t 1.3mm)
SML-11_1012 ROHM-SML-11_1012 Datasheet
902Kb / 4P
   Side-view with reflector type
SML-C1 ROHM-SML-C1 Datasheet
1Mb / 3P
   Side-view with reflector type
logo
Seoul Semiconductor
SMDB05V SEOUL-SMDB05V Datasheet
1Mb / 19P
   Side View LED Of Reflector Type
SWAA0B SEOUL-SWAA0B Datasheet
1Mb / 17P
   Side View LED of Reflector type
logo
Yellow Stone Corp
GH-2023 YSTONE-GH-2023 Datasheet
1Mb / 6P
   REFLECTOR COATING TYPE HIGH-PERFORMANCE LEDS
logo
Rohm
SML-010YTT86 ROHM-SML-010YTT86 Datasheet
367Kb / 4P
   Standard Type Chip LEDs with reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com