Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT8840 Datasheet(PDF) 5 Page - Active-Semi, Inc

Part # ACT8840
Description  Advanced PMU for Single-core Application Processors
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8840 Datasheet(HTML) 5 Page - Active-Semi, Inc

  ACT8840 Datasheet HTML 1Page - Active-Semi, Inc ACT8840 Datasheet HTML 2Page - Active-Semi, Inc ACT8840 Datasheet HTML 3Page - Active-Semi, Inc ACT8840 Datasheet HTML 4Page - Active-Semi, Inc ACT8840 Datasheet HTML 5Page - Active-Semi, Inc ACT8840 Datasheet HTML 6Page - Active-Semi, Inc ACT8840 Datasheet HTML 7Page - Active-Semi, Inc ACT8840 Datasheet HTML 8Page - Active-Semi, Inc ACT8840 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
ACT8840
Rev 1, 07-Feb-14
Innovative PowerTM
- 5 -
www.active-semi.com
Copyright © 2014 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActivePMU
TM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1, 2
SW3
Switch Node for REG3.
3
GP3
Power Ground for REG3. Connect GP14, GP2, GP3, and GA together at a single
point as close to the IC as possible.
4
OUT10
REG10 output. Bypass it to ground with a 2.2µF capacitor.
5
OUT11
REG11 output. Bypass it to ground with a 2.2µF capacitor.
6
INL3
Power input for REG10, REG11 and REG12.
7
OUT12
REG12 output. Bypass it to ground with a 2.2µF capacitor.
8
VSEL
Output Voltage Selection for REG2 and REG4. Drive to logic low to select default
output voltage. Drive to logic high to select secondary output voltage.
9
nPBSTAT
Active-Low Open-Drain Push-Button Status Output. nPBSTAT is asserted low
whenever the nPBIN is pushed, and is high-Z otherwise.
10
GP2
Power ground for REG2. Connect GP14, GP2, GP3, and GA together at a single
point as close to the IC as possible.
11, 12
SW2
Switch Node for REG2.
13, 14
VP2
Power input for REG2. Bypass to GP2 with a high quality ceramic capacitor placed as
close to the IC as possible.
15
OUT2
Output Voltage Sense for REG2.
16
PWREN
Power enable input.
17
REFBP
Reference Bypass. Connect a 0.047μF ceramic capacitor from REFBP to GA. This
pin is discharged to GA in shutdown.
18
INL2
Power Input for REG8, REG9.
19
OUT9
REG9 output. Bypass it to ground with a 2.2µF capacitor.
20
GA
Analog Ground.
21
OUT4
Output voltage sense for REG4.
22
OUT8
REG8 output. Bypass it to ground with a 2.2µF capacitor.
23
SDA
Data Input for I2C Serial Interface. Data is read on the rising edge of SCL.
24
SCL
Clock Input for I2C Serial Interface.
25
VP4
Power input for REG4. Bypass to GP14 with a high quality ceramic capacitor placed
as close to the IC as possible.


Similar Part No. - ACT8840

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8840QM175-T ACTIVE-SEMI-ACT8840QM175-T Datasheet
724Kb / 38P
   Advanced PMU for Single-core Application Processors
Rev 2, 29-Jan-15
ACT8840QM17A-T ACTIVE-SEMI-ACT8840QM17A-T Datasheet
682Kb / 38P
   Advanced PMU for Single-core Application Processors
Rev 1, 07-Feb-14
ACT8840QM188-T ACTIVE-SEMI-ACT8840QM188-T Datasheet
682Kb / 38P
   Advanced PMU for Single-core Application Processors
Rev 1, 07-Feb-14
ACT8840QM188-T ACTIVE-SEMI-ACT8840QM188-T Datasheet
724Kb / 38P
   Advanced PMU for Single-core Application Processors
Rev 2, 29-Jan-15
ACT8840QM244-T ACTIVE-SEMI-ACT8840QM244-T Datasheet
682Kb / 38P
   Advanced PMU for Single-core Application Processors
Rev 1, 07-Feb-14
More results

Similar Description - ACT8840

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8840 ACTIVE-SEMI-ACT8840_15 Datasheet
724Kb / 38P
   Advanced PMU for Single-core Application Processors
Rev 2, 29-Jan-15
ACT8840QM17A-T ACTIVE-SEMI-ACT8840QM17A-T Datasheet
682Kb / 38P
   Advanced PMU for Single-core Application Processors
Rev 1, 07-Feb-14
ACT8847 ACTIVE-SEMI-ACT8847_14 Datasheet
763Kb / 38P
   Advanced PMU for Multi-core Application Processors
Rev 5, 15-Nov-12
ACT8846 ACTIVE-SEMI-ACT8846 Datasheet
81Kb / 2P
   Advanced PMU for Multi-core Application Processors
22-Oct-12
ACT8846 ACTIVE-SEMI-ACT8846_16 Datasheet
977Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 4, 25-May-16
ACT8847 ACTIVE-SEMI-ACT8847_17 Datasheet
2Mb / 39P
   Advanced PMU for Multi-core Application Processors
REV 8, 17-JAN-2017
ACT8846 ACTIVE-SEMI-ACT8846_17 Datasheet
1Mb / 44P
   Advanced PMU for Multi-core Application Processors
Rev 7.0, 06-Dec-2017
ACT8847 ACTIVE-SEMI-ACT8847 Datasheet
83Kb / 2P
   Advanced PMU for Multi-core Application Processors
05-Dec-12
ACT8846 ACTIVE-SEMI-ACT8846_14 Datasheet
674Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 1, 15-May-13
ACT8848 ACTIVE-SEMI-ACT8848_14 Datasheet
599Kb / 37P
   Advanced PMU for Multi-core Application Processors
Rev 2, 15-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com