Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF1002CT Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # UF1002CT
Description  SUPERFAST mount reverse voltage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

UF1002CT Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  UF1002CT Datasheet HTML 1Page - PACELEADER INDUSTRIAL UF1002CT Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
SUPERFAST RECOVERY RECTIFIER
SUPERFAST RECOVERY RECTIFIER
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
FEATURES
MECHANICAL DATA
www.paceleader.tw
UF1000CT thru UF1008CT
10A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
SURFACE MOUNT REVERSE VOLTAGE
TS
SURFACE MOUNT REVERSE VOLTAGE
50 TO 800 VOL TS
800 VOL
50 TO 8
8
@TA=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TO-220AB
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O Utilizing
Flame Retardant Epoxy Molding Compound
Exceeds environmental standards of MIL-S-19500/228
Low power loss, high efficiency
Low forward voltage, high current capability
High surge capacity
Ultra Fast recovery times, high voltage
High temperature soldering : 260
O C / 10 seconds at terminals
Pb free product at available : 99% Sn above meet RoHS environment
substance directive request
Terminals: Lead solderable per MIL-STD-202, Method 208
Polarity: As marked
Mounting Position: Any
Weight: 0.08 ounce, 2.24 gram
Case:TO-220AB full molded plastic package
UF1000CT UF1001CT UF1002CT UF1003CT UF1004CT UF1006CT UF1008CT UNITS
Maximum Recurrent Peak Reverse Voltage
50
100
200
300
400
600
800
V
Maximum RMS Voltage
35
70
140
210
280
420
560
V
Maxi mum DC Blocking Voltage
50
100
200
300
400
600
800
V
Maximum Average Forward Rect if ied Current at Tc=1 00°C
10
A
Peak For ward Surge Current ,
8.3 ms single half sine- wave
superimposed on rated load (J EDEC method)
125
A
Maximum Instantaneous Forward Vol tage
at 5.0A per element
1.0
1.30
1.70
V
Maxi mum DC Reverse Current (Note 1) Ta=25° C
at Rated DC Block ing Vol tage Ta=125°C
10
500
µA
Maxi mum DC Reverse Cur rent (Note 1)
Ta=25°C
at Rated DC Block ing Voltage
Ta=125°C
50
100
pF
Maximum Reverse Recovery Time (Note 2)
50
75
ns
Typical Therma l Resistance Note R
θJC
15
Oper ati ng and Storage Temperature Range TJ
-55 to +150
°C
°C/W
NOTES:
1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
2. Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A.
3. Thermal resistance from Junction to ambient and from junction to lead 0.375” (9.5mm) P.C.B mounted.


Similar Part No. - UF1002CT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
UF1002CT WTE-UF1002CT Datasheet
48Kb / 3P
   10A ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1002CT WTE-UF1002CT Datasheet
57Kb / 4P
   10A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
logo
Pan Jit International I...
UF1002CT PANJIT-UF1002CT Datasheet
44Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
UF1002CT PANJIT-UF1002CT Datasheet
88Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Yea Shin Technology Co....
UF1002CT YEASHIN-UF1002CT Datasheet
40Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 800 Volts CURRENT - 10.0 Ampere
More results

Similar Description - UF1002CT

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
UF1000F PACELEADER-UF1000F Datasheet
302Kb / 2P
   SUPERFAST mount reverse voltage
UF800 PACELEADER-UF800 Datasheet
284Kb / 2P
   SUPERFAST mount reverse voltage
UF1000 PACELEADER-UF1000 Datasheet
260Kb / 2P
   SUPERFAST mount reverse voltage
UF1600FCT PACELEADER-UF1600FCT Datasheet
197Kb / 2P
   SUPERFAST SURFACE MOUNT REVERSE
logo
Gaomi Xinghe Electronic...
SF18 GXELECTRONICS-SF18 Datasheet
674Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS Reverse Voltage ??50 to 600 Volts
logo
Rectron Semiconductor
ES1AW RECTRON-ES1AW Datasheet
598Kb / 6P
   Surface Mount Superfast Recovery Rectifier Reverse Voltage-50 to 600V Forward Current-1A
logo
GOOD-ARK Electronics
ES3A GOOD-ARK-ES3A_15 Datasheet
390Kb / 5P
   Surface Mount Glass Passivated Superfast Rectifier Reverse Voltage 50 to 600V Forward Current 3A
logo
PACELEADER INDUSTRIAL
UF505 PACELEADER-UF505 Datasheet
193Kb / 3P
   SURFACE MOUNT REVERSE voltage
logo
GOOD-ARK Electronics
FU1 GOOD-ARK-FU1_15 Datasheet
205Kb / 4P
   Surface Mount Glass Passivated superfast recovery Rectifier Reverse Voltage 50~600V Forward Current 1A
LU1 GOOD-ARK-LU1 Datasheet
183Kb / 4P
   Surface Mount Glass Passivated superfast recovery Rectifier Reverse Voltage 50~600V Forward Current 1A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com