Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO74G240A Datasheet(PDF) 4 Page - Potato Semiconductor Corporation

Part # PO74G240A
Description  OCTAL 3-STATE BUS INVERTERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO74G240A Datasheet(HTML) 4 Page - Potato Semiconductor Corporation

  PO74G240A_14 Datasheet HTML 1Page - Potato Semiconductor Corporation PO74G240A_14 Datasheet HTML 2Page - Potato Semiconductor Corporation PO74G240A_14 Datasheet HTML 3Page - Potato Semiconductor Corporation PO74G240A_14 Datasheet HTML 4Page - Potato Semiconductor Corporation PO74G240A_14 Datasheet HTML 5Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Test Waveforms
Test Circuit
50Ohm
50Ohm
500Ohm
500Ohm
50pF
to
2pF
VOH
tF
tR
tPHL
VOL
2.0V
1.5V
0.8V
Output
Output 1
Package1
Output
Package2
Output
Output 2
Intput
Intput
tPLH
VOH
tPHL
VOL
1.5V
Output
Intput
Intput
tPLH
OCTAL 3-STATE BUS INVERTERS
74 Series Noise Cancellation GHz Logic
4
01/01/10
Potato Semiconductor Corporation
PO74G240A
www.potatosemi.com


Similar Part No. - PO74G240A_14

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G240ASR POTATO-PO74G240ASR Datasheet
499Kb / 6P
   OCTAL 3-STATE BUS INVERTERS
PO74G240ASU POTATO-PO74G240ASU Datasheet
499Kb / 6P
   OCTAL 3-STATE BUS INVERTERS
More results

Similar Description - PO74G240A_14

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G240A POTATO-PO74G240A Datasheet
499Kb / 6P
   OCTAL 3-STATE BUS INVERTERS
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
74HC_HCT245 PHILIPS-74HC_HCT245_15 Datasheet
137Kb / 22P
   Octal bus tranceiver; 3-state
Rev. 03-31 January 2005
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
Potato Semiconductor Co...
PO74G244A POTATO-PO74G244A_14 Datasheet
1Mb / 5P
   OCTAL 3-STATE BUS BUFFERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com