Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO74G86A Datasheet(PDF) 3 Page - Potato Semiconductor Corporation

Part # PO74G86A
Description  QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO74G86A Datasheet(HTML) 3 Page - Potato Semiconductor Corporation

  PO74G86A_14 Datasheet HTML 1Page - Potato Semiconductor Corporation PO74G86A_14 Datasheet HTML 2Page - Potato Semiconductor Corporation PO74G86A_14 Datasheet HTML 3Page - Potato Semiconductor Corporation PO74G86A_14 Datasheet HTML 4Page - Potato Semiconductor Corporation PO74G86A_14 Datasheet HTML 5Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Power Supply Characteristics
Symbol
Description
Test Conditions (1)
Min
Typ
Max
Unit
IccQ
Quiescent Power Supply Current
Vcc=Max, Vin=Vcc or GND
-
0.1
30
uA
Icc
Power Supply Current per Input High
Vcc=Max, Vin= Vcc-0.6V
-
50
300
uA
Notes:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 3.3V, 25
°C ambient.
3. This parameter is guaranteed but not tested.
4. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
5. VoH = Vcc – 0.6V at rated current
Capacitance
Parameters (1)
Description
Test Conditions
Typ
Unit
Cin
Input Capacitance
Vin = 0V
4
pF
Cout
Output Capacitance
Vout = 0V
6
pF
Notes:
1 This parameter is determined by device characterization but not production tested.
Switching Characteristics
t
i
n
U
x
a
M
)
1
(
s
n
o
i
t
i
d
n
o
C
t
s
e
T
n
o
i
t
p
i
r
c
s
e
D
l
o
b
m
y
S
tPLH
Propagation Delay A, B to Y
CL = 15pF
1.5
ns
tPHL
Propagation Delay A, B to Y
CL = 15pF
1.5
ns
tr/tf
Rise/Fall Time
0.8V – 2.0V
0.8
ns
fmax
F
p
5
1
=
L
C
y
c
n
e
u
q
e
r
F
t
u
p
n
I
350
MHz
fmax
F
p
5
=
L
C
y
c
n
e
u
q
e
r
F
t
u
p
n
I
750
MHz
fmax
F
p
2
=
L
C
y
c
n
e
u
q
e
r
F
t
u
p
n
I
1125
MHz
Notes:
1. See test circuits and waveforms.
2. tpLH, tpHL, tsk(p), and tsk(o) are production tested. All other parameters guaranteed but not production tested.
3. Airflow of 1m/s is recommended for frequencies above 133MHz
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
74 Series Noise Cancellation GHz Logic
3
01/01/10
Potato Semiconductor Corporation
PO74G86A
www.potatosemi.com


Similar Part No. - PO74G86A_14

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G86ASR POTATO-PO74G86ASR Datasheet
475Kb / 6P
   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
PO74G86ASU POTATO-PO74G86ASU Datasheet
475Kb / 6P
   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
More results

Similar Description - PO74G86A_14

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LS86 RENESAS-HD74LS86 Datasheet
59Kb / 5P
   Quadruple 2-input Exclusive-OR Gates
logo
Texas Instruments
SN54ALS86 TI-SN54ALS86 Datasheet
95Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54HC86 TI-SN54HC86 Datasheet
497Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Hitachi Semiconductor
HD74LS86 HITACHI-HD74LS86 Datasheet
43Kb / 5P
   Quadruple 2-input Exclusive-OR Gates
logo
Texas Instruments
SN54ACT86 TI-SN54ACT86 Datasheet
514Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
8404601DA TI1-8404601DA Datasheet
1Mb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54LVC86A TI-SN54LVC86A Datasheet
520Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN5486 TI-SN5486 Datasheet
647Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Diodes Incorporated
74AHCT86 DIODES-74AHCT86 Datasheet
277Kb / 8P
   QUADRUPLE 2-INPUT EXCLUSIVE OR GATES
74AHC86 DIODES-74AHC86 Datasheet
292Kb / 8P
   QUADRUPLE 2-INPUT EXCLUSIVE OR GATES
logo
Unisonic Technologies
U74AHC86 UTC-U74AHC86 Datasheet
189Kb / 4P
   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com