Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO74G14A Datasheet(PDF) 1 Page - Potato Semiconductor Corporation

Part # PO74G14A
Description  54, 74 Series Noise Cancellation GHz Logic
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO74G14A Datasheet(HTML) 1 Page - Potato Semiconductor Corporation

  PO74G14A_14 Datasheet HTML 1Page - Potato Semiconductor Corporation PO74G14A_14 Datasheet HTML 2Page - Potato Semiconductor Corporation PO74G14A_14 Datasheet HTML 3Page - Potato Semiconductor Corporation PO74G14A_14 Datasheet HTML 4Page - Potato Semiconductor Corporation PO74G14A_14 Datasheet HTML 5Page - Potato Semiconductor Corporation PO74G14A_14 Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES:
. Patented technology
. Operating frequency up to 1.125GHz with 2pf load
. Operating frequency up to 680MHz with 5pf load
. Operating frequency up to 300MHz with 15pf load
. Operating frequency up to 100MHz with 50pf load
. VCC Operates from 1.65V to 3.6V
. Propagation delay < 1.8ns max with 15pf load
. Low input capacitance: 4pf typical
. Available in 14pin 150mil wide SOIC package
Pin Configuration
Logic Block Diagram
Pin Description
DESCRIPTION:
Potato Semiconductor’s PO74G14A is designed for
world top performance using submicron CMOS
technology to achieve 1.125GHz TTL /CMOS output
frequency with less than 1.8ns propagation delay.
This hex inverter contains six independent inverters
designed for 1.65-V to 3.6-V VCC operation.
The PO74G14A performs the Boolean function Y= A.
Inputs can be driven from either 3.3V or 5V devices.
This feature allows the use of these devices as
translators in a mixed 3.3V/5V system environment.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
V CC
6A
6Y
5A
5Y
4A
4Y
3 2 1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
6Y
NC
5A
NC
5Y
2A
NC
2Y
NC
3A
Y
A
INPUT
OUTPUT
A
Y
H
L
L
H
HEX SCHMITT-TRIGGER INVERTERS
54, 74 Series Noise Cancellation GHz Logic
1
01/01/10
Potato Semiconductor Corporation
PO54G14A, PO74G14A
www.potatosemi.com


Similar Part No. - PO74G14A_14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PO74G14ASIR ETC2-PO74G14ASIR Datasheet
504Kb / 6P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Potato Semiconductor Co...
PO74G14ASiR POTATO-PO74G14ASiR Datasheet
519Kb / 6P
   HEX SCHMITT-TRIGGER INVERTERS
logo
List of Unclassifed Man...
PO74G14ASIU ETC2-PO74G14ASIU Datasheet
504Kb / 6P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Potato Semiconductor Co...
PO74G14ASiU POTATO-PO74G14ASiU Datasheet
519Kb / 6P
   HEX SCHMITT-TRIGGER INVERTERS
logo
List of Unclassifed Man...
PO74G14ASR ETC2-PO74G14ASR Datasheet
504Kb / 6P
   HEX SCHMITT-TRIGGER INVERTERS
More results

Similar Description - PO74G14A_14

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G04A POTATO-PO74G04A_14 Datasheet
1Mb / 6P
   54, 74 Series Noise Cancellation GHz Logic
PO74G32A POTATO-PO74G32A_14 Datasheet
1Mb / 5P
   74 Series Noise Cancellation GHz Logic
PO74GU04A POTATO-PO74GU04A_14 Datasheet
1Mb / 5P
   74 Series Noise Cancellation GHz Logic
logo
List of Unclassifed Man...
PO54G00A ETC2-PO54G00A Datasheet
507Kb / 6P
   54, 74 Series GHz Logic
SP74HC82 ETC1-SP74HC82 Datasheet
113Kb / 2P
   54/74 Series Adders Registers
logo
Analog Devices
ADL8106CHIPS AD-ADL8106CHIPS Datasheet
2Mb / 28P
   GaAs, pHEMT, Low Noise Amplifier, 20 GHz to 54 GHz
Rev. 0
ADL8106 AD-ADL8106 Datasheet
1Mb / 26P
   GaAs, pHEMT, Low Noise Amplifier, 18 GHz to 54 GHz
Rev. 0
logo
TEMIC Semiconductors
U4276B TEMIC-U4276B Datasheet
83Kb / 8P
   FM Multipath Noise Cancellation
logo
Cirrus Logic
WM8281 CIRRUS-WM8281 Datasheet
7Mb / 392P
   Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
logo
Pomona Electronics
PO49FCT32807G POMONA-PO49FCT32807G_14 Datasheet
1Mb / 6P
   400MHz Noise Cancellation TTL/CMOS Potato Chip
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com