Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF24 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SMF24
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SMF24 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SMF24 Datasheet HTML 1Page - PACELEADER INDUSTRIAL SMF24 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
SMF22 thru SMF210
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE - 20 TO 100 VOLTS CURRENT - 2.0 AMPERES
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
o
Ratings at 25 C ambient temp. unless otherwise specified
Single phase, half sine wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
FEATURES
MECHANICAL DATA
www.paceleader.tw
SMF
NOTES:
A.Pulse Test with PW =300µsec, 2% Duty Cycle.
B.Mounted on P.C. Board with 5.0mm2 (.013mm thick) copper pad areas.
.011(2.80)
.095(2.40)
.009(0.22)
.006(0.15)
.052(1.30)
.043(1.10)
.035(0.90)
.173(4.40)
1
2
.141(3.60)
.126(3.20)
.189(4.80)
.056(1.43)
.054(1.38)
TYPICAL
Case
JEDEC DO-214AC molded plastic
Terminals
Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity Color band denotes cathode end
Standard Package 12mm tape (EIA STD EIA-481)
Weight 0.002 ounce, 0.064gram
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
For surface mounted applications
Low profile package
Built-in strainrelief
Metal to silicon rectifier. majority carrier conduction
Low power loss,high efficiency
High surge capacity
High current capacity
For use in low voltage high frequency inverters, free wheeling,
and polarity protection applications.
High temperaturesoldering guaranteed: 260°C /10 seco
at terminals
High temperature soldering : 260 OC / 10 seconds at ter
Pb free product at available : 99% Sn above meet RoHS
environment substance directive request
SYMBOLS
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
80
90
100
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
64
71
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
90
100
V
Maximum Average Forward Rectified Current
at TL (See figure 1)
I(AV)
2.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed
on rated load (JEDEC method)
IFSM
50.0
A
Maximum Instantaneous Forward Voltage at 1.0A
(Note 1)
VF
0.50
0.70
0.85
V
Maximum DC Reverse Current (Note 1) Ta= 25°C
at Rated DC Blocking Voltage Ta=100°C
IR
0.5
10.0
mA
Maximum Thermal Resistance(Note 2)
RθJL
RθJA
20.0
80.0
°C/W
Operating and Storage Temperature Range TJ
TJ
-50 to +1
50
°C
Storage Temperature Range
TSTG
-55 to +150
°C
SMF22 SMF23 SMF24 SMF25 SMF26 SMF28 SMF29 SMF210
nds
minals
0.87MAX
(2.20MAX)
0.050MIN
(1.27MIN)
0.201REF
(5.1REF)


Similar Part No. - SMF24

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SMF24 JUXING-SMF24 Datasheet
756Kb / 4P
   Glass Passivated TVS
logo
Microdiode Electronics ...
SMF24(C)A CHENDA-SMF24(C)A Datasheet
579Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMF24A VISHAY-SMF24A Datasheet
137Kb / 8P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 17-Oct-13
SMF24A VISHAY-SMF24A Datasheet
148Kb / 7P
   Surface-Mount ESD Protection Diodes
01-Jan-2022
logo
Diotec Semiconductor
SMF24A DIOTEC-SMF24A Datasheet
184Kb / 3P
   SMD Transient Voltage Suppressor Diodes
More results

Similar Description - SMF24

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com