Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO74G10A Datasheet(PDF) 4 Page - Potato Semiconductor Corporation

Part # PO74G10A
Description  TRIPLE 3-INPUT POSITIVE-NAND GATES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO74G10A Datasheet(HTML) 4 Page - Potato Semiconductor Corporation

  PO74G10A_14 Datasheet HTML 1Page - Potato Semiconductor Corporation PO74G10A_14 Datasheet HTML 2Page - Potato Semiconductor Corporation PO74G10A_14 Datasheet HTML 3Page - Potato Semiconductor Corporation PO74G10A_14 Datasheet HTML 4Page - Potato Semiconductor Corporation PO74G10A_14 Datasheet HTML 5Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Test Waveforms
Test Circuit
50Ohm
Propagation Delay
Input
Output
VoH
2.0V
1.5V
0.8V
VoL
3V
0V
1.5V
tf
tPHL
tPLH
tR
Vcc
15pF
to
2pF
D.U.T.
Pulse
Generator
TRIPLE 3-INPUT POSITIVE-NAND GATES
54, 74 Series Noise Cancellation GHz Logic
4
01/01/10
Potato Semiconductor Corporation
PO74G10A
www.potatosemi.com


Similar Part No. - PO74G10A_14

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G10ASR POTATO-PO74G10ASR Datasheet
464Kb / 6P
   TRIPLE 3-INPUT POSITIVE-NAND GATES
PO74G10ASU POTATO-PO74G10ASU Datasheet
464Kb / 6P
   TRIPLE 3-INPUT POSITIVE-NAND GATES
More results

Similar Description - PO74G10A_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS10A TI-SN54ALS10A_08 Datasheet
665Kb / 16P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Renesas Technology Corp
HD74LS10 RENESAS-HD74LS10 Datasheet
65Kb / 6P
   Triple 3-Input Positive NAND Gates
logo
Texas Instruments
SN54HC10 TI-SN54HC10 Datasheet
76Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
CD74ACT10 TI1-CD74ACT10_14 Datasheet
806Kb / 12P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
SN54AC10 TI1-SN54AC10_15 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
SN54ACT10 TI1-SN54ACT10_15 Datasheet
1Mb / 19P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
54ACT11010 TI1-54ACT11010_09 Datasheet
80Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
SN5410 TI-SN5410 Datasheet
597Kb / 14P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Hitachi Semiconductor
HD74LV10A HITACHI-HD74LV10A Datasheet
54Kb / 12P
   Triple 3-input Positive NAND Gates
logo
Texas Instruments
SN54ALS10A TI-SN54ALS10A Datasheet
95Kb / 6P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com