Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2MBI300N-060 Datasheet(PDF) 4 Page - Fuji Electric

Part # 2MBI300N-060
Description  600V / 300A 2 in one-package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2MBI300N-060 Datasheet(HTML) 4 Page - Fuji Electric

  2MBI300N-060 Datasheet HTML 1Page - Fuji Electric 2MBI300N-060 Datasheet HTML 2Page - Fuji Electric 2MBI300N-060 Datasheet HTML 3Page - Fuji Electric 2MBI300N-060 Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2MBI300N-060-04
IGBT Module
Outline Drawings, mm
Switching loss vs. Collector current
Vcc=300V, RG=6.8 ohm, VGE=±15V
Collector current : Ic [A]
0
10
5
15
20
25
30
0
100
200
300
400
500
Collector-Emitter voltage : VCE [V]
0
5
10
15
20
25
30
35
1
10
100
Capacitance vs. Collector-Emitter voltage
Tj=25°C


Similar Part No. - 2MBI300N-060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI300N-060-04 FUJI-2MBI300N-060-04 Datasheet
181Kb / 4P
   600V / 300A 2 in one-package
More results

Similar Description - 2MBI300N-060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI300NB-060-01 FUJI-2MBI300NB-060-01 Datasheet
181Kb / 4P
   600V / 300A 2 in one-package
2MBI300N-060-04 FUJI-2MBI300N-060-04 Datasheet
181Kb / 4P
   600V / 300A 2 in one-package
2MBI300S-120 FUJI-2MBI300S-120 Datasheet
853Kb / 4P
   1200V / 300A 2 in one-package
2MBI300N-120-01 FUJI-2MBI300N-120-01 Datasheet
278Kb / 4P
   1200V / 300A 2 in one-package
2MBI300VB-060-50 FUJI-2MBI300VB-060-50 Datasheet
421Kb / 6P
   IGBT MODULE (V series) 600V / 300A / 2 in one package
logo
Nell Semiconductor Co.,...
NSGM300GB12B NELLSEMI-NSGM300GB12B Datasheet
995Kb / 4P
   IGBT Module (2 in one-package), 300A
logo
KEC(Korea Electronics)
GM400HB06CT KEC-GM400HB06CT Datasheet
421Kb / 3P
   600V/400A 2 IN ONE PACKAGE
logo
Fuji Electric
2MBI200N-060-03 FUJI-2MBI200N-060-03 Datasheet
180Kb / 4P
   600V / 200A 2 in one-package
1MBI300U2H-060L-50 FUJI-1MBI300U2H-060L-50 Datasheet
383Kb / 7P
   IGBT MODULE (U series) 600V / 300A / 1 in one package
1MBI300S-120 FUJI-1MBI300S-120 Datasheet
477Kb / 4P
   1200V / 300A 1 in one-package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com