Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO3B16244A Datasheet(PDF) 3 Page - Potato Semiconductor Corporation

Part # PO3B16244A
Description  16-Bit, 4-Port Bus Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO3B16244A Datasheet(HTML) 3 Page - Potato Semiconductor Corporation

  PO3B16244A_14 Datasheet HTML 1Page - Potato Semiconductor Corporation PO3B16244A_14 Datasheet HTML 2Page - Potato Semiconductor Corporation PO3B16244A_14 Datasheet HTML 3Page - Potato Semiconductor Corporation PO3B16244A_14 Datasheet HTML 4Page - Potato Semiconductor Corporation PO3B16244A_14 Datasheet HTML 5Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Power Supply Characteristics
Symbol
Description
Test Conditions (1)
Min
Typ
Max
Unit
Icc
Quiescent Power Supply Current
Vcc=Max, Vin=Vcc or GND
-
0.1
3
uA
Notes:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 3.3V, 25
°C ambient.
3. This parameter is guaranteed but not tested.
4. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
5. VoH = Vcc – 0.6V at rated current
Capacitance (TA = 25°C f = 1 MHz)
Switching Characteristics over 3.3V Operating Range
Parameters
Description
Conditions
Units
Max.
tPLH
tPHL
See Test Diagram
0.3
ns
tPZH
tPZL
See Test Diagram
2.0
tPHZ
tPLZ
3.0
Dynamic Electrical Characteristics Over the Operating Range
(TA = -40º to +85º, VCC = 3.3V ± 10%)
Parameter
Description
Test Condition
Typ.
Units
XTALK
Crosstalk
RL = 100
-60
dB
OIRR
Off-Isolation
RL = 100
-60
BW
-3dB Bandwidth
RL = 100
1.1
GHz
Parameters
s
n
o
i
t
i
d
n
o
C
t
s
e
T
n
o
i
t
p
i
r
c
s
e
D
Typ.
Units
CIN
V
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
I
IN
F
p
0
.
3
V
0
=
COFF
A/B Capacitance, Switch Off
VIN
F
p
0
.
5
V
0
=
CON
A/B Capacitance, Switch On
VIN=0V
10.0
pF
Propogation Delay
Bus Enable Time
Bus Disable Time
16-Bit, 4-Port Bus Switch
High Bandwidth Potato Chip
3
01/01/10
Potato Semiconductor Corporation
PO3B16244A
www.potatosemi.com


Similar Part No. - PO3B16244A_14

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B16244ATR POTATO-PO3B16244ATR Datasheet
552Kb / 6P
   16-Bit, 4-Port Bus Switch
PO3B16244ATU POTATO-PO3B16244ATU Datasheet
552Kb / 6P
   16-Bit, 4-Port Bus Switch
More results

Similar Description - PO3B16244A_14

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B16244A POTATO-PO3B16244A Datasheet
552Kb / 6P
   16-Bit, 4-Port Bus Switch
PO3B16245A POTATO-PO3B16245A_14 Datasheet
1Mb / 5P
   16-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C16245AX PERICOM-PI5C16245AX Datasheet
238Kb / 6P
   16-Bit, 2-Port Bus Switch
PI5C16245 PERICOM-PI5C16245 Datasheet
195Kb / 5P
   16-Bit, 2-Port Bus Switch
logo
Potato Semiconductor Co...
PO3B16245A POTATO-PO3B16245A Datasheet
551Kb / 6P
   16-Bit, 2-Port Bus Switch
logo
ON Semiconductor
74FST3400 ONSEMI-74FST3400 Datasheet
96Kb / 8P
   4-Bit, 4-Port Bus Exchange Switch
January, 2005 ??Rev. 5
logo
Pericom Semiconductor C...
PI5C3400 PERICOM-PI5C3400 Datasheet
56Kb / 3P
   4-Bit, 4-Port Bus Exchange Switch
PI5C3383 PERICOM-PI5C3383 Datasheet
399Kb / 5P
   5-Bit, 4-Port Bus Exchange Switch
logo
Integrated Device Techn...
IDT74FST163245 IDT-IDT74FST163245 Datasheet
85Kb / 6P
   16-BIT BUS SWITCH
logo
Fairchild Semiconductor
FST16245 FAIRCHILD-FST16245 Datasheet
182Kb / 4P
   16-Bit Bus Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com