Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT8810QJ3EB-T Datasheet(PDF) 9 Page - Active-Semi, Inc

Part # ACT8810QJ3EB-T
Description  Eight Channel ActivePathTM Power Management IC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8810QJ3EB-T Datasheet(HTML) 9 Page - Active-Semi, Inc

Back Button ACT8810QJ3EB-T Datasheet HTML 5Page - Active-Semi, Inc ACT8810QJ3EB-T Datasheet HTML 6Page - Active-Semi, Inc ACT8810QJ3EB-T Datasheet HTML 7Page - Active-Semi, Inc ACT8810QJ3EB-T Datasheet HTML 8Page - Active-Semi, Inc ACT8810QJ3EB-T Datasheet HTML 9Page - Active-Semi, Inc ACT8810QJ3EB-T Datasheet HTML 10Page - Active-Semi, Inc ACT8810QJ3EB-T Datasheet HTML 11Page - Active-Semi, Inc ACT8810QJ3EB-T Datasheet HTML 12Page - Active-Semi, Inc ACT8810QJ3EB-T Datasheet HTML 13Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
SYSTEM MANAGEMENT
ACT8810
Rev 9, 15-Nov-12
Innovative Power
TM
- 9 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
I
2C INTERFACE ELECTRICAL CHARACTERISTICS
Figure 1:
I
2C Serial Bus Timing
(VVSYS = 3.6V, TA = 25°C, unless otherwise specified.)
SCL
SDA IN
SDA OUT
tSP
tHD
tST
tSU
tSCL
PARAMETER
TEST CONDITIONS
MIN
TYP MAX UNIT
SCL, SDA Low Input Voltage
VVSYS = 2.6V to 5.5V, TA = -40ºC to 85ºC
0.35
V
SCL, SDA High Input Voltage
VVSYS = 2.6V to 5.5V, TA = -40ºC to 85ºC
1.55
V
SCL, SDA Leakage Current
1
µA
SDA Low Output Voltage
IOL = 5mA
0.3
V
SCL Clock Period, tSCL
2.5
µs
SDA Data In Setup Time to SCL High, tSU
100
ns
SDA Data Out Hold Time after SCL Low, tHD
300
ns
SDA Data Low Setup Time to SCL Low, tST
Start Condition
100
ns
SDA Data High Hold Time after Clock High, tSP Stop Condition
100
ns


Similar Part No. - ACT8810QJ3EB-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8810QJ3EB-T ACTIVE-SEMI-ACT8810QJ3EB-T Datasheet
889Kb / 52P
   Eight Channel ActivePathTM Power Management IC
Rev 4, 01-Oct-09
ACT8810QJ3EB-T ACTIVE-SEMI-ACT8810QJ3EB-T Datasheet
760Kb / 53P
   Eight Channel ActivePath??Power Management IC
Rev 8, 08-Oct-10
ACT8810QJ3EB-T ACTIVE-SEMI-ACT8810QJ3EB-T Datasheet
768Kb / 53P
   Eight Channel ActivePath Power Management IC
Rev 9, 15-Nov-12
More results

Similar Description - ACT8810QJ3EB-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8810 ACTIVE-SEMI-ACT8810_09 Datasheet
889Kb / 52P
   Eight Channel ActivePathTM Power Management IC
Rev 4, 01-Oct-09
ACT8828 ACTIVE-SEMI-ACT8828_12 Datasheet
720Kb / 50P
   Six Channel ActivePathTM Power Management IC
Rev 7, 15-Nov-12
ACT8828 ACTIVE-SEMI-ACT8828_09 Datasheet
639Kb / 49P
   Six Channel ActivePathTM Power Management IC
Rev 3, 24-Sep-09
ACT8828 ACTIVE-SEMI-ACT8828_14 Datasheet
719Kb / 51P
   Six Channel ActivePathTM Power Management IC
Rev 7, 15-Nov-12
ACT8810 ACTIVE-SEMI-ACT8810 Datasheet
150Kb / 2P
   Eight Channel ActivePath??Power Management IC
12-Mar-09
ACT8810 ACTIVE-SEMI-ACT8810_10 Datasheet
760Kb / 53P
   Eight Channel ActivePath??Power Management IC
Rev 8, 08-Oct-10
ACT8810 ACTIVE-SEMI-ACT8810_12 Datasheet
768Kb / 53P
   Eight Channel ActivePath Power Management IC
Rev 9, 15-Nov-12
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Active-Semi, Inc
ACT8935 ACTIVE-SEMI-ACT8935 Datasheet
165Kb / 2P
   Nine Channel ActivePath??Power Management IC
24-Sep-09
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com