Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2MBI200NT-120-02 Datasheet(PDF) 6 Page - Fuji Electric

Part # 2MBI200NT-120-02
Description  IGBT module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2MBI200NT-120-02 Datasheet(HTML) 6 Page - Fuji Electric

  2MBI200NT-120-02 Datasheet HTML 1Page - Fuji Electric 2MBI200NT-120-02 Datasheet HTML 2Page - Fuji Electric 2MBI200NT-120-02 Datasheet HTML 3Page - Fuji Electric 2MBI200NT-120-02 Datasheet HTML 4Page - Fuji Electric 2MBI200NT-120-02 Datasheet HTML 5Page - Fuji Electric 2MBI200NT-120-02 Datasheet HTML 6Page - Fuji Electric 2MBI200NT-120-02 Datasheet HTML 7Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image


Similar Part No. - 2MBI200NT-120-02

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI200N-060 FUJI-2MBI200N-060 Datasheet
156Kb / 4P
   IGBT MODULE ( N series )
2MBI200N-060-03 FUJI-2MBI200N-060-03 Datasheet
180Kb / 4P
   600V / 200A 2 in one-package
2MBI200N-120 FUJI-2MBI200N-120 Datasheet
101Kb / 4P
   IGBT MODULE ( N series )
2MBI200NB-120 FUJI-2MBI200NB-120 Datasheet
136Kb / 4P
   IGBT MODULE ( N series )
2MBI200NB-120-01 FUJI-2MBI200NB-120-01 Datasheet
199Kb / 4P
   1200V / 200A 2 in one-package
More results

Similar Description - 2MBI200NT-120-02

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
   IGBT-Module / IGBT-inverter
logo
Fuji Electric
1MBI400F-060 FUJI-1MBI400F-060 Datasheet
140Kb / 5P
   IGBT MODULE
1MBI600PX-120-01 FUJI-1MBI600PX-120-01 Datasheet
313Kb / 8P
   IGBT Module
2MBI200LB-060 FUJI-2MBI200LB-060 Datasheet
144Kb / 5P
   IGBT MODULE
6MBI150FB-060 FUJI-6MBI150FB-060 Datasheet
151Kb / 5P
   IGBT MODULE
logo
SanRex Corporation
GAE75AA120 SANREX-GAE75AA120 Datasheet
505Kb / 3P
   IGBT MODULE
logo
List of Unclassifed Man...
FD800R33KF2 ETC1-FD800R33KF2 Datasheet
123Kb / 9P
   IGBT-Module
logo
Fuji Electric
6MBI100FA-060 FUJI-6MBI100FA-060 Datasheet
182Kb / 4P
   IGBT MODULE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com