Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT5880WX1150-T Datasheet(PDF) 8 Page - Active-Semi, Inc

Part # ACT5880WX1150-T
Description  15 Channels Advanced PMU for Smart Phone
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880WX1150-T Datasheet(HTML) 8 Page - Active-Semi, Inc

Back Button ACT5880WX1150-T Datasheet HTML 4Page - Active-Semi, Inc ACT5880WX1150-T Datasheet HTML 5Page - Active-Semi, Inc ACT5880WX1150-T Datasheet HTML 6Page - Active-Semi, Inc ACT5880WX1150-T Datasheet HTML 7Page - Active-Semi, Inc ACT5880WX1150-T Datasheet HTML 8Page - Active-Semi, Inc ACT5880WX1150-T Datasheet HTML 9Page - Active-Semi, Inc ACT5880WX1150-T Datasheet HTML 10Page - Active-Semi, Inc ACT5880WX1150-T Datasheet HTML 11Page - Active-Semi, Inc ACT5880WX1150-T Datasheet HTML 12Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 8 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
C4
OUT4
The Output of the LDO REG4. Bypass to GA with a 3.3μF high quality ceramic capacitor.
C5
CHGIN
The Charger Input. Same function as pin A5 and pin B5.
C6
VBAT
The Charger Output. Same function as pin B6 and pin B7.
C7
INL6
The Input Node for the LDO REG6. Bypass to GA with a 1μF high quality ceramic capacitor.
C8
nPBIN
The Push-Button Input. Drive nPBIN to GA through a 50kΩ resistor to enable the IC. When the IC is
enabled, driving nPBIN to GA through a 50kΩ resistor asserts the nIRQ to call interrupt service from
the host system, and driving nPBIN to GA directly asserts a manual reset procedure. nPBIN is
internally pulled up to VSYS through a 35kΩ resistor.
C9
nPBSTAT
Active-Low Open-Drain Push-Button Status Output. nPBSTAT is asserted low whenever the
nPBIN is pushed, and is high-Z otherwise.
D1
ODO3
The Open Drain Output 3. A current driver output with programmable output current. It could operate
in constant current mode, switch on/off mode or PWM mode. The maximum voltage is 6V for this pin.
D2
OUT9
The Output of the LDO REG9. Bypass to GA with a 2.2μF high quality ceramic capacitor.
D3
OUT8
The Output of the LDO REG8. Bypass to GA with a 3.3μF high quality ceramic capacitor.
D4
OUT5
The Output of the LDO REG5. Bypass to GA with a 2.2μF high quality ceramic capacitor.
D5
INL7
The Input Node for the LDO REG7. Bypass to GA with a 1μF high quality ceramic capacitor.
D6
OUT6
The Output of the LDO REG6. Bypass to GA with a 3.3μF high quality ceramic capacitor.
D7
OUT7
The Output of the LDO REG7. Bypass to GA with a 3.3μF high quality ceramic capacitor.
D8
EN6
The Enable Input to the LDO REG6, Active High. This input takes effective only when this IC is
enabled.
D9
EN9
The Enable Input to the LDO REG9, Active High. This input takes effective only when this IC is
enabled.
E1
GLED
The Ground Node for ODO1, ODO2 and ODO3.
E2
ODO2
The Open Drain Output 2. A current driver output with programmable output current. It could operate
in constant current mode, switch on/off mode or PWM mode. The maximum voltage is 6V for this pin.
E3
OUT11
The Output of the LDO REG11. Bypass to GA with a 1μF high quality ceramic capacitor.
E4
INL1011
The Input Node for the LDO REG10 and REG11. Bypass to GA with a 1μF high quality ceramic
capacitor.
E5
OUT10
The Output of the LDO REG10. Bypass to GA with a 1.5μF high quality ceramic capacitor.
E6
GP2
The Ground Path of the Step-down DC/DC REG2. Provide the direct ground return path between
the internal switch, the external storage capacitor and the input decoupling capacitor. Same function
as pin E7. Connect GA, GP1, GP2 and GP3 to a single point as close to the IC as possible.
E7
GP2
The Ground Path of the Step-down DC/DC REG2. Same function as pin E6.


Similar Part No. - ACT5880WX1150-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT5880 ACTIVE-SEMI-ACT5880 Datasheet
160Kb / 2P
   15 Channels Rich Featured PMU for Smart Phone
05-Dec-11
More results

Similar Description - ACT5880WX1150-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT5880 ACTIVE-SEMI-ACT5880 Datasheet
160Kb / 2P
   15 Channels Rich Featured PMU for Smart Phone
05-Dec-11
logo
Global Mixed-mode Techn...
G2207 GMT-G2207 Datasheet
97Kb / 1P
   66 Channels PMU for DSC
logo
Texas Instruments
TPS65835 TI1-TPS65835_16 Datasheet
2Mb / 67P
[Old version datasheet]   Advanced PMU
logo
Active-Semi, Inc
ACT8933 ACTIVE-SEMI-ACT8933 Datasheet
102Kb / 2P
   Advanced PMU for CoreLogic LUCY
04-Nov-10
ACT8896 ACTIVE-SEMI-ACT8896 Datasheet
88Kb / 2P
   Advanced PMU for Samsung S3C6410
29-Nov-10
ACT8933 ACTIVE-SEMI-ACT8933_14 Datasheet
723Kb / 44P
   Advanced PMU for CoreLogic LUCY
Rev 3, 15-Nov-12
ACT8893 ACTIVE-SEMI-ACT8893_14 Datasheet
105Kb / 3P
   Advanced PMU for CoreLogic LUCY
16-Aug-13
ACT8893 ACTIVE-SEMI-ACT8893 Datasheet
97Kb / 2P
   Advanced PMU for CoreLogic LUCY
29-Nov-10
ACT8898 ACTIVE-SEMI-ACT8898 Datasheet
83Kb / 2P
   Advanced PMU for Marvell Aspen
29-Nov-10
ACT8936 ACTIVE-SEMI-ACT8936 Datasheet
99Kb / 2P
   Advanced PMU for Samsung S3C6410
09-Nov-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com