Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT5880 Datasheet(PDF) 5 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 5 Page - Active-Semi, Inc

  ACT5880_14 Datasheet HTML 1Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 2Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 3Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 4Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 5Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 6Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 7Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 8Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 5 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
PACKAGE APPEARANCE AND TOP MARKS
ORDERING INFORMATION
PART NUMBER
VOUT1/VSTBY1
VOUT2
REG3 MODE
VOUT3
VOUT4
VOUT5
VOUT6
VOUT7
ACT5880WX1150-T
1.2V/1.2V
1.8V
Voltage
5V
2.9V
2.9V
2.9V
3.0V
: All Active-Semi components are RoHS Compliant and with Pb-free plating unless specified differently. The term Pb-free means
semiconductor products that are in compliance with current RoHS (Restriction of Hazardous Substances) standards.
: Drive VSEL to a logic high to select VSTBY1 as a output regulation voltage of REG1. The VSTBY1 can be set by software via I
2C
interface, refer to appropriate sections of this datasheet for VSTBY1 setting.
PACKAGE
PINS
TEMPERATURE RANGE
FBGA
81
-40°C to +85°C
PART NUMBER
ACT5880WX1150-T
PACKING
Tape and Reel
VOUT8
VOUT9
VOUT10
VOUT11
VOUT12
VOUT13
VVBAT
VBBAT
ILIMBB
VALIVE
2.5V
1.2V
3.3V
1.8V
1.8V
2.8V
4.2V
2.7V
5mA
1.8V
OPEN DRAIN DRIVER
DUTY SETTING OPTION
BATTERY INSTALLATION
DETECTION OPTION
BATTERY THERMAL
CONDITION OPTION
BATTERY THERMAL OR
BATTERY INSTALLATION
INTERRUPT OPTION
Linear
Enable
Enable
Battery Thermal


Similar Part No. - ACT5880_14

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT5880 ACTIVE-SEMI-ACT5880 Datasheet
160Kb / 2P
   15 Channels Rich Featured PMU for Smart Phone
05-Dec-11
More results

Similar Description - ACT5880_14

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT5880 ACTIVE-SEMI-ACT5880 Datasheet
160Kb / 2P
   15 Channels Rich Featured PMU for Smart Phone
05-Dec-11
logo
Global Mixed-mode Techn...
G2207 GMT-G2207 Datasheet
97Kb / 1P
   66 Channels PMU for DSC
logo
Texas Instruments
TPS65835 TI1-TPS65835_16 Datasheet
2Mb / 67P
[Old version datasheet]   Advanced PMU
logo
Active-Semi, Inc
ACT8933 ACTIVE-SEMI-ACT8933 Datasheet
102Kb / 2P
   Advanced PMU for CoreLogic LUCY
04-Nov-10
ACT8896 ACTIVE-SEMI-ACT8896 Datasheet
88Kb / 2P
   Advanced PMU for Samsung S3C6410
29-Nov-10
ACT8933 ACTIVE-SEMI-ACT8933_14 Datasheet
723Kb / 44P
   Advanced PMU for CoreLogic LUCY
Rev 3, 15-Nov-12
ACT8893 ACTIVE-SEMI-ACT8893_14 Datasheet
105Kb / 3P
   Advanced PMU for CoreLogic LUCY
16-Aug-13
ACT8893 ACTIVE-SEMI-ACT8893 Datasheet
97Kb / 2P
   Advanced PMU for CoreLogic LUCY
29-Nov-10
ACT8898 ACTIVE-SEMI-ACT8898 Datasheet
83Kb / 2P
   Advanced PMU for Marvell Aspen
29-Nov-10
ACT8936 ACTIVE-SEMI-ACT8936 Datasheet
99Kb / 2P
   Advanced PMU for Samsung S3C6410
09-Nov-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com