Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT4501SH-T Datasheet(PDF) 9 Page - Active-Semi, Inc

Part # ACT4501SH-T
Description  1.25A CC/CV Step-Down DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4501SH-T Datasheet(HTML) 9 Page - Active-Semi, Inc

Back Button ACT4501SH-T Datasheet HTML 5Page - Active-Semi, Inc ACT4501SH-T Datasheet HTML 6Page - Active-Semi, Inc ACT4501SH-T Datasheet HTML 7Page - Active-Semi, Inc ACT4501SH-T Datasheet HTML 8Page - Active-Semi, Inc ACT4501SH-T Datasheet HTML 9Page - Active-Semi, Inc ACT4501SH-T Datasheet HTML 10Page - Active-Semi, Inc ACT4501SH-T Datasheet HTML 11Page - Active-Semi, Inc ACT4501SH-T Datasheet HTML 12Page - Active-Semi, Inc ACT4501SH-T Datasheet HTML 13Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ACT4501
Rev 2, 14-Nov-12
Innovative Power
TM
- 9 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
STABILITY COMPENSATION CONT’D
feedback resistance values for cable compensation.
RFB1 is the high side resistor of voltage divider.
In the case of high RFB1 used, the frequency
compensation
needs
to
be
adjusted
correspondingly. As show in Figure 6, adding a
capacitor in paralled with RFB1 or increasing the
compensation capacitance at COMP pin helps the
system stability.
Figure 5:
Cable Compensation at Various Resistor Divider
Values
Figure 6:
Frequency Compensation for High RFB1
PC Board Layout Guidance
When laying out the printed circuit board, the
following checklist should be used to ensure proper
operation of the IC.
1) Arrange the power components to reduce the
AC loop size consisting of CIN, IN pin, SW pin
and the schottky diode.
2) Place input decoupling ceramic capacitor CIN as
close to IN pin as possible. CIN is connected
power GND with vias or short and wide path.
3) Return FB, COMP and ISET to signal GND pin,
and connect the signal GND to power GND at a
single point for best noise immunity.
4) Use copper plane for power GND for best heat
dissipation and noise immunity.
5) Place feedback resistor close to FB pin.
6) Use short trace connecting HSB-CHSB-SW loop
Figure 7 shows an example of PCB layout.
Figure 8 gives one typical car charger application
schematics and associated BOM list.
Figure 7: PCB Layout
0.3
0.25
0.2
0.15
0.1
0.05
0
Output Current (mA)
0
200
400
600
800
1000
Delta Output Voltage vs. Output Current
VIN = 12V
V0UT = 5V
RF
B1
= 3
00
k
RFB
1
= 2
70k
RFB
1 =
240
k
RFB
1 =
200
k
RFB1
= 15
0k
RFB1 = 100k
RFB1 = 51
k


Similar Part No. - ACT4501SH-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4501SH-T ACTIVE-SEMI-ACT4501SH-T Datasheet
467Kb / 15P
   1.25A CC/CV Step-Down DC/DC Converter
Rev 2, 14-Nov-12
More results

Similar Description - ACT4501SH-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
EA4501SH ACTIVE-SEMI-EA4501SH Datasheet
467Kb / 15P
   1.25A CC/CV Step-Down DC/DC Converter
Rev 2, 14-Nov-12
ACT4501 ACTIVE-SEMI-ACT4501 Datasheet
467Kb / 15P
   1.25A CC/CV Step-Down DC/DC Converter
Rev 2, 14-Nov-12
logo
Shenzhen Huazhimei Semi...
HM4533A-E HMSEMI-HM4533A-E Datasheet
622Kb / 8P
   42V 3A CC/CV Step-Down DC/DC Converter
HM4523-E HMSEMI-HM4523-E Datasheet
662Kb / 8P
   42V 3A CC/CV Step-Down DC/DC Converter
logo
AiT Semiconductor Inc.
A7330 AITSEMI-A7330 Datasheet
665Kb / 14P
   DC-DC CONVERTER BUCK (STEP-DOWN) SENSORLESS CC/CV
REV2.0
logo
Shenzhen Huazhimei Semi...
HM4523 HMSEMI-HM4523 Datasheet
662Kb / 8P
   42V 3A CC/CV Step-Down DC/DC Converter
HM4533A HMSEMI-HM4533A Datasheet
622Kb / 8P
   42V 3A CC/CV Step-Down DC/DC Converter
logo
Active-Semi, Inc
ACT4514 ACTIVE-SEMI-ACT4514 Datasheet
472Kb / 16P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 1, 21-Jul-11
ACT4303 ACTIVE-SEMI-ACT4303 Datasheet
622Kb / 15P
   30V/3A Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 05-Dec-11
ACT4513 ACTIVE-SEMI-ACT4513_14 Datasheet
678Kb / 16P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com