Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2MBI150NB-120 Datasheet(PDF) 3 Page - Fuji Electric

Part # 2MBI150NB-120
Description  IGBT MODULE ( N series )
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2MBI150NB-120 Datasheet(HTML) 3 Page - Fuji Electric

  2MBI150NB-120 Datasheet HTML 1Page - Fuji Electric 2MBI150NB-120 Datasheet HTML 2Page - Fuji Electric 2MBI150NB-120 Datasheet HTML 3Page - Fuji Electric 2MBI150NB-120 Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0,001
0,01
0,1
1
0,001
0,01
0,1
IGBT
Diode
Transient thermal resistance
Pulse width : PW [sec]
0
500
1000
1500
2000
0
200
400
600
800
1000
800V
600V
Vcc=400V
0
5
10
15
20
25
Dynamic input characteristics
Tj=25°C
Gate charge : Qg
[nC]
10
100
1000
tf
tr
toff
ton
Switching time vs. RG
Vcc=600V, Ic=150A, VGE=±15V, Tj=25°C
Gate resistance : RG [
Ω ]
0
1
2
3
4
5
0
100
200
300
Tj=125°C
25°C
Forward current vs. Forward voltage
V GE =OV
Forward voltage : VF [V]
0
100
200
300
10
100
Irr
25°C
trr
25°C
trr
125°C
Irr
125°C
Reverse recovery characteristics
trr, Irr vs. IF
Forward current : IF [A]
0
200
400
600
800
1000
1200
0
200
400
600
800
1000
1200
1400
RBSOA (Repetitive pulse)
SCSOA
(non-repetitive pulse)
Reversed biased safe operating area
+VGE=15V, -VGE <15V, Tj<125°C, RG >5.6
Collector-Emitter voltage : VCE [V]


Similar Part No. - 2MBI150NB-120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI150N-060 FUJI-2MBI150N-060 Datasheet
156Kb / 4P
   IGBT MODULE ( N series )
2MBI150N-120 FUJI-2MBI150N-120 Datasheet
98Kb / 4P
   IGBT MODULE ( N series )
2MBI150NC-060 FUJI-2MBI150NC-060 Datasheet
158Kb / 4P
   IGBT MODULE ( N series )
2MBI150NC-120 FUJI-2MBI150NC-120 Datasheet
99Kb / 4P
   IGBT MODULE ( N series )
2MBI150NE-120 FUJI-2MBI150NE-120 Datasheet
129Kb / 4P
   IGBT MODULE ( N series )
More results

Similar Description - 2MBI150NB-120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
1MBI200NA-120 FUJI-1MBI200NA-120 Datasheet
152Kb / 4P
   IGBT MODULE ( N series )
1MBI300N-120 FUJI-1MBI300N-120 Datasheet
97Kb / 4P
   IGBT MODULE(N series)
1MBI300NP-120 FUJI-1MBI300NP-120 Datasheet
98Kb / 4P
   IGBT MODULE(N series)
1MBI400N-120 FUJI-1MBI400N-120 Datasheet
96Kb / 4P
   IGBT MODULE(N series)
2MBI150NE-120 FUJI-2MBI150NE-120 Datasheet
129Kb / 4P
   IGBT MODULE ( N series )
2MBI200N-120 FUJI-2MBI200N-120 Datasheet
101Kb / 4P
   IGBT MODULE ( N series )
2MBI200NB-120 FUJI-2MBI200NB-120 Datasheet
136Kb / 4P
   IGBT MODULE ( N series )
1MBI600NP-060 FUJI-1MBI600NP-060 Datasheet
124Kb / 4P
   IGBT MODULE ( N series )
2MBI150NC-060 FUJI-2MBI150NC-060 Datasheet
158Kb / 4P
   IGBT MODULE ( N series )
2MBI200NE-120 FUJI-2MBI200NE-120 Datasheet
134Kb / 4P
   IGBT MODULE ( N series )
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com