Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL16020DCT Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SL16020DCT
Description  Low Jitter and Power Clock Generator with SSCG
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL16020DCT Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SL16020DCT Datasheet HTML 2Page - Silicon Laboratories SL16020DCT Datasheet HTML 3Page - Silicon Laboratories SL16020DCT Datasheet HTML 4Page - Silicon Laboratories SL16020DCT Datasheet HTML 5Page - Silicon Laboratories SL16020DCT Datasheet HTML 6Page - Silicon Laboratories SL16020DCT Datasheet HTML 7Page - Silicon Laboratories SL16020DCT Datasheet HTML 8Page - Silicon Laboratories SL16020DCT Datasheet HTML 9Page - Silicon Laboratories SL16020DCT Datasheet HTML 10Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Rev 2.2, August 1, 2010
Page 9 of 10
SL16020DC
Table 8. Ordering Information
Note:
1. SL16020DC is RoHS compliant and Halogen Free.
Product Revisions History
Revision
Date
Originator
Description
Rev 1.0
11/12/2009
C. Ozdalga
Original
Rev 1.1
11/12/2009
C. Ozdalga
Change spread % from -1.50% to -0.375% for S1=0 (VSS) and
S0=1(VDD) state on Table 5.
Rev 1.2
11/23/2009
C. Ozdalga
Add 150k
Ω weak pull down resistors at S0 and S1 pins to VSS.
Rev2.0
4/19/2010
C. Ozdalga
Final datasheet after product qualification. CCJ1 SSCLK
decreased to +/-50-ps-typ and +/-100ps-max and CCJ2
REFCLK decreased to +/-100ps-typ and +/-150ps-max and LTJ
decreased to +/-250ps-max. IDD change to 20mA-max (AMD
spec 50mA-max).
Rev 2.1
6/14/2010
C. Ozdalga
Add clock input function (in addition to crystal). SL16020DC
works with both external crystal and clock (XO).
Rev 2.2
8/1/2010
C. Ozdalga
Add “Halogen Free”, page 8.
Ordering Number
Marking
Shipping Package
Package
Temperature
SL16020DC
SL16020DC
Tube
10-pin TDFN
-10 to 85°C
SL16020DCT
SL16020DC
Tape and Reel
10-pin TDFN
-10 to 85°C


Similar Part No. - SL16020DCT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL16020DCT SILABS-SL16020DCT Datasheet
470Kb / 10P
   Low Jitter and Power Clock Generator with SSCG
More results

Similar Description - SL16020DCT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL16020 SILABS-SL16020 Datasheet
470Kb / 10P
   Low Jitter and Power Clock Generator with SSCG
SL16010 SILABS-SL16010 Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
logo
List of Unclassifed Man...
SL16010DC ETC2-SL16010DC Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
logo
ON Semiconductor
P1P8160A ONSEMI-P1P8160A Datasheet
129Kb / 6P
   Low Jitter Clock Generator
October, 2010 ??Rev. 2
logo
List of Unclassifed Man...
IMIC9716J ETC1-IMIC9716J Datasheet
108Kb / 12P
   100 MHz Clock Generator with SSCG and Power Management for Mobile Application
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
logo
Asahi Kasei Microsystem...
AK8185A AKM-AK8185A Datasheet
190Kb / 12P
   Low - Jitter Clock Generator with Integrated VCO
logo
Analog Devices
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com