Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLF1608 Datasheet(PDF) 6 Page - TDK Electronics

Part # MLF1608
Description  Inductors for Standard Circuits Multilayer Ferrite
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLF1608 Datasheet(HTML) 6 Page - TDK Electronics

Back Button MLF1608 Datasheet HTML 2Page - TDK Electronics MLF1608 Datasheet HTML 3Page - TDK Electronics MLF1608 Datasheet HTML 4Page - TDK Electronics MLF1608 Datasheet HTML 5Page - TDK Electronics MLF1608 Datasheet HTML 6Page - TDK Electronics MLF1608 Datasheet HTML 7Page - TDK Electronics MLF1608 Datasheet HTML 8Page - TDK Electronics MLF1608 Datasheet HTML 9Page - TDK Electronics MLF1608 Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
(6/23)
INDUC
T
O
RS
001-01 / 20130929 / inductor_standard_mlf_en.fm
• All specifications are subject to change without notice.
MLF series 
MLF1005 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
The " □□□ " of the Part Number contains the internal code.
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
L, Q measuring
conditions
Q
min.
Self-resonant
frequency
(MHz)
min.
DC resistance
(
)
max.
Rated current
(mA)
max.
Part No.
(μH)
Tolerance
Frequency
(MHz)
Current
(mA)
0.10
±10%
25
1.0
10
450
0.51
180
MLF1005VR10KT
0.12
±10%
25
1.0
10
400
0.59
180
MLF1005VR12KT
0.15
±10%
25
1.0
15
350
0.63
180
MLF1005VR15KT
0.18
±10%
25
1.0
15
320
0.72
160
MLF1005VR18KT
0.22
±10%
25
1.0
15
290
0.79
160
MLF1005VR22KT
0.27
±10%
25
1.0
15
260
0.91
150
MLF1005VR27KT
0.33
±10%
25
1.0
15
230
1.05
140
MLF1005VR33KT
0.39
±10%
25
1.0
15
210
1.35
130
MLF1005VR39KT
0.47
±10%
25
1.0
15
190
1.50
120
MLF1005VR47KT
0.56
±10%
25
1.0
15
170
1.95
120
MLF1005VR56KT
0.39
±10%
10
1.0
30
210
0.41
50
MLF1005GR39KT
0.47
±10%
10
1.0
30
190
0.42
50
MLF1005GR47KT
0.56
±10%
10
1.0
30
170
0.47
45
MLF1005GR56KT
0.68
±10%
10
1.0
30
150
0.55
45
MLF1005GR68KT
0.82
±10%
10
1.0
30
130
0.59
40
MLF1005GR82KT
1.0
±10%
10
1.0
30
120
0.64
40
MLF1005G1R0KT
1.2
±10%
10
1.0
30
110
0.79
35
MLF1005G1R2KT
1.5
±10%
10
1.0
30
100
0.95
35
MLF1005G1R5KT
1.8
±10%
10
1.0
30
90
1.05
30
MLF1005G1R8KT
2.2
±10%
10
1.0
30
80
1.30
30
MLF1005G2R2KT
0.10
±10%
25
1.0
10
450
0.51
150
MLF1005LR10KT
0.12
±10%
25
1.0
10
400
0.59
140
MLF1005LR12KT
0.15
±10%
25
1.0
10
350
0.63
130
MLF1005LR15KT
0.18
±10%
25
1.0
10
320
0.76
120
MLF1005LR18KT
0.22
±10%
25
1.0
10
290
0.79
110
MLF1005LR22KT
0.27
±10%
25
1.0
10
260
0.91
100
MLF1005LR27KT
0.33
±10%
25
1.0
10
230
1.05
90
MLF1005LR33KT
0.39
±10%
10
1.0
25
210
0.41
50
MLF1005LR39KT
0.47
±10%
10
1.0
25
190
0.42
50
MLF1005LR47KT
0.56
±10%
10
1.0
25
170
0.47
45
MLF1005LR56KT
0.68
±10%
10
1.0
25
150
0.55
40
MLF1005LR68KT
0.82
±10%
10
1.0
25
130
0.59
35
MLF1005LR82KT
1.0
±10%
10
1.0
25
120
0.64
35
MLF1005L1R0KT
1.2
±10%
10
1.0
25
110
0.79
35
MLF1005L1R2KT
1.5
±10%
10
1.0
25
100
0.95
30
MLF1005L1R5KT
1.8
±10%
10
1.0
25
90
1.05
20
MLF1005L1R8KT
2.2
±10%
10
1.0
25
80
1.15
15
MLF1005L2R2KT
Measurement item
Product No.
Manufacturer
L, Q
4294A+16034G
Agilent Technologies
Self-resonant frequency
E4991A
Agilent Technologies
DC resistance
Type-7561
Yokogawa


Similar Part No. - MLF1608

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLF1608 TDK-MLF1608 Datasheet
3Mb / 23P
   Inductors for Standard Circuits Multilayer Ferrite MLFseries
MLF1608 TDK-MLF1608 Datasheet
123Kb / 10P
   Inductors for Standard Circuits Multilayer/STD magnetic shielded MLF series
MLF1608A10NJT000 TDK-MLF1608A10NJT000 Datasheet
150Kb / 11P
   Multilayer Ferrite
MLF1608A10NJTA00 TDK-MLF1608A10NJTA00 Datasheet
150Kb / 11P
   Multilayer Ferrite
MLF1608A10NJTD00 TDK-MLF1608A10NJTD00 Datasheet
150Kb / 11P
   Multilayer Ferrite
More results

Similar Description - MLF1608

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLF1005 TDK-MLF1005_13 Datasheet
3Mb / 23P
   Inductors for Standard Circuits Multilayer Ferrite MLFseries
NLV25 TDK-NLV25 Datasheet
2Mb / 14P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-1R8J-PF TDK-NLV25T-1R8J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-010J-PF TDK-NLV25T-010J-PF_15 Datasheet
132Kb / 9P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-R10J-PF TDK-NLV25T-R10J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
NL453232T-100J-PF TDK-NL453232T-100J-PF_15 Datasheet
124Kb / 9P
   Inductors for Standard Circuits Wound Ferrite
NLV32T-022J-PFD TDK-NLV32T-022J-PFD Datasheet
142Kb / 10P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-047J-PF TDK-NLV25T-047J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
NL453232 TDK-NL453232 Datasheet
1Mb / 13P
   Inductors for Standard Circuits Wound Ferrite
MLZ2012N1R5LT000 TDK-MLZ2012N1R5LT000 Datasheet
200Kb / 15P
   Inductors for Decoupling Circuits Multilayer Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com