Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MICRF112YMM10 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MICRF112YMM10
Description  QwikRadio짰 UHF ASK/FSK Transmitter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF112YMM10 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MICRF112YMM10 Datasheet HTML 6Page - Micrel Semiconductor MICRF112YMM10 Datasheet HTML 7Page - Micrel Semiconductor MICRF112YMM10 Datasheet HTML 8Page - Micrel Semiconductor MICRF112YMM10 Datasheet HTML 9Page - Micrel Semiconductor MICRF112YMM10 Datasheet HTML 10Page - Micrel Semiconductor MICRF112YMM10 Datasheet HTML 11Page - Micrel Semiconductor MICRF112YMM10 Datasheet HTML 12Page - Micrel Semiconductor MICRF112YMM10 Datasheet HTML 13Page - Micrel Semiconductor MICRF112YMM10 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Micrel, Inc.
MICRF112
December 2011
10
M9999-120911
(408) 944-0800
433.92MHz OBW, ASK = 1kHz
433.92MHz OBW, ASK = 50kHz
433.92MHz, CW Max Power @ 3V,
ASK = 1kHz, Note 1
RF Spectrum 2
nd Harmonic;
Fundamental at 433.92 MHz
RF Spectrum 3
rd Harmonic;
Fundamental at 433.92 MHz
433.92MHz Power Level at Space,
VDD = 3.0V, ASK = 1kHz
Note 1. 1.3dB cable loss.


Similar Part No. - MICRF112YMM10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF112YMM10 MICREL-MICRF112YMM10 Datasheet
527Kb / 20P
   QwikRadio짰 UHF ASK/FSK Transmitter
MICRF112YMM10 MICREL-MICRF112YMM10 Datasheet
556Kb / 20P
   QwikRadio짰 UHF ASK/FSK Transmitter
More results

Similar Description - MICRF112YMM10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF112 MICREL-MICRF112 Datasheet
527Kb / 20P
   QwikRadio짰 UHF ASK/FSK Transmitter
MICRF112 MICREL-MICRF112_11 Datasheet
556Kb / 20P
   QwikRadio짰 UHF ASK/FSK Transmitter
logo
ATMEL Corporation
ATA5756 ATMEL-ATA5756 Datasheet
321Kb / 20P
   UHF ASK/FSK TRANSMITTER
U2741B ATMEL-U2741B_05 Datasheet
200Kb / 11P
   UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750_07 Datasheet
211Kb / 13P
   UHF ASK/FSK Transmitter
T5753 ATMEL-T5753_08 Datasheet
270Kb / 13P
   UHF ASK/FSK Transmitter
ATA5756 ATMEL-ATA5756_08 Datasheet
340Kb / 20P
   UHF ASK/FSK Transmitter
T5754C ATMEL-T5754C_14 Datasheet
672Kb / 13P
   UHF ASK/FSK Transmitter
T5753 ATMEL-T5753 Datasheet
213Kb / 13P
   UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750 Datasheet
212Kb / 12P
   UHF ASK/FSK TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com