Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURF1020CTD Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # MURF1020CTD
Description  10.0 Ampere Insulated Common Anode Ultra Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

MURF1020CTD Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  MURF1020CTD Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. MURF1020CTD Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to +150
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
200
140
200
400
280
400
600
420
600
10.0
10.0
100
1.3
1.7
0.98
35
250
65
2.2
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
oCW
nS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=100
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 5.0 A
At Rated DC Blocking Voltage @TJ=125
oC
Maximum Reverse Recovery Time (Note 1)
Typical Thermal Resistance (Note 3)
Features
¬
Low forward voltage drop
¬
Fast switching for high efficiency
¬
High current capability
¬
Case:ITO-220AB Isolated/Insulated
¬
High surge current capability
¬
Weight: 2.2 gram approximately
¬
Polarity:As marked on diode body
method 208
¬
Mounting position: Any
¬
Terminals: Solderable per MIL-STD-202
Mechanical Data
¬
Low reverse leakage current
R JC
Temperature Range
(1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(3) Thermal Resistance junction to case.
¬
Epoxy: UL 94V-0 rate flame retardant
Unit : inch (mm)
®
MURF1020CTR thru MURF1060CTR
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/2
Pb Free Plating Product
MURF1020CTR thru MURF1060CTR
Pb
10.0 Ampere Insulated Common Anode Ultra Fast Recovery Rectifier
Positive
Negative
Doubler
Common Cathode
Case
Case
Case
Common Anode
Suffix "CTR"
Suffix "CTD"
Suffix "CT"
MURF1020CT
MURF1020CTR
MURF1020CTD
MURF1040CT
MURF1040CTR
MURF1040CTD
ITO-220AB
.189(4.8)
.406(10.3)
.130(3.3)
.114(2.9)
.071(1.8)
.055(1.4)
.035(0.9)
.011(0.3)
(2.55)
(2.55)
.1
.1
.032(.8)
.134(3.4)
.165(4.2)
.381(9.7)
.114(2.9)
.098(2.5)
.055(1.4)
.039(1.0)
MAX
.118(3.0)
MURF1060CT
MURF1060CTR
MURF1060CTD


Similar Part No. - MURF1020CTD

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MURF1020CT MCC-MURF1020CT Datasheet
121Kb / 2P
   10 Amp Isolation Super Fast Recovery Rectifier 50 to 400 Volts
logo
Thinki Semiconductor Co...
MURF1020CT THINKISEMI-MURF1020CT Datasheet
389Kb / 2P
   10.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.07T
logo
EIC discrete Semiconduc...
MURF1020CT EIC-MURF1020CT Datasheet
38Kb / 2P
   Dual Ultrafast Plastic Rectifiers
logo
ASEMI TECHNOLOGY., LTD
MURF1020CT ASEMI-MURF1020CT Datasheet
467Kb / 2P
   10A super fast recovery diode
2018.11 Rev.3.1
logo
Diotech Company.
MURF1020CT DIOTECH-MURF1020CT Datasheet
1Mb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
More results

Similar Description - MURF1020CTD

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MURF1020CTR-CT THINKISEMI-MURF1020CTR-CT Datasheet
639Kb / 2P
   10.0 Ampere Insulated Common Anode Ultra Fast Recovery Rectifier
MURF1020N-CT THINKISEMI-MURF1020N-CT Datasheet
636Kb / 2P
   10.0 Ampere Insulated Common Anode Ultra Fast Recovery Rectifier
U10A2CIA THINKISEMI-U10A2CIA Datasheet
628Kb / 2P
   10.0 Ampere Insulated Common Anode Ultra Fast Recovery Diodes
MUR1020FCA THINKISEMI-MUR1020FCA Datasheet
758Kb / 2P
   10.0 Ampere Insulated Common Anode Ultra Fast Recovery Rectifiers
MUR1080FCA THINKISEMI-MUR1080FCA Datasheet
362Kb / 2P
   10.0 Ampere Insulated Common Anode Ultra Fast Recovery Rectifiers
MURF1080CTR THINKISEMI-MURF1080CTR Datasheet
362Kb / 2P
   10.0 Ampere Insulated Common Anode Ultra Fast Recovery Rectifiers
S10A2CIA THINKISEMI-S10A2CIA Datasheet
558Kb / 2P
   10.0 Ampere Insulated Common Anode Ultra Fast Recovery Rectifiers
FML22R THINKISEMI-FML22R Datasheet
639Kb / 2P
   10.0 Ampere Insulated Common Anode Ultra Fast Recovery Rectifiers
MURF1080CTA THINKISEMI-MURF1080CTA Datasheet
441Kb / 2P
   10.0 Ampere Insulated Common Anode Ultra Fast Recovery Rectifiers
R10U02RF THINKISEMI-R10U02RF Datasheet
279Kb / 2P
   10.0 Ampere Insulated Dual Common Anode Ultra Fast Recovery Rectifiers
Rev.12T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com