Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33660BEF Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC33660BEF
Description  ISO K Line Serial Link Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33660BEF Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC33660BEF Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33660BEF Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33660BEF Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33660BEF Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33660BEF Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33660BEF Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33660BEF Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33660BEF Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33660BEF Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33660
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33660 Pin Connections
Table 2. 33660 Pin Definitions
Pin Number
Pin Name
Definition
1
VBB
Battery power through external resistor and diode.
2
NC
Not to be connected. (2)
3
GND
Common signal and power return.
4
ISO
Bus connection.
5
TX
Logic level input for data to be transmitted on the bus.
6
RX
Logic output of data received on the bus.
7
VDD
Logic power source input.
8
CEN
Chip enable. Logic “1” for active state. Logic “0” for sleep state.
Notes
2.
NC pins should not have any connections made to them. NC pins are not guaranteed to be open circuits.
2
3
4
8
7
6
5
11
2
4
3
8
7
5
6
CEN
VDD
TX
VBB
NC
GND
ISO
RX


Similar Part No. - MC33660BEF

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33660BEF FREESCALE-MC33660BEF Datasheet
345Kb / 14P
   ISO K Line Serial Link Interface
logo
NXP Semiconductors
MC33660BEF NXP-MC33660BEF Datasheet
418Kb / 13P
   ISO K line serial link interface
Rev 6.0, 7/2016
More results

Similar Description - MC33660BEF

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL33290 IKSEMICON-IL33290 Datasheet
248Kb / 8P
   ISO K Line Serial Link Interface
logo
Freescale Semiconductor...
33290 FREESCALE-33290_08 Datasheet
786Kb / 12P
   ISO K Line Serial Link Interface
logo
IK Semicon Co., Ltd
IL33290 IKSEMICON-IL33290_16 Datasheet
303Kb / 8P
   ISO K Line Serial Link Interface
logo
Freescale Semiconductor...
MC33660EF FREESCALE-MC33660EF Datasheet
345Kb / 14P
   ISO K Line Serial Link Interface
MC33290 FREESCALE-MC33290 Datasheet
226Kb / 12P
   ISO K Line Serial Link Interface
logo
NXP Semiconductors
MC33660 NXP-MC33660 Datasheet
418Kb / 13P
   ISO K line serial link interface
Rev 6.0, 7/2016
logo
Freescale Semiconductor...
MC33199 FREESCALE-MC33199 Datasheet
324Kb / 18P
   Automotive ISO 9141 Serial Link Driver
MC33199DR2 FREESCALE-MC33199DR2 Datasheet
414Kb / 18P
   Automotive ISO 9141 Serial Link Driver
logo
ATMEL Corporation
TSS463C ATMEL-TSS463C Datasheet
701Kb / 59P
   VAN Data Link Controller with Serial Interface
TSS463B ATMEL-TSS463B_04 Datasheet
954Kb / 59P
   VAN Data Link Controller with Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com