Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV20W Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BAV20W
Description  SURFACE MOUNT SWITCHING DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BAV20W Datasheet(HTML) 2 Page - Continental Device India Limited

  BAV20W Datasheet HTML 1Page - Continental Device India Limited BAV20W Datasheet HTML 2Page - Continental Device India Limited BAV20W Datasheet HTML 3Page - Continental Device India Limited BAV20W Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SURFACE MOUNT SWITCHING DIODES
BAV19W, BAV20W, BAV21W
SOD-123
Formed SMD Package
ELECTRICAL CHARACTERISTICS (Ta=25º C unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
Min
Typ
Max
UNIT
Total Capacitance
CT
VR=0V, f=1MHz
5
pF
Reverse Recovery Time
Trr
at IF= IR=30mA,
IRR=0.1XIR,
RL=100Ω
50
ns
BAV19W_BAV21W Rev040805E
Continental Device India Limited
Data Sheet
Page 2 of 4


Similar Part No. - BAV20W

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
BAV20W DGNJDZ-BAV20W Datasheet
590Kb / 1P
   FAST SWITCHING DIODE
logo
Pan Jit International I...
BAV20W PANJIT-BAV20W Datasheet
54Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Guangdong Juxing Electr...
BAV20W JUXING-BAV20W Datasheet
828Kb / 3P
   High Voltage Switching Diode
logo
Rectron Semiconductor
BAV20W RECTRON-BAV20W Datasheet
153Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 150 Volts CURRENT 200 mAmpere
logo
PACELEADER INDUSTRIAL
BAV20W PACELEADER-BAV20W Datasheet
430Kb / 3P
   SURFACE MOUNT SWIITCHING DIODES
More results

Similar Description - BAV20W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD4148 PANJIT-MMBD4148_04 Datasheet
36Kb / 2P
   SURFACE MOUNT SWITCHING DIODES
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
   SURFACE MOUNT SWITCHING DIODES
logo
SeCoS Halbleitertechnol...
BAS21 SECOS-BAS21_15 Datasheet
1Mb / 2P
   Surface Mount Switching Diodes
logo
Weitron Technology
MMBD4448HT WEITRON-MMBD4448HT Datasheet
1Mb / 3P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Weitron Technology
BAS21A WEITRON-BAS21A_09 Datasheet
698Kb / 2P
   Surface Mount Switching Diodes
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD4148 PANJIT-MMBD4148_09 Datasheet
130Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com