Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC56F8006DEMO Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MC56F8006DEMO
Description  Demo board user?셲 guide
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC56F8006DEMO Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC56F8006DEMO Datasheet HTML 3Page - Freescale Semiconductor, Inc MC56F8006DEMO Datasheet HTML 4Page - Freescale Semiconductor, Inc MC56F8006DEMO Datasheet HTML 5Page - Freescale Semiconductor, Inc MC56F8006DEMO Datasheet HTML 6Page - Freescale Semiconductor, Inc MC56F8006DEMO Datasheet HTML 7Page - Freescale Semiconductor, Inc MC56F8006DEMO Datasheet HTML 8Page - Freescale Semiconductor, Inc MC56F8006DEMO Datasheet HTML 9Page - Freescale Semiconductor, Inc MC56F8006DEMO Datasheet HTML 10Page - Freescale Semiconductor, Inc MC56F8006DEMO Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
www.freescale.com
7
2.2.2 IRQ_SW1 and IRQ_SW2 Push Switches
Push switches SW1 and SW2 provide an active low signal when depressed to MCF56F8006
ports PB2 and PB3 respectively. See options JP1 and JP2 to change the input ports applied.
2.2.3 Y2 Crystal Reference
Y2 provides a location for an external 32 kHz can crystal to be applied to the MC56F8006. Refer
to the device user manual for crystal application information. Components R47, R48, C40 and
C41 must also be applied with the crystal. Refer to the MC56F8006DEMO schematic diagram for
component connection details.
2.3 Ports and Connectors
2.3.1 J4: USB port
J4 will provide a single connection to power the MC56F8006DEMO board. Supporting host
software for basic operation is provided on the support DVD. The current release will provide a
virtual serial terminal port.
2.3.1.1 STATUS and TPWR Indicators
These indicators provide USB operation status indication. Status will flash or blink to indicate
operation. TPWR will be on when target power is enabled from the USB port.
2.3.2 PWR Jack
This connector provides external power input to the board. The PWR jack accepts a standard
2.0 ~ 2.1 mm center barrel plug connector (positive voltage center) to apply a +VIN supply of +5
VDC to +12V. Also review option jumper JP3 and JP4 operation for power application. External
power is not required when applying the USB development port, J4.2.3.2.1 POWER Indicator The
POWER indicator will be on when the MC56F8006DEMO board has +3.3V available for operation.
2.3.3 +3.3 V and GND Test Points
Test point pads are provided for access to VSS/Ground and the +3.3V power signal on the board.
2.3.4 COM Port
The COM port connector and supporting interface circuit is not populated by default. The USB
development port J4 may provide serial port connection to the MC56F8006 SCI if wanted. Refer
to the TX_EN and RX_EN option jumpers and the J4 USB BDM connection for more details.
Components required to apply the COM port are following:
• U2: MAX3232CPWR, TI or same, note
• COM: Generic 9 pin D-Sub connector, R/A female or socket type, .318 mount hole to PCB
pin distance
• C7, C8, C9, C10 and C11: SMT 0805 0.1 μF X7R 50V capacitors


Similar Part No. - MC56F8006DEMO

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC56F8006 FREESCALE-MC56F8006 Datasheet
1Mb / 100P
   Digital Signal Controller
MC56F8006 FREESCALE-MC56F8006 Datasheet
1Mb / 106P
   Digital Signal Controller
MC56F8006VLC FREESCALE-MC56F8006VLC Datasheet
1Mb / 100P
   Digital Signal Controller
MC56F8006VLF FREESCALE-MC56F8006VLF Datasheet
1Mb / 100P
   Digital Signal Controller
MC56F8006VWL FREESCALE-MC56F8006VWL Datasheet
1Mb / 100P
   Digital Signal Controller
More results

Similar Description - MC56F8006DEMO

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRISMPS5 IRF-IRISMPS5 Datasheet
467Kb / 11P
   IRISMPS5 DEMO BOARD USER GUIDE
logo
Intersil Corporation
ISL281X7MSOPEVAL1Z INTERSIL-ISL281X7MSOPEVAL1Z Datasheet
254Kb / 4P
   Evaluation Board User?셲 Guide
ISL282X7SOICEVAL2Z INTERSIL-ISL282X7SOICEVAL2Z Datasheet
252Kb / 4P
   Evaluation Board User?셲 Guide
logo
Microchip Technology
EVB-KSZ9893 MICROCHIP-EVB-KSZ9893 Datasheet
8Mb / 32P
   Evaluation Board User?셲 Guide
08/15/18
logo
Intersil Corporation
ISL281X7SOICEVAL1Z INTERSIL-ISL281X7SOICEVAL1Z Datasheet
206Kb / 4P
   Evaluation Board User?셲 Guide
logo
Silicon Laboratories
SI4312-DB SILABS-SI4312-DB Datasheet
455Kb / 11P
   Si4312 DEMO BOARD USER?셎 GUIDE
SI4311-DB SILABS-SI4311-DB Datasheet
445Kb / 11P
   Si4311 DEMO BOARD USER?셎 GUIDE
SI4820-DEMO SILABS-SI4820-DEMO Datasheet
1Mb / 10P
   Si4820/24 DEMO BOARD USER?셎 GUIDE
logo
National Semiconductor ...
CLC-CAPT-PCASM NSC-CLC-CAPT-PCASM Datasheet
750Kb / 15P
   Data Capture Board User?셲 Guide
logo
Microchip Technology
PAC1934 MICROCHIP-PAC1934 Datasheet
1Mb / 45P
   Evaluation Board (ADM00805) User?셲 Guide
11/07/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com