Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC108A Datasheet(PDF) 3 Page - Continental Device India Limited

Part # BC108A
Description  NPN SILICON PLANAR TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC108A Datasheet(HTML) 3 Page - Continental Device India Limited

  BC108A Datasheet HTML 1Page - Continental Device India Limited BC108A Datasheet HTML 2Page - Continental Device India Limited BC108A Datasheet HTML 3Page - Continental Device India Limited BC108A Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BC107/A/B/C
BC108/A/B/C
BC109/A/B/C
TO-18
Metal Can Package
TO-18 Metal Can Package
G
1
2
3
H
J
L
A
D
B
DIM
MIN
MAX
A
5.24
5.84
B
4.52
4.97
C
4.31
5.33
D
0.40
0.53
E
0.76
F
1.27
G
2.97
H
0.91
1.17
J
0.71
1.21
K
12.70
L
45 DEG
PIN CONFIGURATION
1. EMITTER
2. BASE
3. COLLECTOR
1
2
3
TO-18
1K/polybag
350 gm/1K pcs
3" x 7.5" x 7.5"
5K
17" x 15" x 13.5"
80K
34 kgs
PACKAGE
Net Weight/Qty
Details
STANDARDPACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
Continental Device India Limited
Data Sheet
Page 3 of 4


Similar Part No. - BC108A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC108A SIEMENS-BC108A Datasheet
263Kb / 8P
   npn sisicon transistor
logo
Comset Semiconductor
BC108A COMSET-BC108A Datasheet
81Kb / 3P
   LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
More results

Similar Description - BC108A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
2N2218 SIEMENS-2N2218 Datasheet
155Kb / 6P
   NPN Silicon Planar Transistors
BSX48 SIEMENS-BSX48 Datasheet
126Kb / 4P
   NPN SILICON PLANAR TRANSISTORS
BCY58 SIEMENS-BCY58 Datasheet
133Kb / 4P
   npn silicon planar transistors
BF469 SIEMENS-BF469 Datasheet
83Kb / 3P
   NPN SILICON PLANAR TRANSISTORS
BSX45 SIEMENS-BSX45 Datasheet
277Kb / 8P
   NPN SILICON PLANAR TRANSISTORS
BSX62 SIEMENS-BSX62 Datasheet
167Kb / 5P
   NPN SILICON PLANAR TRANSISTORS
BSY34 SIEMENS-BSY34 Datasheet
158Kb / 5P
   NPN SILICON PLANAR TRANSISTORS
logo
Continental Device Indi...
BC171 CDIL-BC171 Datasheet
221Kb / 4P
   NPN SILICON PLANAR TRANSISTORS
logo
Siemens Semiconductor G...
2N2220 SIEMENS-2N2220 Datasheet
45Kb / 2P
   NPN Silicon Planar Transistors
logo
Continental Device Indi...
CIL351 CDIL-CIL351 Datasheet
137Kb / 3P
   NPN SILICON PLANAR TRANSISTORS
2N930 CDIL-2N930 Datasheet
252Kb / 4P
   NPN SILICON PLANAR TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com