Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M3901615-033L Datasheet(PDF) 4 Page - Teledyne Technologies Incorporated

Part # M3901615-033L
Description  ESTABLISHED RELIABILITY TO-5 RELAYS DPDT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

M3901615-033L Datasheet(HTML) 4 Page - Teledyne Technologies Incorporated

  M3901615-033L Datasheet HTML 1Page - Teledyne Technologies Incorporated M3901615-033L Datasheet HTML 2Page - Teledyne Technologies Incorporated M3901615-033L Datasheet HTML 3Page - Teledyne Technologies Incorporated M3901615-033L Datasheet HTML 4Page - Teledyne Technologies Incorporated M3901615-033L Datasheet HTML 5Page - Teledyne Technologies Incorporated M3901615-033L Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Pad designation and
bottom view dimensions
Height
For use with the following:
Dim. H
Max.
“M4” Pad for TO-5
ER411T
ER412, ER412D, ER412DD
.295 (7.49)
712, 712D, 712TN,
RF300, RF310, RF320
.300 (7.62)
ER420, ER422D, ER420DD, 421,
ER421D, ER421DD, ER422, ER422D,
ER422DD, 722, 722D, RF341
.305 (7.75)
ER431T, ER432T,
ER432, ER432D, ER432DD
.400 (10.16)
732, 732D, 732TN, RF303, RF313,
RF323
.410 (10.41)
RF312
.350 (8.89)
“M4” Pad for TO-5
ER411, ER411D, ER411DD
.295 (7.49)
ER431, ER431D, ER431DD
.400 (10.16)
RF311
.300 (7.62)
RF331
.410 (10.41)
“M4” Pad for Centigrid®
172, 172D
.305 (7.75)
ER114, ER114D, ER114DD,
J114, J114D, J114DD
.300 (7.62)
ER134, ER134D, ER134DD,
J134, J134D, J134DD
.400 (10.16)
RF100
.315 (8.00)
RF103
.420 (10.67)
“M9” Pad for Centigrid®
122C, A152
.320 (8.13)
ER116C, J116C
.300 (7.62)
ER136C, J136C
.400 (10.16)
RF180
.325 (8.25)
A150
.305 (7.75)
Notes:
1. Spacer pad material: Polyester ¿lm.
2. To specify an “M4” or “M9” spacer pad, refer to the mounting variants portion of the part numbering
example in the applicable datasheet.
3. Dimensions are in inches (mm).
4. Unless otherwise speci¿ed, tolerance is ± .010 (.25).
5. Add 10 m
to the contact resistance show in the datasheet.
6. Add 0.01 oz. (0.25 g) to the weight of the relay assembly shown in the datasheet.
Ø.150
[3.81]
(REF)
Dim
H
MAX
Dim
H
MAX
Dim
H
MAX
.156
[3.96]
(REF)
.256
[6.5]
(REF)
Dim
H
MAX
Appendix A: Spacer Pads
© 2008 Teledyne Relays
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE


Similar Part No. - M3901615-033L

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
M3901618-042M CPI-M3901618-042M Datasheet
27Kb / 1P
   CUSTOMER DATA SHEET
More results

Similar Description - M3901615-033L

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
J412-12WM TELEDYNE-J412-12WM Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS DPDT
420 TELEDYNE-420 Datasheet
748Kb / 6P
   TO-5 RELAYS ESTABLISHED RELIABILITY MILITARY DPDT
07/2021
J412D-12M TELEDYNE-J412D-12M Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
M390169-074L TELEDYNE-M390169-074L Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-26WL TELEDYNE-J412D-26WL Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Willow Technologies Ltd
432 WILLOW-432 Datasheet
152Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Teledyne Technologies I...
ER412-26A TELEDYNE-ER412-26A Datasheet
152Kb / 7P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412T-5WL TELEDYNE-J412T-5WL Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Willow Technologies Ltd
412 WILLOW-412 Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
431 WILLOW-431 Datasheet
143Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com