Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM7008 Datasheet(PDF) 1 Page - Visual Communications Company

Part # CM7008
Description  Wire Terminal (standard)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CM7008 Datasheet(HTML) 1 Page - Visual Communications Company

  CM7008 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
C -2R
C -2F
C -2R
C -2R
C -2R
C -2R
100,000
10,000
5,000
10,000
10,000
5,000
.030
.020
.020
.001
.100
.210
.060
.024
.015
.013
.100
.320
3.0
3.0
3.0
3.0
2.50
2.50
C M7207
C M7206
C M7205
C M2128
C M8732
C M8711
Number
P art
V oltage
Des ign
A mps
MS C P
Hours
L ife
T ype
F ilament
C M8798
C M8910
C M7201
C M7202
C M7203
C M7018
C M8601
2.50
2.50
1.50
1.50
1.50
1.35
1.25
.015
.320
.075
.066
.015
.220
.012
.001
.210
.030
.015
.010
.020
.004
10,000
10,000
16,000
100,000
5,000
25,000
1,000
C -2R
C -2R
C -2R
C -2R
C -2R
C -2R
C -6
C -2R
C -2R
16,000
16,000
.001
.150
.008
.120
3.0
3.0
C M8846
C M7208
C -2R
C -2F
C -2F
C -2R
C -2R
C -2V
15,000
16,000
10,000
40,000
25,000
10,000
.150
.030
.020
.150
.090
.010
.080
.030
.015
.115
.075
.015
5.0
5.0
5.0
5.0
5.0
5.0
C M7211
C M7210
C M7209
C M7151
C M7131
C M7019
C M6150
C M6212
C M6801
C M6830
C M6831
C M7007
C M7008
5.0
5.0
5.0
5.0
5.0
5.0
5.0
.064
.064
.060
.060
.060
.080
.060
.080
.080
.050
.050
.030
.150
.150
40,000
40,000
25,000
25,000
100,000
15,000
5,000
C -2R
C -2R
C -2R
C -2R
C -2R
C -2R
C -2R
C -2R
C -2R
5,000
5,000
.200
.200
.115
.115
5.0
5.0
C M7213
C M7212
MIN.
1.00
MAX.
.250
MAX.
.125
C -2R
C -2R
C -2R
C -2R
C -2R
C -2R
C -2R
60,000
25,000
25,000
40,000
10,000
5,000
10,000
.030
.050
.090
.150
.030
.200
.030
.060
.060
.075
.115
.021
.115
.021
5.0
5.0
5.0
5.0
5.0
5.0
5.0
C M6022
C M3211
C M3022
C M715
C M713
C M683
C M680
T-1 Wire Terminal (standard)


Similar Part No. - CM7008

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM7008 CML-CM7008 Datasheet
225Kb / 1P
   T-1 Wire Terminal (standard)
More results

Similar Description - CM7008

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM6151 CML-CM6151 Datasheet
226Kb / 1P
   T-1 Wire Terminal (standard)
CM8798 CML-CM8798 Datasheet
225Kb / 1P
   T-1 Wire Terminal (standard)
CM1739 CML-CM1739 Datasheet
219Kb / 1P
   T-1 3/4 Wire Terminal (standard)
logo
TE Connectivity Ltd
31945 TEC-31945 Datasheet
32Kb / 1P
   WIRE TERMINAL STANDARD B-KNIFE DISCONNECT WIRE SIZE 12-10
logo
CamdenBoss Ltd.
CTBP2050 CAMDENBOSS-CTBP2050 Datasheet
389Kb / 1P
   10mm pitch standard profile 90° wire protector terminal blocks
logo
Visual Communications C...
CM2135 VCC-CM2135 Datasheet
52Kb / 1P
   Wire Terminal
logo
Tyco Electronics
52403 MACOM-52403 Datasheet
57Kb / 1P
   WIRE TERMINAL PIDG
36485 MACOM-36485 Datasheet
52Kb / 1P
   WIRE TERMINAL P.I.D.G
logo
American Electronic Com...
DG55 AEC-DG55 Datasheet
248Kb / 3P
   Industry standard terminal arrangement
logo
Adam Technologies, Inc.
TDK-XX-FH ADAM-TECH-TDK-XX-FH Datasheet
157Kb / 1P
   FUSED TERMINAL EURO STANDARD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com