Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ULCD-220RD Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ULCD-220RD
Description  1.38 DIABLO16 Round TFT LCD Intelligent Display Module
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ULCD-220RD Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ULCD-220RD Datasheet HTML 1Page - List of Unclassifed Manufacturers ULCD-220RD Datasheet HTML 2Page - List of Unclassifed Manufacturers ULCD-220RD Datasheet HTML 3Page - List of Unclassifed Manufacturers ULCD-220RD Datasheet HTML 4Page - List of Unclassifed Manufacturers ULCD-220RD Datasheet HTML 5Page - List of Unclassifed Manufacturers ULCD-220RD Datasheet HTML 6Page - List of Unclassifed Manufacturers ULCD-220RD Datasheet HTML 7Page - List of Unclassifed Manufacturers ULCD-220RD Datasheet HTML 8Page - List of Unclassifed Manufacturers ULCD-220RD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4D SYSTEMS
uLCD-70DT Display Module
© 2014 4D SYSTEMS
Page 4 of 22
www.4dsystems.com.au
1. Description
The uLCD-220RD is a unique 1.38” Round LCD
Intelligent Display Module powered by the 4D
Systems’ DIABLO16 Graphics Processor.
The uLCD-220RD is designed for applications such
as gauges and instruments or for special
applications such as robotics.
The 1.38” Round LCD on the uLCD-220RD has a
diameter of 220 pixels, however since the display is
round there is only ever 110 pixels from the centre
of the display, in any given direction. The pixels are
in a round configuration instead of the normal
square configuration found on other TFT LCD
Displays.
Driving the display and peripherals is the DIABLO16
processor, a very capable and powerful chip which
enables stand-alone functionality, programmed
using the 4D Systems Workshop 4 IDE Software.
The Workshop IDE enables graphic solutions to be
constructed rapidly and with ease due to its design
being solely for 4D’s graphics processors.
The DIABLO16 Processor offers considerable FLASH
and RAM upgrades over the PICASO processor, and
also provides mappable functions such as I2C, SPI,
Serial, PWM, Pulse Out, and Quadrature Input, to
various GPIO, and also provide up to 4 Analog Input
channels.
The display module has an array of features
including PWM for Sound, Touch Detection, micro-
SD memory storage, general purpose I/O including
Analog Inputs, multiple TTL Serial, I2C and SPI
channels and multiple millisecond resolution
timers, amongst many more features.
Anything that has been designed in the past to run
on a PICASO Processor can theoretically run on this
DIABLO16 Module with minor changes. Please
ensure you contact the 4D Systems’ support team if
unsure if upgrading from a PICASO product and
wanting to design with or change over to this uLCD-
220RD Module.
The uLCD-220RD features a 30 way 2.54mm pitch
male pin header, where all of the IO available on the
Diablo16 processor have been broken out for the
User. It also features a 10 way 2.54mm pitch male
pin header which is common to a majority of 4D
Systems’ display modules, and is used for
programming the module with our Workshop4 IDE,
using a 4D Programming Cable or Adaptor.
2. Features
• Powerful 1.38” Intelligent LCD-TFT display
module powered by DIABLO16.
• 220 x 220 Resolution (Round), RGB 65K true to
life colours with LED Backlight.
• Easy 5 pin interface to any TTL Serial Host:
VCC, TX, RX, GND, RESET
• 6 banks of 32750 bytes of Flash memory for User
Application Code and Data
• 32Kb of SRAM purely for the User.
• 16 General Purpose I/O pins for user interfacing,
which include 4 configurable Analog Inputs.
• The GPIO is variously configurable for alternative
functions such as:
3x I2C channels available
1x SPI dedicated for SD Card and 3x
configurable SPI channels available
1x dedicated and 3x configurable TTL Serial
comm ports available
Up to 6 GPIO can be used as Pin Counters
Up to 6 GPIO for PWM (simple and Servo)
Up to 10 GPIO for Pulse Output
Up to 14 GPIO can be configured for
Quadrature Encoder Inputs (2 channels)
• On-board micro-SD memory card connector for
multimedia storage and data logging purposes.
• DOS compatible file access (FAT16 format) as
well as low level access to card memory.
• Dedicated filtered PWM Audio pin driven by
WAV files from micro-SD card, and external
amplifier enable pin allows easy connection to an
external amplifier for audio playback.
• Display full colour images, animations, icons and
video clips on chosen 4D Systems display.
• Supports all available Windows fonts.
• 4.0V to 5.5V range operation (single supply).
• Module dimensions: 42.4 x 46.9 x 14.1mm
• Weight ~15 g.
• Display Viewing Area: Round 35.1mm Diam
• RoHS Compliant.
• CE Compliant.


Similar Part No. - ULCD-220RD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULCD-24-PTU-AR ETC2-ULCD-24-PTU-AR Datasheet
415Kb / 10P
   Arduino Display Module Pack Display Module
ULCD-24-PTU-PI ETC2-ULCD-24-PTU-PI Datasheet
484Kb / 9P
   Raspberry Pi Display Module Pack Featuring a 2.4
ULCD-24PT(GFX) ETC2-ULCD-24PT(GFX) Datasheet
1Mb / 23P
   2.4??LCD Display Module
ULCD-24PT(SGC) ETC2-ULCD-24PT(SGC) Datasheet
1Mb / 22P
   2.4??Serial LCD Display Module
ULCD-24PTU ETC2-ULCD-24PTU Datasheet
2Mb / 21P
   2.4??microLCD PICASO Display
More results

Similar Description - ULCD-220RD

ManufacturerPart #DatasheetDescription
logo
4D Systems Pty Ltd
ULCD-90D 4DSYSTEMS-ULCD-90D Datasheet
4Mb / 26P
   9.0 DIABLO16 INTELLIGENT DISPLAY MODULE
18 th March 2021/REVISION: 1. 2
logo
List of Unclassifed Man...
ULCD-35DT ETC2-ULCD-35DT Datasheet
1Mb / 25P
   3.5 DIABLO16 Intelligent Display Module
ULCD-70DT ETC2-ULCD-70DT Datasheet
2Mb / 22P
   7.0??DIABLO16 Intelligent Display Module
logo
Crystalfontz America, I...
CFAM1280800B0-101R CRYSTAIFONTZ-CFAM1280800B0-101R Datasheet
566Kb / 10P
   HDMI TFT LCD DISPLAY MODULE
CFAM1280800A0-101C CRYSTAIFONTZ-CFAM1280800A0-101C Datasheet
567Kb / 10P
   HDMI TFT LCD DISPLAY MODULE
CFAM1280800A0-101N CRYSTAIFONTZ-CFAM1280800A0-101N Datasheet
589Kb / 10P
   HDMI TFT LCD DISPLAY MODULE
logo
Hantronix,Inc
HDA350T-3S HANTRONIX-HDA350T-3S Datasheet
1Mb / 15P
   QVGA, TFT COLOR GRAPHICS LCD DISPLAY MODULE
HDA350-2G HANTRONIX-HDA350-2G Datasheet
454Kb / 19P
   QVGA, TFT COLOR GRAPHICS LCD DISPLAY MODULE
HDA280-3S HANTRONIX-HDA280-3S Datasheet
1Mb / 14P
   240X320 , TFT COLOR GRAPHICS LCD DISPLAY MODULE
HDA570S-V HANTRONIX-HDA570S-V_15 Datasheet
44Kb / 3P
   5.7 TFT QVGA COLOR LCD DISPLAY MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com