Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG79XXAG883B Datasheet(PDF) 2 Page - Microsemi Corporation

Part # SG79XXAG883B
Description  Negative Fixed Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG79XXAG883B Datasheet(HTML) 2 Page - Microsemi Corporation

  SG79XXAG883B Datasheet HTML 1Page - Microsemi Corporation SG79XXAG883B Datasheet HTML 2Page - Microsemi Corporation SG79XXAG883B Datasheet HTML 3Page - Microsemi Corporation SG79XXAG883B Datasheet HTML 4Page - Microsemi Corporation SG79XXAG883B Datasheet HTML 5Page - Microsemi Corporation SG79XXAG883B Datasheet HTML 6Page - Microsemi Corporation SG79XXAG883B Datasheet HTML 7Page - Microsemi Corporation SG79XXAG883B Datasheet HTML 8Page - Microsemi Corporation SG79XXAG883B Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SG79xxA / SG79xx
PRODUCT DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 1997
Rev. 1.6, 2010-07-16
Negative Fixed Voltage Regulator
TM
®
ABSOLUTE MAXIMUM RATINGS
Device Output Voltage
Input Voltage
Input Voltage Differential
(Output Shorted to Ground)
-5V
-35V
35V
-12V
-35V
35V
-15V
-40V
35V
Operating Junction Temperature .........................................................................................................................................................150°C
Storage Temperature Range ................................................................................................................................................. -65
°C to 150°C
Lead Temperature (Soldering 10 seconds) ..........................................................................................................................................300
°C
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground. Currents are positive into, negative out of
specified terminal
.
THERMAL DATA
K
TO-3 3-Pin Metal Can
THERMAL RESISTANCE
-JUNCTION TO CASE,
θ
JC
3.0
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
35
°C/W
T
TO-39 3-Pin Metal Can
THERMAL RESISTANCE
-JUNCTION TO CASE,
θ
JC
15
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
120
°C/W
G
TO-257 3-Pin Hermetic
THERMAL RESISTANCE
-JUNCTION TO CASE,
θ
JC
3.5
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
42
°C/W
IG
TO-257 3-Pin Hermetic (Isolated)
THERMAL RESISTANCE
-JUNCTION TO CASE,
θ
JC
4.0
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
42
°C/W
L
Leadless Chip Carrier 20-Pin Ceramic
THERMAL RESISTANCE
-JUNCTION TO CASE,
θ
JC
35
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
120
°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board system. All of the above assume no ambient airflow.


Similar Part No. - SG79XXAG883B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG79xxAG MICROSEMI-SG79xxAG Datasheet
417Kb / 9P
   Negative Fixed Voltage Regulator
SG79XXAG MICROSEMI-SG79XXAG Datasheet
1Mb / 12P
   Negative Fixed Voltage Regulator
SG79XXAG-883B MICROSEMI-SG79XXAG-883B Datasheet
1Mb / 12P
   Negative Fixed Voltage Regulator
SG79xxAG/883B MICROSEMI-SG79xxAG/883B Datasheet
417Kb / 9P
   Negative Fixed Voltage Regulator
More results

Similar Description - SG79XXAG883B

ManufacturerPart #DatasheetDescription
logo
AUK corp
S79XXPI AUK-S79XXPI Datasheet
270Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Micro Electronics
SG7900A MICRO-ELECTRONICS-SG7900A Datasheet
175Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
AUK corp
S79XXPIC AUK-S79XXPIC_1 Datasheet
301Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG79XXA MICROSEMI-SG79XXA Datasheet
1Mb / 12P
   Negative Fixed Voltage Regulator
SG120 MICROSEMI-SG120 Datasheet
167Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
AUK corp
S79XXPIC AUK-S79XXPIC Datasheet
271Kb / 8P
   Fixed-Negative-Voltage Regulator
S79XXPI AUK-S79XXPI_1 Datasheet
302Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG7900A MICROSEMI-SG7900A Datasheet
375Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG120 MICROSEMI-SG120_1 Datasheet
379Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG79XXA MICROSEMI-SG79XXA_10 Datasheet
417Kb / 9P
   Negative Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com