Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM24EP128 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RM24EP128
Description  32/64/128-Kbit 2.7V Minimum Sterilization-Tolerant Boot Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RM24EP128 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RM24EP128 Datasheet HTML 1Page - List of Unclassifed Manufacturers RM24EP128 Datasheet HTML 2Page - List of Unclassifed Manufacturers RM24EP128 Datasheet HTML 3Page - List of Unclassifed Manufacturers RM24EP128 Datasheet HTML 4Page - List of Unclassifed Manufacturers RM24EP128 Datasheet HTML 5Page - List of Unclassifed Manufacturers RM24EP128 Datasheet HTML 6Page - List of Unclassifed Manufacturers RM24EP128 Datasheet HTML 7Page - List of Unclassifed Manufacturers RM24EP128 Datasheet HTML 8Page - List of Unclassifed Manufacturers RM24EP128 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
RM24EP
DS-RM24EP–048C–6/2014
2.
Pin/Signal Descriptions
Table 2-1.
Pin/Signal Descriptions
2.1
Pin Out Diagram
Symbol
Pin #
Name/Function
Description
E0
1
LSB - Least Significant Bit,
External Enable
LSB of the three external enable bits (E0, E1 and E2). The levels of
the external enable bits are compared with three enable bits in the
received control byte to provide device selection. The device is
selected if the comparison is true. Up to eight devices may be
connected to the same bus by using different E0, E1, E2
combinations.
E1
2
External Enable
The middle of the three external enable bits (E0, E1 and E2). The
levels of the enable bits are compared with three enable bits in the
received control byte to provide device selection. Also see the E0,
E2 pin.
E2
3
MSB - Most Significant Bit,
External Enable
MSB of the three external enable bits (E0, E1 and E2). The levels
of the enable bits are compared with three enable bits in the
received control byte to provide device selection. Also see the E0,
E1 pin.
GND
4
Ground
SDA
5
Serial Data
Bidirectional pin used to transfer addresses and data into and data
out of the device. It is an open-drain terminal, and therefore
requires a pull-up resistor to VCC. Typical pull-up resistors are:
10KΩ for 100KHz, and 2KΩ for 400KHz and 1MHz.
For normal data transfer, SDA is allowed to change only during SCL
low. Changes during SCL high are reserved for indicating the
START and STOP conditions.
SCL
6
Serial Clock
This input is used to synchronize the data transfer from and to the
device. SCL is an input only, since it is a slave-only device.
WP
7
Write Protect
Connect to either VCC or GND. If pulled low, write operations are
enabled. If pulled high, write operations are inhibited, but read
operations are not affected.
Vcc
8
Power
Power supply pin


Similar Part No. - RM24EP128

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
RM24150 CANDD-RM24150 Datasheet
425Kb / 4P
   150 AMP MODULAR SWITCHED MODE RECTIFIER
RM24150 CANDD-RM24150 Datasheet
130Kb / 4P
   MODULAR SWITCHED MODE RECTIFIER
logo
Hirose Electric
RM24BJA-15P HIROSE-RM24BJA-15P Datasheet
795Kb / 15P
   RM SERIES SHELL SIZE 12-31mm CIRCULAR CONNECTORS
RM24BJA-15P HIROSE-RM24BJA-15P Datasheet
774Kb / 13P
   RM SERIES SHELL SIZE 12-31mm CIRCULAR CONNECTORS
RM24BJA-15S HIROSE-RM24BJA-15S Datasheet
795Kb / 15P
   RM SERIES SHELL SIZE 12-31mm CIRCULAR CONNECTORS
More results

Similar Description - RM24EP128

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25F512B ETC2-AT25F512B_12 Datasheet
762Kb / 34P
   512-Kbit 2.7V Minimum SPI Serial Falsh Memory
logo
STMicroelectronics
M24128 STMICROELECTRONICS-M24128 Datasheet
289Kb / 34P
   128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
M24128 STMICROELECTRONICS-M24128_08 Datasheet
350Kb / 39P
   128 Kbit, 64 Kbit and 32 Kbit serial I짼C bus EEPROM
M24128 STMICROELECTRONICS-M24128_07 Datasheet
347Kb / 38P
   128 Kbit, 64 Kbit and 32 Kbit serial I짼C bus EEPROM
logo
ATMEL Corporation
AT25DF641A ATMEL-AT25DF641A Datasheet
1Mb / 57P
   64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
Renesas Technology Corp
AT25DF321A RENESAS-AT25DF321A Datasheet
1Mb / 51P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
02/2019
logo
List of Unclassifed Man...
AT25DF321A ETC2-AT25DF321A Datasheet
1Mb / 53P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
ATMEL Corporation
AT25DF321A ATMEL-AT25DF321A_10 Datasheet
2Mb / 52P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF641A ETC2-AT25DF641A Datasheet
2Mb / 58P
   64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual.I/O Support
logo
Dallas Semiconductor
DS2506 DALLAS-DS2506 Datasheet
558Kb / 25P
   64-kbit Add-Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com