Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM24EP64 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RM24EP64
Description  32/64/128-Kbit 2.7V Minimum Sterilization-Tolerant Boot Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RM24EP64 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RM24EP64 Datasheet HTML 1Page - List of Unclassifed Manufacturers RM24EP64 Datasheet HTML 2Page - List of Unclassifed Manufacturers RM24EP64 Datasheet HTML 3Page - List of Unclassifed Manufacturers RM24EP64 Datasheet HTML 4Page - List of Unclassifed Manufacturers RM24EP64 Datasheet HTML 5Page - List of Unclassifed Manufacturers RM24EP64 Datasheet HTML 6Page - List of Unclassifed Manufacturers RM24EP64 Datasheet HTML 7Page - List of Unclassifed Manufacturers RM24EP64 Datasheet HTML 8Page - List of Unclassifed Manufacturers RM24EP64 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DS-RM24EP–048C–6/2014
Features
Gamma Radiation Tolerance: 50 kGy
e-Beam Sterilization Tolerance: 50 kGy
Memory array: 32-Kbit, 64-Kbit, and 128-Kbit EEPROM-compatible boot memory
Single supply voltage: 2.7V - 3.6V
2-wire I2C interface
Compatible with I2C bus modes:
-100kHz
-400kHz
-1MHz
Page size: 32 byte / 64 byte
-Byte and Page Write from 1 to 32 or 64 bytes
-Byte Write within 50µs
-Page Write within 1ms
Random and sequential Read modes
Write protect of the whole memory array
RoHS-compliant and halogen-free packaging
Based on Adesto's proprietary CBRAM® technology
Description
The RM24EP I2C EEPROM-compatible family of gamma-tolerant boot memory is
comprised of devices with densities of 32 Kbit, 64 Kbit and 128 Kbit utilizing Adesto's
CBRAM resistive memory technology. The memory devices use a single low-voltage
supply ranging from 2.7V to 3.6V.
The Adesto® I2C device is accessed through a 2-wire I2C compatible interface
consisting of a Serial Data (SDA) and Serial Clock (SCL). The maximum clock (SCL)
frequency is 1MHz.
The devices have both byte write and page write capability. Page write is up to 32/64
bytes.
Both random and sequential reads are available. Sequential reads are capable of
reading the entire memory in one operation.
External address pins permit up to eight devices on the same data bus. The devices
are available in standard 8-pin SOIC packages.
RM24EP32 | RM24EP64 | RM24EP128
32/64/128-Kbit 2.7V Minimum
Sterilization-Tolerant Boot Memory
I2C Bus
Preliminary Datasheet


Similar Part No. - RM24EP64

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
RM24150 CANDD-RM24150 Datasheet
425Kb / 4P
   150 AMP MODULAR SWITCHED MODE RECTIFIER
RM24150 CANDD-RM24150 Datasheet
130Kb / 4P
   MODULAR SWITCHED MODE RECTIFIER
logo
Hirose Electric
RM24BJA-15P HIROSE-RM24BJA-15P Datasheet
795Kb / 15P
   RM SERIES SHELL SIZE 12-31mm CIRCULAR CONNECTORS
RM24BJA-15P HIROSE-RM24BJA-15P Datasheet
774Kb / 13P
   RM SERIES SHELL SIZE 12-31mm CIRCULAR CONNECTORS
RM24BJA-15S HIROSE-RM24BJA-15S Datasheet
795Kb / 15P
   RM SERIES SHELL SIZE 12-31mm CIRCULAR CONNECTORS
More results

Similar Description - RM24EP64

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25F512B ETC2-AT25F512B_12 Datasheet
762Kb / 34P
   512-Kbit 2.7V Minimum SPI Serial Falsh Memory
logo
STMicroelectronics
M24128 STMICROELECTRONICS-M24128 Datasheet
289Kb / 34P
   128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
M24128 STMICROELECTRONICS-M24128_08 Datasheet
350Kb / 39P
   128 Kbit, 64 Kbit and 32 Kbit serial I짼C bus EEPROM
M24128 STMICROELECTRONICS-M24128_07 Datasheet
347Kb / 38P
   128 Kbit, 64 Kbit and 32 Kbit serial I짼C bus EEPROM
logo
ATMEL Corporation
AT25DF641A ATMEL-AT25DF641A Datasheet
1Mb / 57P
   64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
Renesas Technology Corp
AT25DF321A RENESAS-AT25DF321A Datasheet
1Mb / 51P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
02/2019
logo
List of Unclassifed Man...
AT25DF321A ETC2-AT25DF321A Datasheet
1Mb / 53P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
ATMEL Corporation
AT25DF321A ATMEL-AT25DF321A_10 Datasheet
2Mb / 52P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF641A ETC2-AT25DF641A Datasheet
2Mb / 58P
   64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual.I/O Support
logo
Dallas Semiconductor
DS2506 DALLAS-DS2506 Datasheet
558Kb / 25P
   64-kbit Add-Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com