Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM24EP64 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # RM24EP64
Description  32/64/128-Kbit 2.7V Minimum Sterilization-Tolerant Boot Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RM24EP64 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button RM24EP64 Datasheet HTML 6Page - List of Unclassifed Manufacturers RM24EP64 Datasheet HTML 7Page - List of Unclassifed Manufacturers RM24EP64 Datasheet HTML 8Page - List of Unclassifed Manufacturers RM24EP64 Datasheet HTML 9Page - List of Unclassifed Manufacturers RM24EP64 Datasheet HTML 10Page - List of Unclassifed Manufacturers RM24EP64 Datasheet HTML 11Page - List of Unclassifed Manufacturers RM24EP64 Datasheet HTML 12Page - List of Unclassifed Manufacturers RM24EP64 Datasheet HTML 13Page - List of Unclassifed Manufacturers RM24EP64 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
RM24EP
DS-RM24EP–048C–6/2014
10.2
Random Read
Random read operations allow the master to access any memory location in a random manner. To perform a Random
Read, first the address to be accessed must be set. This is done by sending the address to the device as part of a write
operation (R/W = 0). After the address is sent and acknowledged by the device, the master generates a START. This
terminates the write operation, but the address pointer will be set to the address sent. The master then issues the same
control byte as the write operation, but with the R/W bit set to 1. The device will acknowledge and transmit the 8-bit data
byte located at the address location written. The master will not acknowledge the transfer of the data byte, but will instead
generate a STOP condition, which causes the device to discontinue transmission. See Figure 10-2. After the Random
Read operation, the internal address counter will increment to the address location following the one that was just read.
Figure 10-2. Random Read
10.3
Sequential Read
Sequential read allows the whole memory contents to be serially read during one operation. Sequential Read is initiated
in the same way as a Random Read except that after the device transmits the first data byte, the master issues an
acknowledge instead of a STOP condition. This acknowledge from the master directs the device to transmit the next
sequentially addressed byte (See Figure 10-3). Following the final byte transmitted to the master, the master will not
generate an acknowledge, but will generate a STOP condition which causes the device to discontinue transmission.
To provide the Sequential Read, the device contains an internal address pointer which is incremented by one at each
acknowledge received by the master, and by the STOP condition.
Figure 10-3. Sequential Read


Similar Part No. - RM24EP64

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
RM24150 CANDD-RM24150 Datasheet
425Kb / 4P
   150 AMP MODULAR SWITCHED MODE RECTIFIER
RM24150 CANDD-RM24150 Datasheet
130Kb / 4P
   MODULAR SWITCHED MODE RECTIFIER
logo
Hirose Electric
RM24BJA-15P HIROSE-RM24BJA-15P Datasheet
795Kb / 15P
   RM SERIES SHELL SIZE 12-31mm CIRCULAR CONNECTORS
RM24BJA-15P HIROSE-RM24BJA-15P Datasheet
774Kb / 13P
   RM SERIES SHELL SIZE 12-31mm CIRCULAR CONNECTORS
RM24BJA-15S HIROSE-RM24BJA-15S Datasheet
795Kb / 15P
   RM SERIES SHELL SIZE 12-31mm CIRCULAR CONNECTORS
More results

Similar Description - RM24EP64

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25F512B ETC2-AT25F512B_12 Datasheet
762Kb / 34P
   512-Kbit 2.7V Minimum SPI Serial Falsh Memory
logo
STMicroelectronics
M24128 STMICROELECTRONICS-M24128 Datasheet
289Kb / 34P
   128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
M24128 STMICROELECTRONICS-M24128_08 Datasheet
350Kb / 39P
   128 Kbit, 64 Kbit and 32 Kbit serial I짼C bus EEPROM
M24128 STMICROELECTRONICS-M24128_07 Datasheet
347Kb / 38P
   128 Kbit, 64 Kbit and 32 Kbit serial I짼C bus EEPROM
logo
ATMEL Corporation
AT25DF641A ATMEL-AT25DF641A Datasheet
1Mb / 57P
   64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
Renesas Technology Corp
AT25DF321A RENESAS-AT25DF321A Datasheet
1Mb / 51P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
02/2019
logo
List of Unclassifed Man...
AT25DF321A ETC2-AT25DF321A Datasheet
1Mb / 53P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
ATMEL Corporation
AT25DF321A ATMEL-AT25DF321A_10 Datasheet
2Mb / 52P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF641A ETC2-AT25DF641A Datasheet
2Mb / 58P
   64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual.I/O Support
logo
Dallas Semiconductor
DS2506 DALLAS-DS2506 Datasheet
558Kb / 25P
   64-kbit Add-Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com